Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • GSA 6-R

  • AI
    The **GSA 6-R** is a specific type of **Solid State Relay (SSR)**, typically manufactured by companies like Celduc or similar industrial electronics firms. Unlike mechanical relays, these components use semiconductor technology to switch power. --- ### Core Electronic Components and Structure The GSA 6-R is composed of three main internal stages: | Stage | Component Type | Function | | :--- | :--- | :--- | | **Input (Control)** | LED / Optocoupler | Receives the DC control signal (typically 4-32V DC) and converts it to light. | | **Isolation** | Optical Barrier | Provides galvanic isolation (usually up to 4kV) between control and power circuits. | | **Output (Power)** | Dual Thyristors / Triac | The high-power semiconductor that switches the AC load on and off. | --- ### Key Technical Specifications The "6-R" designation usually refers to specific amperage and switching characteristics. * **Switching Type:** **Random Switching.** Unlike "Zero-Cross" relays, the GSA 6-R turns on immediately when the control signal is received. This is critical for inductive loads or phase-angle control applications. * **Load Voltage:** Typically rated for 24-280V AC or 24-600V AC depending on the sub-model. * **Load Current:** Rated for 6 Amps (as indicated by the "6" in the model name). * **Protection:** Often includes an internal **RC Snubber** circuit to protect the semiconductors from voltage spikes ($dv/dt$). --- ### Comparison: GSA 6-R vs. Standard Relays | Feature | GSA 6-R (SSR) | Electromagnetic Relay (EMR) | | :--- | :--- | :--- | | **Moving Parts** | None (Solid State) | Mechanical Armature/Coil | | **Lifespan** | Nearly infinite (no wear) | Limited by contact erosion | | **Switching Speed** | Microseconds (Very fast) | Milliseconds (Slow) | | **Acoustic Noise** | Silent | Audible "Click" | | **Heat Generation** | High (Requires heat sinking) | Low | --- ### Typical Wiring Diagram Concepts ```mermaid graph LR A[DC Control Input +] --> B[Internal Opto-LED] B --> C[DC Control Input -] D[AC Power Line] --> E[Thyristor Output] E --> F[Load] F --> G[AC Neutral] ``` --- ### Application Notes The GSA 6-R is most commonly used in: 1. **PID Temperature Control:** Where fast, frequent switching is required. 2. **Inductive Loads:** Motors or transformers where "Random" turn-on is preferred to avoid inrush current issues associated with zero-cross timing in specific phases. 3. **Medical Equipment:** Where silent operation and reliability are mandatory.
    ✨ Follow-up Questions
    • ⤷What is the difference between Random Switching and Zero-Cross Switching in SSRs?
    • ⤷ Does the GSA 6-R require an external heatsink for a 6A load?
    • ⤷ How do I test if a GSA 6-R relay has failed?