| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE4312 Datasheet
# Example questions:
➢ What type of cable does this connector specifically fit, according to the provided notes?
➢ What is the weight of the pe4312 connector in both pounds and grams?
➢ What material is used for the connector body, and what plating does it have?
# PE4312 MHV Female Bulkhead Connector
## Specifications
️· Connector Type: MHV Female
️· Mounting: Bulkhead
️· Attachment: Solder
️· Interface: Turret Terminal, .537 inch D hole
️· Impedance: 50 Ohms
️· MIL-STD: MIL-STD-348 compatible
## Mechanical Specifications
️· Length: 1.06 in [26.92 mm]
️· Width/Diameter: 0.625 in [15.88 mm]
️· Weight: 0.027 lbs [12.25 g]
## Material Specifications
️· Contact: Silver, QQ-S-365 plating
️· Insulation: PTFE
️· Body: Brass, Nickel plating (QQ-N-290)
## Notes
️· Dimensions are nominal.
️· Specifications subject to change.
️· Dimensions in inches [mm].
️· Compatible with MIL-C-17 and equivalent cables.
# PE4312 MHV Female Bulkhead Connector
## Specifications
️· Connector Type: MHV Female
️· Mounting: Bulkhead
️· Attachment: Solder
️· Interface: Turret Terminal, .537 inch D hole
️· Impedance: 50 Ohms
️· MIL-STD: MIL-STD-348 compatible
## Mechanical Specifications
️· Length: 1.06 in [26.92 mm]
️· Width/Diameter: 0.625 in [15.88 mm]
️· Weight: 0.027 lbs [12.25 g]
## Material Specifications
️· Contact: Silver, QQ-S-365 plating
️· Insulation: PTFE
️· Body: Brass, Nickel plating (QQ-N-290)
## Notes
️· Dimensions are nominal.
️· Specifications subject to change.
️· Dimensions in inches [mm].
️· Compatible with MIL-C-17 and equivalent cables.
| Part No. | PE4312 |
| Manufacturer | PASTERNACK |
| Size | 315 Kbytes |
| Pages | 3 pages |
| Description | MHV Female Bulkhead Mount Connector Solder Attachment |