| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE4490 Datasheet
# Example questions:
➢ What is the diameter of the hole for the solder cup interface?
➢ What is the operating temperature range for this n male bulkhead connector?
➢ What material is used for the connector body and what is its plating?
# PE4490 N Male Bulkhead Connector
## Specifications
️· Connector Type: N Male
️· Mounting: Bulkhead
️· Impedance: 50 Ohms
️· Interface Type: Solder Cup
️· Body Geometry: Straight
️· Attachment Method: Solder
️· Hole Size: .350 inch diameter
## Material & Plating
️· Contact: Silver, QQ-S-365 plating
️· Insulation: PTFE
️· Body: Brass, Nickel plating (QQ-N-290)
️· Coupling Nut: Brass, Nickel plating (QQ-N-290)
## Mechanical Characteristics
️· Length: 1.41 in [35.81 mm]
️· Width/Diameter: 0.8 in [20.32 mm]
️· Weight: 0.11 lbs [49.9 g]
## Environmental
️· Operating Temperature: -65 to +165 deg C
## Standards
️· Meets MIL-STD-348
## Notes
️· Designed to fit MIL-C-17 and equivalent cables.
️· All dimensions are nominal.
️· Specifications subject to change.
# PE4490 N Male Bulkhead Connector
## Specifications
️· Connector Type: N Male
️· Mounting: Bulkhead
️· Impedance: 50 Ohms
️· Interface Type: Solder Cup
️· Body Geometry: Straight
️· Attachment Method: Solder
️· Hole Size: .350 inch diameter
## Material & Plating
️· Contact: Silver, QQ-S-365 plating
️· Insulation: PTFE
️· Body: Brass, Nickel plating (QQ-N-290)
️· Coupling Nut: Brass, Nickel plating (QQ-N-290)
## Mechanical Characteristics
️· Length: 1.41 in [35.81 mm]
️· Width/Diameter: 0.8 in [20.32 mm]
️· Weight: 0.11 lbs [49.9 g]
## Environmental
️· Operating Temperature: -65 to +165 deg C
## Standards
️· Meets MIL-STD-348
## Notes
️· Designed to fit MIL-C-17 and equivalent cables.
️· All dimensions are nominal.
️· Specifications subject to change.
| Part No. | PE4490 |
| Manufacturer | PASTERNACK |
| Size | 317 Kbytes |
| Pages | 3 pages |
| Description | N Male Bulkhead Mount Connector Solder Attachment |