| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about NTE6251 Datasheet
# Example questions:
➢ How does the maximum dc reverse current change for each rectifier when the temperature increases from +25°c to +100°c?
➢ What is the difference in maximum rms voltage between the nte6251 and nte6252?
➢ Which rectifier, nte6251 or nte6252, has a faster maximum reverse recovery time, and what is that time in nanoseconds?
# NTE6251 & NTE6252 Silicon Rectifier
## Features
· Dual Rectifier Construction, Positive Center Tap
· Low Forward Voltage, High Current Capability
· Low Thermal Resistance
· Low Power Loss
## Electrical Characteristics
· Maximum Ratings:
- VRRM (Repetitive Peak Reverse Voltage): NTE6251: 200V, NTE6252: 600V
- VRMS (RMS Voltage): NTE6251: 140V, NTE6252: 420V
- VDC (DC Blocking Voltage): NTE6251: 200V, NTE6252: 600V
· Current and Voltage:
- IF(AV) (Average Forward Rectified Current): 30A
- IFSM (Peak Forward Surge Current): 300A
- VF (Instantaneous Forward Voltage): NTE6251: 0.95V, NTE6252: 1.5V
· Reverse Characteristics:
- IR (DC Reverse Current): 10µA @ 25°C, 500µA @ 100°C
- trr (Reverse Recovery Time): NTE6251: 35ns, NTE6252: 50ns
- CJ (Junction Capacitance): NTE6251: 175pF, NTE6252: 145pF
· Thermal & Temperature:
- RthJC (Thermal Resistance): 1.0°C/W
- TJ (Operating Junction Temperature): -55° to +150°C
- Tstg (Storage Temperature): -55° to +150°C
# NTE6251 & NTE6252 Silicon Rectifier
## Features
· Dual Rectifier Construction, Positive Center Tap
· Low Forward Voltage, High Current Capability
· Low Thermal Resistance
· Low Power Loss
## Electrical Characteristics
· Maximum Ratings:
- VRRM (Repetitive Peak Reverse Voltage): NTE6251: 200V, NTE6252: 600V
- VRMS (RMS Voltage): NTE6251: 140V, NTE6252: 420V
- VDC (DC Blocking Voltage): NTE6251: 200V, NTE6252: 600V
· Current and Voltage:
- IF(AV) (Average Forward Rectified Current): 30A
- IFSM (Peak Forward Surge Current): 300A
- VF (Instantaneous Forward Voltage): NTE6251: 0.95V, NTE6252: 1.5V
· Reverse Characteristics:
- IR (DC Reverse Current): 10µA @ 25°C, 500µA @ 100°C
- trr (Reverse Recovery Time): NTE6251: 35ns, NTE6252: 50ns
- CJ (Junction Capacitance): NTE6251: 175pF, NTE6252: 145pF
· Thermal & Temperature:
- RthJC (Thermal Resistance): 1.0°C/W
- TJ (Operating Junction Temperature): -55° to +150°C
- Tstg (Storage Temperature): -55° to +150°C
| Part No. | NTE6251 |
| Manufacturer | NTE |
| Size | 19 Kbytes |
| Pages | 2 pages |
| Description | Silicon Rectifier Dual, Positive Center Tap |