Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25B64CYIG
MfrGIGADEVICE
Size1Mb
Pages57 pages
Description3.3V Uniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. General Overview:

️· The GD25B64C is a 64Mb (8MB) SPI flash memory device.
️· It supports both Dual and Quad SPI modes.
️· It offers a wide range of features including security, status register protection, and driver strength control.

2. Key Features & Modes

️· Quad Enable (QE): Always enabled (set to 1) by default, enabling Quad IO2 and IO3.
️· Dual/Quad SPI: Supports dual and quad data output/input modes.
️· Status Register Protection (SRP): Offers three levels of protection:
- Software Protection (default): Status register writable after a Write Enable command.
- Power Supply Lock-Down: Requires a power cycle to unlock.
- One-Time Programmable: Permanent lock.
️· Block Protection (BP4-BP0): Software-controlled protection of memory blocks, preventing Page Program, Sector Erase, and Block Erase commands. Used in conjunction with the CMP bit.
️· CMP Bit: Allows more flexible control of memory protection in combination with BP4-BP0.
️· Write in Progress (WIP): Indicates if a write operation (program/erase/status register write) is in progress.
️· Write Enable Latch (WEL): Enables/disables write operations.
️· High Performance Mode (HPM): Enabled/disabled via the HPF bit.
️· Driver Strength Control (DRV1, DRV0): Adjusts the driver strength during read operations.
️· Security Registers (LB3, LB2, LB1): One-time programmable bits that control access to security registers.
️· Erase Suspend/Program Suspend: Allows for pausing and resuming erase and program operations (SUS1/SUS2 bits).

3. Status Register Details (S0-S15):

️· WEL (Write Enable Latch): Enables write operations.
️· WIP (Write In Progress): Indicates ongoing write operations.
️· BP4-BP0 (Block Protect): Define protected memory blocks.
️· CMP (Compare): Used in conjunction with BP bits for finer-grained protection.
️· SUS1/SUS2: Indicate Program/Erase Suspend status.
️· QE (Quad Enable): Always enabled (default).
️· SRP1/SRP0 (Status Register Protect): Control status register protection levels.
️· HPF (High Performance Flag): Indicates High Performance Mode status.
️· DRV1/DRV0 (Driver Strength): Control driver output strength.
️· LB3/LB2/LB1: One-time programmable bits for security register control.

4. Important Notes:

️· Some advanced features, such as the Power Supply Lock-Down and One-Time Programmable SRP options, may require special ordering.
️· The documentation covers a considerable number of configuration options, and it's important to refer to the full datasheet for complete details.



This summary should give you a good overview of the GD25B64C flash memory device. Let me know if you'd like me to clarify or expand on any specific aspect.
GD25B64CYIG Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25B64CYIG Datasheet.
    Example questions: ➤ What is the difference between cmp=0 and cmp=1 when determining memory protection, and how do these settings interact with the bp4-bp0 bits?➤ Describe the function of the srp1 and srp0 bits in the status register, and explain how they affect write protection of the status register itself.➤ Explain how the drv1 and drv0 bits can be used to modify the output driver strength during read operations, and what the potential benefits of reducing the driver strength might be.
  • Datasheet Details
    Part No.GD25B64CYIG
    ManufacturerGIGADEVICE
    Size1Mb
    Pages57 pages
    Description3.3V Uniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. General Overview:

    ️· The GD25B64C is a 64Mb (8MB) SPI flash memory device.
    ️· It supports both Dual and Quad SPI modes.
    ️· It offers a wide range of features including security, status register protection, and driver strength control.

    2. Key Features & Modes

    ️· Quad Enable (QE): Always enabled (set to 1) by default, enabling Quad IO2 and IO3.
    ️· Dual/Quad SPI: Supports dual and quad data output/input modes.
    ️· Status Register Protection (SRP): Offers three levels of protection:
    - Software Protection (default): Status register writable after a Write Enable command.
    - Power Supply Lock-Down: Requires a power cycle to unlock.
    - One-Time Programmable: Permanent lock.
    ️· Block Protection (BP4-BP0): Software-controlled protection of memory blocks, preventing Page Program, Sector Erase, and Block Erase commands. Used in conjunction with the CMP bit.
    ️· CMP Bit: Allows more flexible control of memory protection in combination with BP4-BP0.
    ️· Write in Progress (WIP): Indicates if a write operation (program/erase/status register write) is in progress.
    ️· Write Enable Latch (WEL): Enables/disables write operations.
    ️· High Performance Mode (HPM): Enabled/disabled via the HPF bit.
    ️· Driver Strength Control (DRV1, DRV0): Adjusts the driver strength during read operations.
    ️· Security Registers (LB3, LB2, LB1): One-time programmable bits that control access to security registers.
    ️· Erase Suspend/Program Suspend: Allows for pausing and resuming erase and program operations (SUS1/SUS2 bits).

    3. Status Register Details (S0-S15):

    ️· WEL (Write Enable Latch): Enables write operations.
    ️· WIP (Write In Progress): Indicates ongoing write operations.
    ️· BP4-BP0 (Block Protect): Define protected memory blocks.
    ️· CMP (Compare): Used in conjunction with BP bits for finer-grained protection.
    ️· SUS1/SUS2: Indicate Program/Erase Suspend status.
    ️· QE (Quad Enable): Always enabled (default).
    ️· SRP1/SRP0 (Status Register Protect): Control status register protection levels.
    ️· HPF (High Performance Flag): Indicates High Performance Mode status.
    ️· DRV1/DRV0 (Driver Strength): Control driver output strength.
    ️· LB3/LB2/LB1: One-time programmable bits for security register control.

    4. Important Notes:

    ️· Some advanced features, such as the Power Supply Lock-Down and One-Time Programmable SRP options, may require special ordering.
    ️· The documentation covers a considerable number of configuration options, and it's important to refer to the full datasheet for complete details.



    This summary should give you a good overview of the GD25B64C flash memory device. Let me know if you'd like me to clarify or expand on any specific aspect.