Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25VE16CEIG
MfrGIGADEVICE
Size1Mb
Pages60 pages
DescriptionUniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. Core Functionality & Operation Modes:

️· Device Type: GD25VE16C is a Flash Memory device.
️· Quad Mode: The device can operate in Quad mode for faster data transfer (controlled by the `QE` bit in the Status Register).
️· Standard SPI / Dual SPI: Operates in these modes when `QE=0`.
️· High Performance Mode (HPM): Exists, potentially influencing performance, controlled by the `HPF` bit.

2. Status Register Bits and Their Meanings

Bit Description Significance/Function
WIP Write In Progress Indicates if a program/erase operation is in progress. Device is busy if 1.
WEL Write Enable Latch Enables writing to the device (status register, program/erase). Must be 1 to write.
BP4-BP0 Block Protect Bits Non-volatile bits that define protected memory areas against Program/Erase commands. Used in conjunction with CMP.
SRP1-SRP0 Status Register Protect Bits Control how the status register can be written. Offers software, hardware, power supply lockdown, and OTP (One-Time Programmable) protection modes.
QE Quad Enable Enables Quad mode operation. Also affects WP# and HOLD# pin functionality. Should generally be 0 for standard SPI.
LB Lock Bit One-time programmable bit that locks the security registers, making them read-only.
CMP Compare Bit Used with the Block Protect bits to define protection. Affects which memory blocks are protected.
HPF High Performance Flag Indicates whether the device is operating in High Performance Mode.
SUS Suspend Bit Set by Erase/Program Suspend command; cleared by resume, reset, or power cycle.

3. Key Protection Mechanisms:

️· Block Protection (BP4-BP0): Software protection against program and erase commands on specific memory blocks.
️· Status Register Protection (SRP1-SRP0): Multiple levels of protection for the Status Register itself, ranging from easy modification to permanent lockout.
️· Security Registers: Can be locked down using the LB (Lock Bit) for read-only operation.

4. Important Considerations & Cautions:

️· `QE` Bit: Be very cautious about setting the `QE` bit to 1 (Quad mode) unless specifically intended.
️· Status Register Write Permissions: Pay close attention to the status register protection settings before attempting to modify the status register. Improper settings can render the device effectively unmodifiable.
️· One-Time Programmable (OTP) Features: The `LB` bit and other features are OTP, so their usage is permanent and irreversible.
️· CMP Bit: Understand how the CMP bit interacts with the BP bits for memory protection.

5. Summary Table:

Feature Default Value Function
Status Register Protect (SRP1,SRP0) (0,0) Software protected
CMP 0 Used with BP4-BP0 bits for memory protection
QE 0 Standard SPI operation
LB 0 Security Registers unlocked
HPF 0 Device not in High Performance Mode



This summary should provide a solid understanding of the GD25VE16C's capabilities and important operational details. Remember to consult the full datasheet for complete specifications and details.
GD25VE16CEIG Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25VE16CEIG Datasheet.
    Example questions: ➤ What is the function of the qe bit, and what should be considered when using it?➤ Explain the purpose of the wip bit and what a '1' value indicates.➤ What happens when the srp1 and srp0 bits are set to (1,0)?
  • Datasheet Details
    Part No.GD25VE16CEIG
    ManufacturerGIGADEVICE
    Size1Mb
    Pages60 pages
    DescriptionUniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. Core Functionality & Operation Modes:

    ️· Device Type: GD25VE16C is a Flash Memory device.
    ️· Quad Mode: The device can operate in Quad mode for faster data transfer (controlled by the `QE` bit in the Status Register).
    ️· Standard SPI / Dual SPI: Operates in these modes when `QE=0`.
    ️· High Performance Mode (HPM): Exists, potentially influencing performance, controlled by the `HPF` bit.

    2. Status Register Bits and Their Meanings

    Bit Description Significance/Function
    WIP Write In Progress Indicates if a program/erase operation is in progress. Device is busy if 1.
    WEL Write Enable Latch Enables writing to the device (status register, program/erase). Must be 1 to write.
    BP4-BP0 Block Protect Bits Non-volatile bits that define protected memory areas against Program/Erase commands. Used in conjunction with CMP.
    SRP1-SRP0 Status Register Protect Bits Control how the status register can be written. Offers software, hardware, power supply lockdown, and OTP (One-Time Programmable) protection modes.
    QE Quad Enable Enables Quad mode operation. Also affects WP# and HOLD# pin functionality. Should generally be 0 for standard SPI.
    LB Lock Bit One-time programmable bit that locks the security registers, making them read-only.
    CMP Compare Bit Used with the Block Protect bits to define protection. Affects which memory blocks are protected.
    HPF High Performance Flag Indicates whether the device is operating in High Performance Mode.
    SUS Suspend Bit Set by Erase/Program Suspend command; cleared by resume, reset, or power cycle.

    3. Key Protection Mechanisms:

    ️· Block Protection (BP4-BP0): Software protection against program and erase commands on specific memory blocks.
    ️· Status Register Protection (SRP1-SRP0): Multiple levels of protection for the Status Register itself, ranging from easy modification to permanent lockout.
    ️· Security Registers: Can be locked down using the LB (Lock Bit) for read-only operation.

    4. Important Considerations & Cautions:

    ️· `QE` Bit: Be very cautious about setting the `QE` bit to 1 (Quad mode) unless specifically intended.
    ️· Status Register Write Permissions: Pay close attention to the status register protection settings before attempting to modify the status register. Improper settings can render the device effectively unmodifiable.
    ️· One-Time Programmable (OTP) Features: The `LB` bit and other features are OTP, so their usage is permanent and irreversible.
    ️· CMP Bit: Understand how the CMP bit interacts with the BP bits for memory protection.

    5. Summary Table:

    Feature Default Value Function
    Status Register Protect (SRP1,SRP0) (0,0) Software protected
    CMP 0 Used with BP4-BP0 bits for memory protection
    QE 0 Standard SPI operation
    LB 0 Security Registers unlocked
    HPF 0 Device not in High Performance Mode



    This summary should provide a solid understanding of the GD25VE16C's capabilities and important operational details. Remember to consult the full datasheet for complete specifications and details.