Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25VQ16CSIG
MfrGIGADEVICE
Size1Mb
Pages59 pages
DescriptionUniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. Device Overview:

️· This document describes a GigaDevice flash memory chip (likely part of the GD25 series). It focuses on the functionality and operation of the device, especially relating to status register control and memory protection.

2. Status Register Bits & Functionality:


️· SUS (S15): Read-only. Set to 1 after a Suspend command (75h). Cleared by Resume command (7Ah) or power cycle.
️· CMP (S14): Read/Write. Used in conjunction with BP bits for memory protection. Default: 0.
️· HPF (S13): Read/Write. Indicates High Performance Mode. Default: 0.
️· QE (S10): Read/Write. Enables Quad operation. When 0, WP# and HOLD# are enabled. Default: 0.
️· LB (S10): Read/Write. One-Time Programmable. Locks Security Registers. Default: 0.
️· SRP1, SRP0 (S8, S7): Read/Write. Control write protection using WP# (hardware protect) or internal lockout. See table for details. Default: 0,0 (Software Protected).
️· BP4-BP0 (S4-S0): Read/Write. Block Protect bits. Define protected memory areas.
️· WEL (S1): Read/Write. Write Enable Latch. 1 = enabled, 0 = disabled.
️· WIP (S0): Read-only. Write-in-Progress. 1 = busy, 0 = idle.

3. Status Register Protection (SRP)

SRP1 SRP0 WP# Status Register Protection
0 0 X Software Protected (Default)
0 1 0 Hardware Protected
0 1 1 Hardware Unprotected
1 0 X Power Supply Lock-Down (Requires Power Cycle)
1 1 X One-Time Programmable (Permanent Lock - Special Order)

4. Block Protect and CMP:

️· The BP4-BP0 bits, along with the CMP bit, define protected memory areas. The specific configuration determines the size and location of protected sectors.
️· CMP = 0 is the default and provides more flexibility.
️· Chip Erase command requires BP2, BP1, and BP0 to be 0 and CMP=0.

5. Quad Enable (QE):

️· Enables Quad IO functionality.
️· When disabled (QE=0), WP# and HOLD# are functional.
️· Setting QE=1 enables Quad IO2 and IO3. It is suggested to keep this disabled to avoid potential issues with WP# and HOLD# pins.

6. Key Features and Considerations:

️· Security Registers: Controlled by the LB bit (One-Time Programmable).
️· Power Management: The SRP bits can be used for power supply lock-down (requires a power cycle to unlock).
️· Special Order Options: Some features, such as the One-Time Programmable (1,1) SRP configuration, require a special order.
GD25VQ16CSIG Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25VQ16CSIG Datasheet.
    Example questions: ➤ What is the function of the 'wip' bit in the status register, and what does it indicate?➤ Describe the purpose of the 'qe' bit and the implications of setting it to '1' versus leaving it at its default value of '0'.➤ Explain how the 'srp1' and 'srp0' bits, along with the state of the '#wp' pin, influence the write protection of the status register.
  • Datasheet Details
    Part No.GD25VQ16CSIG
    ManufacturerGIGADEVICE
    Size1Mb
    Pages59 pages
    DescriptionUniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. Device Overview:

    ️· This document describes a GigaDevice flash memory chip (likely part of the GD25 series). It focuses on the functionality and operation of the device, especially relating to status register control and memory protection.

    2. Status Register Bits & Functionality:


    ️· SUS (S15): Read-only. Set to 1 after a Suspend command (75h). Cleared by Resume command (7Ah) or power cycle.
    ️· CMP (S14): Read/Write. Used in conjunction with BP bits for memory protection. Default: 0.
    ️· HPF (S13): Read/Write. Indicates High Performance Mode. Default: 0.
    ️· QE (S10): Read/Write. Enables Quad operation. When 0, WP# and HOLD# are enabled. Default: 0.
    ️· LB (S10): Read/Write. One-Time Programmable. Locks Security Registers. Default: 0.
    ️· SRP1, SRP0 (S8, S7): Read/Write. Control write protection using WP# (hardware protect) or internal lockout. See table for details. Default: 0,0 (Software Protected).
    ️· BP4-BP0 (S4-S0): Read/Write. Block Protect bits. Define protected memory areas.
    ️· WEL (S1): Read/Write. Write Enable Latch. 1 = enabled, 0 = disabled.
    ️· WIP (S0): Read-only. Write-in-Progress. 1 = busy, 0 = idle.

    3. Status Register Protection (SRP)

    SRP1 SRP0 WP# Status Register Protection
    0 0 X Software Protected (Default)
    0 1 0 Hardware Protected
    0 1 1 Hardware Unprotected
    1 0 X Power Supply Lock-Down (Requires Power Cycle)
    1 1 X One-Time Programmable (Permanent Lock - Special Order)

    4. Block Protect and CMP:

    ️· The BP4-BP0 bits, along with the CMP bit, define protected memory areas. The specific configuration determines the size and location of protected sectors.
    ️· CMP = 0 is the default and provides more flexibility.
    ️· Chip Erase command requires BP2, BP1, and BP0 to be 0 and CMP=0.

    5. Quad Enable (QE):

    ️· Enables Quad IO functionality.
    ️· When disabled (QE=0), WP# and HOLD# are functional.
    ️· Setting QE=1 enables Quad IO2 and IO3. It is suggested to keep this disabled to avoid potential issues with WP# and HOLD# pins.

    6. Key Features and Considerations:

    ️· Security Registers: Controlled by the LB bit (One-Time Programmable).
    ️· Power Management: The SRP bits can be used for power supply lock-down (requires a power cycle to unlock).
    ️· Special Order Options: Some features, such as the One-Time Programmable (1,1) SRP configuration, require a special order.