| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about RFLPF16081G8D3T Datasheet
# Example questions:
➢ What is the specified taping quantity per 7' reel for this component?
➢ What is the specified high temperature and duration for the high temperature reliability test?
➢ What are the acceptable limits for metallization loss during the resistance to dissolution (leaching) test?
# RFLPF16081G8D3T Low Pass Filter
## Features
· Miniature Size: 1.6 x 0.8 x 0.5 mm
· Low Profile
· Low Insertion Loss
· LTCC Process
· RoHS Compliant, Halogen Free
## Applications
· 1710 – 1910 MHz RF Applications
· GSM, DCS, PCS, PHS
## Electrical Characteristics
· Frequency Range: 1710 ~ 1910 MHz
· Insertion Loss: 0.45 dB max (25°C), 0.55 dB max (-40°C ~ +85°C)
· VSWR: 2.0 max
· Impedance: 50 Ω
· Attenuation:
- 30 dB @ 3420 - 3570 MHz
- 25 dB @ 3700 - 3820 MHz
- 25 dB @ 5130 - 5730 MHz
· Operating Temperature: -40°C ~ +85°C
## Dimensions (mm)
· L: 1.60 ± 0.15
· W: 0.80 ± 0.15
· T: 0.50 max
· A: 0.45 ± 0.15
· B: 0.70 ± 0.15
· C: 0.20 ± 0.15
· D: 0.20 ± 0.15
· E: 0.25 ± 0.15
· F: 0.30 ± 0.15
## Pin Connections
1. Input Port
2. GND
3. Output Port
4. GND
## Reliability Tests
· Solderability, Leaching, Resistance to Soldering Heat, Drop Test, Adhesive Strength of Termination, Bending test, Temperature cycle, Vibration, High temperature, Humidity, Low temperature tests are specified.
· Details of conditions and specifications for each test are provided.
## Ordering Information
· RF LPF 1608 1G8 D 3 T (Walsin product code)
· Minimum Order Quantity: 4000 pcs/reel
## Packaging
· Paper Tape: Specified dimensions for Ao, Bo, ΦD, T, W, E, F, Po, P1, P2.
· Reel Dimensions: Φ178.0 x Φ60.0 x Φ13.0 (mm)
## Handling Cautions
· Limitation of applications for high-reliability systems.
· Storage recommendations:
- Use within 6 months of WALSIN inspection
- Temperature: -10 to +40°C
- Humidity: 30 to 70% RH
- Avoid corrosive gases.
- Store on a palette and protect from shock, vibration, direct sunlight, and ensure airtight packaging.
# RFLPF16081G8D3T Low Pass Filter
## Features
· Miniature Size: 1.6 x 0.8 x 0.5 mm
· Low Profile
· Low Insertion Loss
· LTCC Process
· RoHS Compliant, Halogen Free
## Applications
· 1710 – 1910 MHz RF Applications
· GSM, DCS, PCS, PHS
## Electrical Characteristics
· Frequency Range: 1710 ~ 1910 MHz
· Insertion Loss: 0.45 dB max (25°C), 0.55 dB max (-40°C ~ +85°C)
· VSWR: 2.0 max
· Impedance: 50 Ω
· Attenuation:
- 30 dB @ 3420 - 3570 MHz
- 25 dB @ 3700 - 3820 MHz
- 25 dB @ 5130 - 5730 MHz
· Operating Temperature: -40°C ~ +85°C
## Dimensions (mm)
· L: 1.60 ± 0.15
· W: 0.80 ± 0.15
· T: 0.50 max
· A: 0.45 ± 0.15
· B: 0.70 ± 0.15
· C: 0.20 ± 0.15
· D: 0.20 ± 0.15
· E: 0.25 ± 0.15
· F: 0.30 ± 0.15
## Pin Connections
1. Input Port
2. GND
3. Output Port
4. GND
## Reliability Tests
· Solderability, Leaching, Resistance to Soldering Heat, Drop Test, Adhesive Strength of Termination, Bending test, Temperature cycle, Vibration, High temperature, Humidity, Low temperature tests are specified.
· Details of conditions and specifications for each test are provided.
## Ordering Information
· RF LPF 1608 1G8 D 3 T (Walsin product code)
· Minimum Order Quantity: 4000 pcs/reel
## Packaging
· Paper Tape: Specified dimensions for Ao, Bo, ΦD, T, W, E, F, Po, P1, P2.
· Reel Dimensions: Φ178.0 x Φ60.0 x Φ13.0 (mm)
## Handling Cautions
· Limitation of applications for high-reliability systems.
· Storage recommendations:
- Use within 6 months of WALSIN inspection
- Temperature: -10 to +40°C
- Humidity: 30 to 70% RH
- Avoid corrosive gases.
- Store on a palette and protect from shock, vibration, direct sunlight, and ensure airtight packaging.
| Part No. | RFLPF16081G8D3T |
| Manufacturer | WALSIN |
| Size | 484 Kbytes |
| Pages | 7 pages |
| Description | 1.8 GHz DCS/ PCS Band Working Frequency |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |