Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFLPF20121G8D0T Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RFLPF20121G8D0T Datasheet

  • # Example questions: ➢ What are the dimensions of the reel used for packaging these components?
    ➢ What is the maximum recommended storage time for these products after the walsin outgoing inspection?
    ➢ List three applications where contacting the manufacturer *before* use is recommended due to high reliability requirements.

  • Part No.RFLPF20121G8D0T
    ManufacturerWALSIN
    Size501 Kbytes
    Pages7 pages
    Description1.8 GHz DCS/ PCS Band Working Frequency
    Datasheet Summary with AI

    # RFLPF20121G8D0T Low Pass Filter

    ## Features
    · Miniature size: 2.0 x 1.2 x 0.9 mm
    · Low profile
    · Low insertion loss
    · High harmonic attenuation
    · LTCC process
    · RoHS compliant, Halogen Free

    ## Applications
    · 1880-2025 MHz RF applications
    · GSM, DCS, PCS applications

    ## Electrical Characteristics
    · Frequency Range: 1880-2025 MHz
    · Insertion Loss: 0.8 dB typical, 1.0 dB max (-40°C to +85°C)
    · VSWR: 2.0
    · Impedance: 50Ω
    · Attenuation:
    - 30 dB @ 2400-2500 MHz
    - 25 dB @ 3760-4050 MHz
    - 20 dB @ 5640-6075 MHz
    · Operating Temperature: -40°C to +85°C

    ## Dimensions
    · L: 2.00 ± 0.15 mm
    · W: 1.25 ± 0.10 mm
    · T: 0.90 ± 0.10 mm
    · A: 0.95 ± 0.10 mm
    · B: 0.275 ± 0.10 mm
    · C: 0.25 ± 0.10 mm
    · D: 0.60 ± 0.10 mm
    · E: 0.175 ± 0.10 mm
    · F: 0.15 ± 0.10 mm

    ## Pin Connection
    1. Input port
    2. GND
    3. Output port

    ## Reliability Tests
    · Solderability, Leaching, Resistance to Soldering Heat, Drop Test, Vibration, Adhesive Strength of Termination, Temperature Cycle, High Temperature, Humidity, Low Temperature tests defined according to JIS and IEC standards.

    ## Ordering Information
    · Ordering Code: RFLPF20121G8D0T
    · Packaging: 2000 pcs/reel

    ## Storage Conditions
    · Use within 6 months of manufacture
    · Temperature: -10 to +40°C
    · Humidity: 30 to 70% RH
    · Protect from corrosive gases.
    · Store on a palette to prevent humidity, dust, and shock.
    · Airtight packaged condition.

    # RFLPF20121G8D0T Low Pass Filter

    ## Features
    · Miniature size: 2.0 x 1.2 x 0.9 mm
    · Low profile
    · Low insertion loss
    · High harmonic attenuation
    · LTCC process
    · RoHS compliant, Halogen Free

    ## Applications
    · 1880-2025 MHz RF applications
    · GSM, DCS, PCS applications

    ## Electrical Characteristics
    · Frequency Range: 1880-2025 MHz
    · Insertion Loss: 0.8 dB typical, 1.0 dB max (-40°C to +85°C)
    · VSWR: 2.0
    · Impedance: 50Ω
    · Attenuation:
    - 30 dB @ 2400-2500 MHz
    - 25 dB @ 3760-4050 MHz
    - 20 dB @ 5640-6075 MHz
    · Operating Temperature: -40°C to +85°C

    ## Dimensions
    · L: 2.00 ± 0.15 mm
    · W: 1.25 ± 0.10 mm
    · T: 0.90 ± 0.10 mm
    · A: 0.95 ± 0.10 mm
    · B: 0.275 ± 0.10 mm
    · C: 0.25 ± 0.10 mm
    · D: 0.60 ± 0.10 mm
    · E: 0.175 ± 0.10 mm
    · F: 0.15 ± 0.10 mm

    ## Pin Connection
    1. Input port
    2. GND
    3. Output port

    ## Reliability Tests
    · Solderability, Leaching, Resistance to Soldering Heat, Drop Test, Vibration, Adhesive Strength of Termination, Temperature Cycle, High Temperature, Humidity, Low Temperature tests defined according to JIS and IEC standards.

    ## Ordering Information
    · Ordering Code: RFLPF20121G8D0T
    · Packaging: 2000 pcs/reel

    ## Storage Conditions
    · Use within 6 months of manufacture
    · Temperature: -10 to +40°C
    · Humidity: 30 to 70% RH
    · Protect from corrosive gases.
    · Store on a palette to prevent humidity, dust, and shock.
    · Airtight packaged condition.

    Part No.RFLPF20121G8D0T
    ManufacturerWALSIN
    Size501 Kbytes
    Pages7 pages
    Description1.8 GHz DCS/ PCS Band Working Frequency