| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about RFLPF20121G8D1T Datasheet
# Example questions:
➢ What are the key dimensions (ao, bo, d, t, w) of the plastic tape used for packaging these components?
➢ What is the minimum ordering quantity for this component, and how are they packaged (e.g., per reel)?
➢ List three types of equipment where contacting the manufacturer before use is required.
# RFLPF20121G8D1T Low Pass Filter
## Features
· Miniature size: 2.0 x 1.2 x 0.9 mm
· Low profile
· Low insertion loss
· High harmonic attenuation
· LTCC process
## Applications
· 1880-2025 MHz RF applications
· DCS, PCS, LTE Band 34/39
## Electrical Characteristics
· Frequency Range: 1880~2025 MHz
· Insertion Loss: 1.35 dB max (+25°C), 1.50 dB max (-40°C ~ +90°C)
· Attenuation:
- 38 dB min. @ 2400~2500 MHz
- 25 dB min. @ 4020~4045 MHz
- 27 dB min. @ 6030~6075 MHz
· VSWR: 1.9 max
· Impedance: 50Ω
· Moisture Sensitivity Level: LEVEL 1 (IPC/JEDEC J-STD-020)
· Operating Temp: -40°C ~ +90°C
· Storage Temp: -40°C ~ +90°C
## Dimensions (mm)
· L: 2.00 ± 0.15
· W: 1.25 ± 0.10
· T: 0.90 ± 0.10
· A: 0.95 ± 0.10
· B: 0.275 ± 0.10
· C: 0.25 ± 0.10
· D: 0.60 ± 0.10
· E: 0.175 ± 0.10
· F: 0.15 ± 0.10
## Pin Connection
· 1: Input
· 2: GND
· 3: Output
## Reliability Tests
· Includes tests for solderability, leaching, resistance to soldering heat, drop, vibration, adhesive strength, bending, temperature cycle, high temperature, humidity, and low temperature. (Detailed conditions specified in document)
## Ordering Information
· Ordering code format: RF LPF 2012 1G8 D 1 T
· Minimum order quantity: 2000 pcs/reel
## Packaging
· Plastic tape dimensions specified (Ao, Bo, ΦD, T, W, E, F, Po, P1, P2)
· Reel dimensions: Φ178.0 x Φ60.0 x Φ13.0 mm
## Handling Cautions
· For high-reliability applications (aircraft, aerospace, medical, etc.), contact manufacturer.
· Storage: Use within 6 months, +5 to +40°C, 30-70% humidity, avoid corrosive gases and airtight packaging recommended.
# RFLPF20121G8D1T Low Pass Filter
## Features
· Miniature size: 2.0 x 1.2 x 0.9 mm
· Low profile
· Low insertion loss
· High harmonic attenuation
· LTCC process
## Applications
· 1880-2025 MHz RF applications
· DCS, PCS, LTE Band 34/39
## Electrical Characteristics
· Frequency Range: 1880~2025 MHz
· Insertion Loss: 1.35 dB max (+25°C), 1.50 dB max (-40°C ~ +90°C)
· Attenuation:
- 38 dB min. @ 2400~2500 MHz
- 25 dB min. @ 4020~4045 MHz
- 27 dB min. @ 6030~6075 MHz
· VSWR: 1.9 max
· Impedance: 50Ω
· Moisture Sensitivity Level: LEVEL 1 (IPC/JEDEC J-STD-020)
· Operating Temp: -40°C ~ +90°C
· Storage Temp: -40°C ~ +90°C
## Dimensions (mm)
· L: 2.00 ± 0.15
· W: 1.25 ± 0.10
· T: 0.90 ± 0.10
· A: 0.95 ± 0.10
· B: 0.275 ± 0.10
· C: 0.25 ± 0.10
· D: 0.60 ± 0.10
· E: 0.175 ± 0.10
· F: 0.15 ± 0.10
## Pin Connection
· 1: Input
· 2: GND
· 3: Output
## Reliability Tests
· Includes tests for solderability, leaching, resistance to soldering heat, drop, vibration, adhesive strength, bending, temperature cycle, high temperature, humidity, and low temperature. (Detailed conditions specified in document)
## Ordering Information
· Ordering code format: RF LPF 2012 1G8 D 1 T
· Minimum order quantity: 2000 pcs/reel
## Packaging
· Plastic tape dimensions specified (Ao, Bo, ΦD, T, W, E, F, Po, P1, P2)
· Reel dimensions: Φ178.0 x Φ60.0 x Φ13.0 mm
## Handling Cautions
· For high-reliability applications (aircraft, aerospace, medical, etc.), contact manufacturer.
· Storage: Use within 6 months, +5 to +40°C, 30-70% humidity, avoid corrosive gases and airtight packaging recommended.
| Part No. | RFLPF20121G8D1T |
| Manufacturer | WALSIN |
| Size | 527 Kbytes |
| Pages | 7 pages |
| Description | 1.8 GHz DCS/ PCS Band RF Application |