Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Datasheet with Chat AI
Datasheet Details
Part No.LM393D
MfrTI1
Size1Mb
Pages40 pages
DescriptionLM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
Datasheet SummaryAI
# LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators

## Features
️· Single or Dual Supply Operation
️· Wide Supply Voltage: 2V to 36V (tested to 32V/36V for specific suffixes)
️· Low Supply Current: 0.2 mA typical per comparator
️· Low Input Bias Current: 15 nA typical ('B' device)
️· Low Input Offset Voltage: 0.37 mV typical ('B' device)
️· Common-mode input voltage includes ground.
️· Differential input voltage range up to ±36V
️· Compatible with TTL, MOS, and CMOS logic.

## Applications
️· Chemical/Gas Sensors
️· Desktop PCs
️· AC Induction Motor Control
️· Weigh Scales

## Description
These devices are dual voltage comparators designed for single or dual supply operation with a wide voltage range. They offer low power consumption, low input bias current, and are suitable for cost-sensitive applications. Outputs can be connected for wired-AND relationships.

## Package Options
️· SOIC (8) - 4.90 mm x 3.91 mm
️· VSSOP (8) - 3.00 mm x 3.00 mm
️· PDIP (8) - 9.81 mm × 6.35 mm
️· SO (8) - 6.20 mm x 5.30 mm
️· TSSOP (8) - 3.00 mm x 4.40 mm
️· WSON (8) - 2.00 mm × 2.00 mm

## Electrical Characteristics (Typical)
️· Supply Voltage (VCC): 2V to 36V
️· Input Offset Voltage: ±0.37 mV ('B' device)
️· Input Bias Current: 15 nA ('B' device)
️· Supply Current: 0.2 mA per comparator
️· Output Saturation Voltage: Low

## Thermal Information
️· Thermal resistance varies by package. See datasheet for specific values (RθJA, RθJC, ψJT, ψJB).
LM393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about LM393D Datasheet.
    Example questions: ➤ What is the purpose of the thermal resistance metrics (rθja, rθjc, rθjb, ψjt, ψjb) provided in the document?➤ What are the different package types for which thermal information is provided?➤ How does the thermal resistance change between the lm393b/lm2903b packages and the lm293/lm393/lm2903 packages (without b suffix)?
  • Datasheet Details
    Part No.LM393D
    ManufacturerTI1
    Size1Mb
    Pages40 pages
    DescriptionLM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
    Datasheet Summary AI Expand summary
    # LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators

    ## Features
    ️· Single or Dual Supply Operation
    ️· Wide Supply Voltage: 2V to 36V (tested to 32V/36V for specific suffixes)
    ️· Low Supply Current: 0.2 mA typical per comparator
    ️· Low Input Bias Current: 15 nA typical ('B' device)
    ️· Low Input Offset Voltage: 0.37 mV typical ('B' device)
    ️· Common-mode input voltage includes ground.
    ️· Differential input voltage range up to ±36V
    ️· Compatible with TTL, MOS, and CMOS logic.

    ## Applications
    ️· Chemical/Gas Sensors
    ️· Desktop PCs
    ️· AC Induction Motor Control
    ️· Weigh Scales

    ## Description
    These devices are dual voltage comparators designed for single or dual supply operation with a wide voltage range. They offer low power consumption, low input bias current, and are suitable for cost-sensitive applications. Outputs can be connected for wired-AND relationships.

    ## Package Options
    ️· SOIC (8) - 4.90 mm x 3.91 mm
    ️· VSSOP (8) - 3.00 mm x 3.00 mm
    ️· PDIP (8) - 9.81 mm × 6.35 mm
    ️· SO (8) - 6.20 mm x 5.30 mm
    ️· TSSOP (8) - 3.00 mm x 4.40 mm
    ️· WSON (8) - 2.00 mm × 2.00 mm

    ## Electrical Characteristics (Typical)
    ️· Supply Voltage (VCC): 2V to 36V
    ️· Input Offset Voltage: ±0.37 mV ('B' device)
    ️· Input Bias Current: 15 nA ('B' device)
    ️· Supply Current: 0.2 mA per comparator
    ️· Output Saturation Voltage: Low

    ## Thermal Information
    ️· Thermal resistance varies by package. See datasheet for specific values (RθJA, RθJC, ψJT, ψJB).