Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Datasheet with Chat AI
Datasheet Details
Part No.LM393D
MfrTI
Size2Mb
Pages49 pages
DescriptionLM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
Datasheet SummaryAI
# LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators

## Features
️· New B-version with improved specifications: up to 38V rating, 2kV ESD, 0.37mV offset, 3.5nA bias, 200uA current, 1usec response.
️· Drop-in replacement for LM293, LM393, LM2903 (A & V versions).
️· Common-mode input includes ground.
️· Differential input voltage equal to maximum supply voltage (±38V).
️· Low output saturation voltage and TTL/MOS/CMOS compatible output.

## Applications
️· Vacuum robots
️· Single-phase UPS
️· Server PSUs
️· Cordless power tools
️· Wireless infrastructure
️· Appliances
️· Building/Factory automation
️· Motor drives
️· Infotainment/cluster

## Description
The LM393B/LM2903B are next-generation dual comparators offering lower offset voltage, higher supply voltage capability, lower current draw, improved ESD protection, and input ruggedness. These devices can replace existing LM293, LM393, and LM2903 versions. They operate from a single supply, feature independent circuits, and allow for wired-AND configurations.

## Device Information

Part Number Package Body Size (Nom)
LM393B/LM2903B/LM193/LM293/LM393A/LM2903 SOIC (8) 4.90 mm x 3.91 mm
LM393B/LM2903B/LM293/LM393A/LM2903 VSSOP (8) 3.00 mm x 3.00 mm
LM293/LM393/LM393A/LM2903 PDIP (8) 9.81 mm × 6.35 mm
LM393/LM393A/LM2903 SO (8) 6.20 mm x 5.30 mm
LM393B/LM2903B/LM393/LM393A/LM2903 TSSOP (8) 3.00 mm x 4.40 mm
LM393B SOT-23 (8) 2.90 mm x 1.60 mm
LM393B/LM2903B WSON (8) 2.00 mm × 2.00 mm

## Specifications (Typical)

️· Supply Voltage: 2 to 36V (Non-V versions), 2 to 32V (V versions), 3 to 38V (B versions).
️· Quiescent Current: 0.6-0.8mA (B versions).
️· Input Offset Voltage: ±0.37mV (B versions).
️· ESD Rating (HBM): 2000V (B versions).
️· Operating Temperature Range: -40 to 85°C (LM393B).
️· Response Time: 1µs.

## Family Comparison
LM393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about LM393D Datasheet.
    Example questions: ➤ What is the primary difference in absolute maximum ratings between the 'b' versions of the lm393/lm2903 and the non-'b' versions, specifically regarding supply voltage and differential input voltage?➤ What are the recommended operating temperature ranges for the lm193, lm2903b, and lm393a?➤ What esd ratings are specified for the lm393b/lm2903b, and how do these compare to the esd ratings for the other versions of these devices?
  • Datasheet Details
    Part No.LM393D
    ManufacturerTI
    Size2Mb
    Pages49 pages
    DescriptionLM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
    Datasheet Summary AI Expand summary
    # LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators

    ## Features
    ️· New B-version with improved specifications: up to 38V rating, 2kV ESD, 0.37mV offset, 3.5nA bias, 200uA current, 1usec response.
    ️· Drop-in replacement for LM293, LM393, LM2903 (A & V versions).
    ️· Common-mode input includes ground.
    ️· Differential input voltage equal to maximum supply voltage (±38V).
    ️· Low output saturation voltage and TTL/MOS/CMOS compatible output.

    ## Applications
    ️· Vacuum robots
    ️· Single-phase UPS
    ️· Server PSUs
    ️· Cordless power tools
    ️· Wireless infrastructure
    ️· Appliances
    ️· Building/Factory automation
    ️· Motor drives
    ️· Infotainment/cluster

    ## Description
    The LM393B/LM2903B are next-generation dual comparators offering lower offset voltage, higher supply voltage capability, lower current draw, improved ESD protection, and input ruggedness. These devices can replace existing LM293, LM393, and LM2903 versions. They operate from a single supply, feature independent circuits, and allow for wired-AND configurations.

    ## Device Information

    Part Number Package Body Size (Nom)
    LM393B/LM2903B/LM193/LM293/LM393A/LM2903 SOIC (8) 4.90 mm x 3.91 mm
    LM393B/LM2903B/LM293/LM393A/LM2903 VSSOP (8) 3.00 mm x 3.00 mm
    LM293/LM393/LM393A/LM2903 PDIP (8) 9.81 mm × 6.35 mm
    LM393/LM393A/LM2903 SO (8) 6.20 mm x 5.30 mm
    LM393B/LM2903B/LM393/LM393A/LM2903 TSSOP (8) 3.00 mm x 4.40 mm
    LM393B SOT-23 (8) 2.90 mm x 1.60 mm
    LM393B/LM2903B WSON (8) 2.00 mm × 2.00 mm

    ## Specifications (Typical)

    ️· Supply Voltage: 2 to 36V (Non-V versions), 2 to 32V (V versions), 3 to 38V (B versions).
    ️· Quiescent Current: 0.6-0.8mA (B versions).
    ️· Input Offset Voltage: ±0.37mV (B versions).
    ️· ESD Rating (HBM): 2000V (B versions).
    ️· Operating Temperature Range: -40 to 85°C (LM393B).
    ️· Response Time: 1µs.

    ## Family Comparison