| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about EC500-HD Datasheet
# Example questions:
➢ What are the supported processor series for the ec500-hd, and what is the maximum tdp supported?
➢ What operating systems are officially supported on the ec500-hd, and what networking capabilities does the device offer?
➢ What types of storage are supported by the ec500-hd, and what is the maximum storage capacity supported for each type?
Okay, here's a summary of the provided technical documentation for the DFI EC500-HD embedded system:
Overall Description:
The DFI EC500-HD is a fanless, embedded system designed for industrial and edge computing applications. It’s compact, versatile, and supports a range of Intel processors.
Key Features & Specifications:
️· Processor Options: Supports a variety of 4th generation Intel Core processors (i7, i5, i3, Pentium, and Celeron) with a 22nm process.
️· Chipset: Intel H81 Express
️· Memory: Two 204-pin DDR3 SODIMM slots, supports up to 16GB of RAM at speeds of 1333/1600MHz.
️· Graphics: Intel HD Graphics
️· Video Output: 1 VGA port
️· Storage: 1 x 2.5" SATA drive bay (supporting up to 6Gbps transfer rates) and a Mini PCIe slot for mSATA storage.
️· Networking: 2 x RJ45 Gigabit Ethernet ports (Intel I210 and I217 controllers).
️· Expansion: 1 x Mini PCIe slot (supports USB, PCIe signals, and options like Wi-Fi and 3G).
️· Serial Ports: 4 x DB-9 RS232 serial ports.
️· Power Input: Wide voltage input: 9-36V DC.
️· Operating Environment: 0°C to 45°C operating temperature, -20°C to 85°C storage temperature.
️· Dimensions: 235mm x 63.2mm x 222mm
️· Weight: 5.4 kg
️· Mounting: Designed for wall mounting.
️· Operating System Support: Windows XP (32-bit, limited functionality), Windows 7, Windows 8, Windows 10 IoT Enterprise, and Linux.
Optional Accessories:
A range of optional components can be added, including:
️· Different Intel CPUs
️· SODIMM memory modules
️· SATA HDDs/SSDs
️· mSATA modules
️· Wi-Fi kits
️· Power cords and adapters
️· Wall mount kits
Let me know if you'd like a deeper dive into any specific aspect of this embedded system!
Overall Description:
The DFI EC500-HD is a fanless, embedded system designed for industrial and edge computing applications. It’s compact, versatile, and supports a range of Intel processors.
Key Features & Specifications:
️· Processor Options: Supports a variety of 4th generation Intel Core processors (i7, i5, i3, Pentium, and Celeron) with a 22nm process.
️· Chipset: Intel H81 Express
️· Memory: Two 204-pin DDR3 SODIMM slots, supports up to 16GB of RAM at speeds of 1333/1600MHz.
️· Graphics: Intel HD Graphics
️· Video Output: 1 VGA port
️· Storage: 1 x 2.5" SATA drive bay (supporting up to 6Gbps transfer rates) and a Mini PCIe slot for mSATA storage.
️· Networking: 2 x RJ45 Gigabit Ethernet ports (Intel I210 and I217 controllers).
️· Expansion: 1 x Mini PCIe slot (supports USB, PCIe signals, and options like Wi-Fi and 3G).
️· Serial Ports: 4 x DB-9 RS232 serial ports.
️· Power Input: Wide voltage input: 9-36V DC.
️· Operating Environment: 0°C to 45°C operating temperature, -20°C to 85°C storage temperature.
️· Dimensions: 235mm x 63.2mm x 222mm
️· Weight: 5.4 kg
️· Mounting: Designed for wall mounting.
️· Operating System Support: Windows XP (32-bit, limited functionality), Windows 7, Windows 8, Windows 10 IoT Enterprise, and Linux.
Optional Accessories:
A range of optional components can be added, including:
️· Different Intel CPUs
️· SODIMM memory modules
️· SATA HDDs/SSDs
️· mSATA modules
️· Wi-Fi kits
️· Power cords and adapters
️· Wall mount kits
| Part No. | EC500-HD |
| Manufacturer | DFI |
| Size | 874 Kbytes |
| Pages | 4 pages |
| Description | Modular-Designed Embedded System |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |