| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about EC510-HD Datasheet
# Example questions:
➢ What operating systems are officially supported by this embedded system?
➢ What expansion slots are available on the ec510 versus the ec511 models?
➢ What are the supported memory types and maximum capacity for this embedded system?
1. Overview
The DFI EC510/EC511-HD are fanless embedded systems designed for industrial and commercial applications. They offer a combination of robust processing power, extensive connectivity, and a compact form factor. They are available in two main models, differentiated by their expansion slot configuration (PCI for EC510, PCIe x16 for EC511).
2. Technical Specifications
️· Processor: Supports a range of 4th generation Intel Core i7/i5/i3/Pentium/Celeron processors. Specific models include:
- Core i7
- Core i5
- Core i3
- Pentium G3320TE
- Celeron G1820TE
️· Chipset: Intel H81 Express Chipset
️· Memory:
- Two 204-pin DDR3 SODIMM sockets
- Supports DDR3 1333/1600 MHz
- Maximum 16 GB of memory
- Dual-channel memory interface
️· Graphics: Intel HD Graphics
- 1 VGA port
- 24-bit color depth, up to 1920x1200 @ 60Hz
️· Storage:
- Two 2.5" SATA drive bays (supporting up to 6Gb/s)
- mSATA support via mini PCIe socket
️· Ethernet:
- 1 Intel I210 Gigabit Ethernet controller
- 1 Intel I217 Gigabit Ethernet Phy
- 3 Intel WG82574L Gigabit Ethernet controllers
️· Expansion:
- EC510: 1 PCI slot
- EC511: 1 PCIe x16 slot
️· Front Panel I/O:
- Power Button (with LED)
- Reset Button
- Status LED
- HDD LED
- 1 VGA Port
- 5 RJ45 LAN Ports
- 2 USB 2.0 Ports
- 2 USB 2.0 Ports
- 4 DB-9 RS232/422/485 Serial Ports (with power)
- 2 DB-9 RS232 Serial Ports
- 9-36V DC-in Terminal Block
- 2 8-bit DIO (Digital Input/Output)
️· Power: 9-36V DC Input
️· Operating Temperature: 0°C to 45°C
️· Storage Temperature: -20°C to 85°C
️· Dimensions: 235mm x 102.5mm x 222mm
️· Weight: 6.44 kg
️· OS Support: Windows XP (limited), Windows 7/8, Linux
️· Certifications: CE, FCC Class A, RoHS
3. Ordering & Packing
️· Models:
- EC510-HD6G45: Fanless, i7/i5/i3, H81, 5 LAN, 6 COM, 4 USB, 16-bit DIO, 1 PCI
- EC511-HD6G45: Fanless, i7/i5/i3, H81, 5 LAN, 6 COM, 4 USB, 16-bit DIO, 1 PCIe x16
️· Optional Components: A list is provided for CPUs, Memory (SODIMM), HDDs (SATA and SSD), mSATA cards, WiFi Kits, Power Cords, Power Adapters, and Wall Mount Kits.
️· Packing List: Includes one EC510/EC511 system unit.
4. Key Features
️· Fanless Design: Passive cooling for silent operation and increased reliability.
️· Multiple LAN Ports: Five RJ45 ports for extensive network connectivity.
️· Serial Ports: Four RS232/422/485 serial ports for legacy device support.
️· Wide Operating Voltage: 9-36V DC input for flexible power options.
️· Digital Input/Output: DIO for direct control of external devices.
️· Expansion Slots: PCI/PCIe options for adding expansion cards.
️· Compact Size: Suitable for space-constrained environments.
1. Overview
The DFI EC510/EC511-HD are fanless embedded systems designed for industrial and commercial applications. They offer a combination of robust processing power, extensive connectivity, and a compact form factor. They are available in two main models, differentiated by their expansion slot configuration (PCI for EC510, PCIe x16 for EC511).
2. Technical Specifications
️· Processor: Supports a range of 4th generation Intel Core i7/i5/i3/Pentium/Celeron processors. Specific models include:
- Core i7
- Core i5
- Core i3
- Pentium G3320TE
- Celeron G1820TE
️· Chipset: Intel H81 Express Chipset
️· Memory:
- Two 204-pin DDR3 SODIMM sockets
- Supports DDR3 1333/1600 MHz
- Maximum 16 GB of memory
- Dual-channel memory interface
️· Graphics: Intel HD Graphics
- 1 VGA port
- 24-bit color depth, up to 1920x1200 @ 60Hz
️· Storage:
- Two 2.5" SATA drive bays (supporting up to 6Gb/s)
- mSATA support via mini PCIe socket
️· Ethernet:
- 1 Intel I210 Gigabit Ethernet controller
- 1 Intel I217 Gigabit Ethernet Phy
- 3 Intel WG82574L Gigabit Ethernet controllers
️· Expansion:
- EC510: 1 PCI slot
- EC511: 1 PCIe x16 slot
️· Front Panel I/O:
- Power Button (with LED)
- Reset Button
- Status LED
- HDD LED
- 1 VGA Port
- 5 RJ45 LAN Ports
- 2 USB 2.0 Ports
- 2 USB 2.0 Ports
- 4 DB-9 RS232/422/485 Serial Ports (with power)
- 2 DB-9 RS232 Serial Ports
- 9-36V DC-in Terminal Block
- 2 8-bit DIO (Digital Input/Output)
️· Power: 9-36V DC Input
️· Operating Temperature: 0°C to 45°C
️· Storage Temperature: -20°C to 85°C
️· Dimensions: 235mm x 102.5mm x 222mm
️· Weight: 6.44 kg
️· OS Support: Windows XP (limited), Windows 7/8, Linux
️· Certifications: CE, FCC Class A, RoHS
3. Ordering & Packing
️· Models:
- EC510-HD6G45: Fanless, i7/i5/i3, H81, 5 LAN, 6 COM, 4 USB, 16-bit DIO, 1 PCI
- EC511-HD6G45: Fanless, i7/i5/i3, H81, 5 LAN, 6 COM, 4 USB, 16-bit DIO, 1 PCIe x16
️· Optional Components: A list is provided for CPUs, Memory (SODIMM), HDDs (SATA and SSD), mSATA cards, WiFi Kits, Power Cords, Power Adapters, and Wall Mount Kits.
️· Packing List: Includes one EC510/EC511 system unit.
4. Key Features
️· Fanless Design: Passive cooling for silent operation and increased reliability.
️· Multiple LAN Ports: Five RJ45 ports for extensive network connectivity.
️· Serial Ports: Four RS232/422/485 serial ports for legacy device support.
️· Wide Operating Voltage: 9-36V DC input for flexible power options.
️· Digital Input/Output: DIO for direct control of external devices.
️· Expansion Slots: PCI/PCIe options for adding expansion cards.
️· Compact Size: Suitable for space-constrained environments.
| Part No. | EC510-HD |
| Manufacturer | DFI |
| Size | 1Mb |
| Pages | 4 pages |
| Description | Modular-Designed Embedded System |