Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Datasheet with Chat AI
Datasheet Details
Part No.EVALSTDRIVE101
MfrSTMICROELECTRONICS
Size959 Kbytes
Pages13 pages
DescriptionSTDRIVE101 demonstration board for three-phase brushless motors
Datasheet SummaryAI
I. Core Component & Chip Details

️· U1: STDRV101: This is the central component - a motor driver IC. It appears to be a 3-phase motor driver.

II. Passive Components (Resistors, Capacitors)

️· Resistors:
- R1: 0 Ohm
- R2: 22k Ohm, 1% tolerance
- R3: 0 Ohm
- R4: 10k Ohm, 1% tolerance
- R5: 0 Ohm
- R6: 51k Ohm
- R7: 470 Ohm
- R8: 39k Ohm
- R9: 91k Ohm, 1% tolerance
️· Capacitors:
- C1: 1uF, 25V
- C2: 10nF
- C3: 1uF, 25V
- C4: 1uF, 25V
- C5: 1uF, 100V
- C6: 100nF, 100V
- C7: 4.7uF, 25V
- C8: 100nF, 25V
- C9: NM (likely not mounted, or a specific value not defined)
- C11: 100nF, 25V

III. Connectors & Mechanical

️· J1, J2, J3, J5, J6, J7: Various connectors. Their exact types aren't specified, but they're likely for power, signals, and motor connections.
️· J4: MC Connector: Motor Connector
️· Epad/GND: Indicates a thermal pad or connection for grounding, critical for the STDRV101's heat dissipation.

IV. STDRV101 Pin Assignments (as seen in the listing)

️· BOOT1: Pin 21
️· BOOT2: Pin 17
️· BOOT3: Pin 13
️· CP: Pin 1
️· DT_MODE: Pin 2
️· GHS1: Pin 22
️· GHS2: Pin 18
️· GHS3: Pin 14
️· GLS1: Pin 24
️· GLS2: Pin 20
️· GLS3: Pin 16
️· INH1_IN1: Pin 7
️· INH2_IN2: Pin 8
️· INH3_IN3: Pin 9
️· INL1_EN1: Pin 10
️· INL2_EN2: Pin 11
️· INL3_EN3: Pin 12
️· OUT1: Pin 23
️· OUT2: Pin 19
️· OUT3: Pin 15
️· REG12: Pin 5
️· SCREF: Pin 3
️· VS: Pin 4
️· nFAULT: Pin 6

V. Miscellaneous

️· LED1: Red LED
️· NM: Not mounted

Key Observations & Potential Functionality

️· Motor Driver: The STDRV101 and surrounding components clearly point to a 3-phase motor driver circuit.
️· Bootstrap Capacitors: The bootstrap capacitors (likely connected to the GHSx and GLSx pins) are essential for driving the high-side MOSFETs within the STDRV101.
️· Fault Protection: The nFAULT pin is for fault reporting, indicating overcurrent, overvoltage, or other error conditions.
️· Thermal Management: The Epad/GND connection is crucial for dissipating heat from the STDRV101, especially in higher-power applications.
EVALSTDRIVE101 Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about EVALSTDRIVE101 Datasheet.
    Example questions: ➤ List all jumpers (j1-j7) and describe their physical configuration based on the provided data.➤ What is the voltage rating of capacitor c5, and what is noted about its connection?➤ Identify all components connected to pin 5 of u
  • Datasheet Details
    Part No.EVALSTDRIVE101
    ManufacturerSTMICROELECTRONICS
    Size959 Kbytes
    Pages13 pages
    DescriptionSTDRIVE101 demonstration board for three-phase brushless motors
    Datasheet Summary AI Expand summary
    I. Core Component & Chip Details

    ️· U1: STDRV101: This is the central component - a motor driver IC. It appears to be a 3-phase motor driver.

    II. Passive Components (Resistors, Capacitors)

    ️· Resistors:
    - R1: 0 Ohm
    - R2: 22k Ohm, 1% tolerance
    - R3: 0 Ohm
    - R4: 10k Ohm, 1% tolerance
    - R5: 0 Ohm
    - R6: 51k Ohm
    - R7: 470 Ohm
    - R8: 39k Ohm
    - R9: 91k Ohm, 1% tolerance
    ️· Capacitors:
    - C1: 1uF, 25V
    - C2: 10nF
    - C3: 1uF, 25V
    - C4: 1uF, 25V
    - C5: 1uF, 100V
    - C6: 100nF, 100V
    - C7: 4.7uF, 25V
    - C8: 100nF, 25V
    - C9: NM (likely not mounted, or a specific value not defined)
    - C11: 100nF, 25V

    III. Connectors & Mechanical

    ️· J1, J2, J3, J5, J6, J7: Various connectors. Their exact types aren't specified, but they're likely for power, signals, and motor connections.
    ️· J4: MC Connector: Motor Connector
    ️· Epad/GND: Indicates a thermal pad or connection for grounding, critical for the STDRV101's heat dissipation.

    IV. STDRV101 Pin Assignments (as seen in the listing)

    ️· BOOT1: Pin 21
    ️· BOOT2: Pin 17
    ️· BOOT3: Pin 13
    ️· CP: Pin 1
    ️· DT_MODE: Pin 2
    ️· GHS1: Pin 22
    ️· GHS2: Pin 18
    ️· GHS3: Pin 14
    ️· GLS1: Pin 24
    ️· GLS2: Pin 20
    ️· GLS3: Pin 16
    ️· INH1_IN1: Pin 7
    ️· INH2_IN2: Pin 8
    ️· INH3_IN3: Pin 9
    ️· INL1_EN1: Pin 10
    ️· INL2_EN2: Pin 11
    ️· INL3_EN3: Pin 12
    ️· OUT1: Pin 23
    ️· OUT2: Pin 19
    ️· OUT3: Pin 15
    ️· REG12: Pin 5
    ️· SCREF: Pin 3
    ️· VS: Pin 4
    ️· nFAULT: Pin 6

    V. Miscellaneous

    ️· LED1: Red LED
    ️· NM: Not mounted

    Key Observations & Potential Functionality

    ️· Motor Driver: The STDRV101 and surrounding components clearly point to a 3-phase motor driver circuit.
    ️· Bootstrap Capacitors: The bootstrap capacitors (likely connected to the GHSx and GLSx pins) are essential for driving the high-side MOSFETs within the STDRV101.
    ️· Fault Protection: The nFAULT pin is for fault reporting, indicating overcurrent, overvoltage, or other error conditions.
    ️· Thermal Management: The Epad/GND connection is crucial for dissipating heat from the STDRV101, especially in higher-power applications.