| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about FPE-1D-L/Q Datasheet
# Example questions:
➢ What are the available power input options for the fpe device, and what are the approximate current requirements for each?
➢ Describe the mounting options for the fpe device, and note any spacing considerations when installing multiple units.
➢ What is the accuracy specification for the fpe device, and how does temperature affect its performance?
1. General Overview & Product Description:
️· Product: FPE Series Input/Output Module (Signal Converter)
️· Function: Converts various input signals (e.g., voltage, current, resistance) into standard output signals (typically 4-20mA or 0-10V). This allows integration of diverse sensors and instruments into a control system.
️· Manufacturer: M-System
2. Ordering Information & Model Designation:
️· Model Designation: `FPE [Input Type] [Output Type] [Power Supply]`
- Input Type: Defines the type of signal being received (e.g., mV, V, mA, Resistance).
- Output Type: Defines the type of signal being sent out.
- Power Supply: Specifies the module's voltage requirement (e.g., 24V DC).
️· Example: `FPE-mV-420-24` (Input: mV, Output: 4-20mA, Power: 24V DC)
️· Key Options & Codes:
- Input Types (Examples - Consult the full list for all possibilities):
■ mV: Millivolts
■ V: Volts
■ mA: Milliamps
■ Resistance: Resistance (Ohms)
- Output Types (Examples):
■ 420: 4-20 mA
■ 010: 0-10V
- Power Supply Options:
■ 24: 24V DC
3. Key Specifications & Features:
️· Overload Capacity: Can handle input signals exceeding the normal range for a short time (200% for 1 minute, 120% continuously).
️· Operational Range: 0-120% of the input span
️· Accuracy: ±0.4%
️· Temperature Coefficient: ±0.02%/°C (or ±0.01%/°F)
️· Response Time: ≤ 0.5 seconds
️· Ripple: 0.5% p-p (peak-to-peak)
️· Isolation: Provides electrical isolation between input and output, and to the power supply (important for safety and noise reduction).
️· Mounting: Designed for surface or DIN rail mounting. Minimal clearance required between units.
️· Dielectric Strength : Shows the voltage isolation between different circuits
4. How to Order a Specific Model (Example):
Let's say you need a module that accepts a millivolt input, outputs a 4-20mA signal, and requires 24V DC power.
️· Model Code: `FPE-mV-420-24`
5. Important Notes & Considerations:
️· Full Options List: This summary provides examples. Refer to the detailed product documentation (PDFs) from M-System for the complete list of available input types, output types, and power supply options.
️· Wiring Diagrams: The PDFs include schematic diagrams that show the proper wiring connections for different models.
️· Dimensions: Consult the PDFs for physical dimensions and mounting details.
1. General Overview & Product Description:
️· Product: FPE Series Input/Output Module (Signal Converter)
️· Function: Converts various input signals (e.g., voltage, current, resistance) into standard output signals (typically 4-20mA or 0-10V). This allows integration of diverse sensors and instruments into a control system.
️· Manufacturer: M-System
2. Ordering Information & Model Designation:
️· Model Designation: `FPE [Input Type] [Output Type] [Power Supply]`
- Input Type: Defines the type of signal being received (e.g., mV, V, mA, Resistance).
- Output Type: Defines the type of signal being sent out.
- Power Supply: Specifies the module's voltage requirement (e.g., 24V DC).
️· Example: `FPE-mV-420-24` (Input: mV, Output: 4-20mA, Power: 24V DC)
️· Key Options & Codes:
- Input Types (Examples - Consult the full list for all possibilities):
■ mV: Millivolts
■ V: Volts
■ mA: Milliamps
■ Resistance: Resistance (Ohms)
- Output Types (Examples):
■ 420: 4-20 mA
■ 010: 0-10V
- Power Supply Options:
■ 24: 24V DC
3. Key Specifications & Features:
️· Overload Capacity: Can handle input signals exceeding the normal range for a short time (200% for 1 minute, 120% continuously).
️· Operational Range: 0-120% of the input span
️· Accuracy: ±0.4%
️· Temperature Coefficient: ±0.02%/°C (or ±0.01%/°F)
️· Response Time: ≤ 0.5 seconds
️· Ripple: 0.5% p-p (peak-to-peak)
️· Isolation: Provides electrical isolation between input and output, and to the power supply (important for safety and noise reduction).
️· Mounting: Designed for surface or DIN rail mounting. Minimal clearance required between units.
️· Dielectric Strength : Shows the voltage isolation between different circuits
4. How to Order a Specific Model (Example):
Let's say you need a module that accepts a millivolt input, outputs a 4-20mA signal, and requires 24V DC power.
️· Model Code: `FPE-mV-420-24`
5. Important Notes & Considerations:
️· Full Options List: This summary provides examples. Refer to the detailed product documentation (PDFs) from M-System for the complete list of available input types, output types, and power supply options.
️· Wiring Diagrams: The PDFs include schematic diagrams that show the proper wiring connections for different models.
️· Dimensions: Consult the PDFs for physical dimensions and mounting details.
| Part No. | FPE-1D-L/Q |
| Manufacturer | MSYSTEM |
| Size | 96 Kbytes |
| Pages | 3 pages |
| Description | Space-saving Plug-in Signal Conditioners F-UNIT |