| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about KVS-FW2-C/CE Datasheet
# Example questions:
➢ Describe the available coating options for the kvs model and where to find more detailed information about them.
➢ If a user needs to measure a current signal between 1-5ma, what input resistance should they select for the kvs model?
➢ What are the available options for the power input, specifically listing both ac and dc voltage options?
1. Product Overview:
️· What it is: The KVS is a signal conditioner/transmitter used to convert a variety of analog signals (current or voltage) into a standardized output signal. It's part of the "plug-in" series, suggesting modularity.
️· Model Numbering: KVS-[1][2]-[3][4] - This structure defines the ordering and customization of the unit.
- [1]: Input Type: Specifies the input signal type (current or voltage, and specific ranges).
- [2]: Output: Specifies the output signal type (current or voltage, and specific ranges).
- [3]: Options: Covers features like response time and adjustment.
- [4]: Options: Covers features like coating and terminal screw material.
2. Input Options ([1]):
️· Current Inputs: A wide range of current input options are provided, including:
- 4-20 mA DC, 2-10 mA DC, 0-20 mA DC, 0-100 μA, and more. Different input resistances are specified for some options (e.g., 250 ohms, 50 ohms).
️· Voltage Inputs: (While not fully detailed, the documentation refers to voltage inputs – likely found in a separate section of the full product documentation.)
3. Output Options ([2]):
️· Similar to the input options, the document provides several current and voltage output options. (Full details likely in the full product documentation)
4. Options ([3] & [4]):
️· Response Time: Standard (≤ 0.5 sec) or Fast (≈ 25 msec).
️· Adjustments: Multi-turn fine adjustment.
️· Coating: Silicone, Polyurethane, or Rubber.
️· Terminal Screw Material: Chromated steel or Stainless steel.
5. Technical Specifications:
️· Power Input: 100-240V AC or 12-24V DC.
️· Operating Environment: -5 to +55°C, 30-90% RH.
️· Accuracy: ±0.1%.
️· Insulation Resistance: ≥ 100 MΩ.
️· Dielectric Strength: 2000 V AC.
6. Physical Characteristics:
️· Plug-in design
️· M3.5 screw terminals.
️· Dimensions (detailed in the diagrams on page 3 - not easily summarized)
7. Ordering Information:
️· The model number system, as described above, is used for ordering. Special input and output ranges can be specified.
Essentially, the KVS is a customizable signal conditioning module allowing a wide range of input and output signal combinations, offering flexibility for various industrial applications.
1. Product Overview:
️· What it is: The KVS is a signal conditioner/transmitter used to convert a variety of analog signals (current or voltage) into a standardized output signal. It's part of the "plug-in" series, suggesting modularity.
️· Model Numbering: KVS-[1][2]-[3][4] - This structure defines the ordering and customization of the unit.
- [1]: Input Type: Specifies the input signal type (current or voltage, and specific ranges).
- [2]: Output: Specifies the output signal type (current or voltage, and specific ranges).
- [3]: Options: Covers features like response time and adjustment.
- [4]: Options: Covers features like coating and terminal screw material.
2. Input Options ([1]):
️· Current Inputs: A wide range of current input options are provided, including:
- 4-20 mA DC, 2-10 mA DC, 0-20 mA DC, 0-100 μA, and more. Different input resistances are specified for some options (e.g., 250 ohms, 50 ohms).
️· Voltage Inputs: (While not fully detailed, the documentation refers to voltage inputs – likely found in a separate section of the full product documentation.)
3. Output Options ([2]):
️· Similar to the input options, the document provides several current and voltage output options. (Full details likely in the full product documentation)
4. Options ([3] & [4]):
️· Response Time: Standard (≤ 0.5 sec) or Fast (≈ 25 msec).
️· Adjustments: Multi-turn fine adjustment.
️· Coating: Silicone, Polyurethane, or Rubber.
️· Terminal Screw Material: Chromated steel or Stainless steel.
5. Technical Specifications:
️· Power Input: 100-240V AC or 12-24V DC.
️· Operating Environment: -5 to +55°C, 30-90% RH.
️· Accuracy: ±0.1%.
️· Insulation Resistance: ≥ 100 MΩ.
️· Dielectric Strength: 2000 V AC.
6. Physical Characteristics:
️· Plug-in design
️· M3.5 screw terminals.
️· Dimensions (detailed in the diagrams on page 3 - not easily summarized)
7. Ordering Information:
️· The model number system, as described above, is used for ordering. Special input and output ranges can be specified.
Essentially, the KVS is a customizable signal conditioning module allowing a wide range of input and output signal combinations, offering flexibility for various industrial applications.
| Part No. | KVS-FW2-C/CE |
| Manufacturer | MSYSTEM |
| Size | 102 Kbytes |
| Pages | 3 pages |
| Description | Plug-in Signal Conditioners K-UNIT |