| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about M2PHS2W-163-M2/N Datasheet
# Example questions:
➢ What type of input is required to trigger the 'peak-to-peak hold mode', and how does the output signal relate to the input in this mode?
➢ What is the purpose of the dip switch settings and where are they located in the circuit diagram?
➢ What are the three hold modes available on the m2phs2 transmitter, and briefly describe how each one functions?
Okay, let's break down the possible options for the requested "summary" based on the provided document. The question doesn't specify what kind of summary is desired (technical, features, etc.), so I'm going to aim for a blend of both features and functionality. I've also included a separate list of key technical specs at the end.
Option 1: Concise Summary (Around 150-200 words)
The M2PHS2 is a versatile process transmitter designed for isolating and transmitting sensor signals. It offers various input and output configurations, including options for current loops. A key feature is its "hold" modes (Peak, Valley, Peak-to-Peak), allowing the transmitter to maintain or track specific signal values regardless of ongoing input changes. These hold modes are crucial for applications where capturing maximum, minimum, or peak-to-peak values is essential. The transmitter provides signal isolation for protection and signal integrity. It's designed to be easily integrated, with DIN rail mounting possible. The document highlights the presence of an input shunt resistor for current input applications. The user can configure various settings and functions, which are controlled via DIP switches. Overall, the M2PHS2 is intended for industrial applications requiring reliable signal transmission, isolation, and specialized data capture/holding capabilities. The user manual details DIP switch configuration options and includes diagrams of signal flow and hold modes.
Option 2: More Detailed Summary (Around 250-300 words)
The M2PHS2 is a robust and flexible process transmitter created for isolating and conditioning signals from various sensors. It excels in transmitting these signals to control systems and monitoring equipment, offering broad compatibility through various input/output configurations, including current loop options. The transmitter's defining characteristic is its suite of "hold" modes: Peak Hold (retains the maximum value), Valley Hold (retains the minimum value), and Peak-to-Peak Hold (tracks the difference between maximum and minimum values). These modes provide valuable functionality for processes requiring dynamic data capture and monitoring, such as peak demand calculations or tracking minimum temperatures.
The M2PHS2 incorporates signal isolation to safeguard both the sensor and the control system. The DIN rail mounting option facilitates easy installation within industrial environments. The inclusion of an input shunt resistor demonstrates adaptability for handling current input signals. A user-friendly interface, utilizing DIP switches, allows for configuration of various parameters and functions. The documentation details these DIP switch settings and includes clear visual representations of signal flow and the operation of the different hold modes. This is vital for correct setup and efficient utilization of the transmitter’s capabilities. The documentation suggests the device is intended for integration into complex systems and relies on DIP switch settings to tailor it to specific process needs.
Key Technical Specs (Extracted from the Document)
️· Functionality: Signal Isolation, Signal Transmission, Data Holding (Peak, Valley, Peak-to-Peak)
️· Input: Current Loop (with shunt resistor included)
️· Output: Current Loop (configurable)
️· Mounting: DIN Rail
️· Configuration: DIP Switches
️· Hold Modes: Peak, Valley, Peak-to-Peak – Designed for capturing specific data values.
️· Signal Isolation: Protects both sensor and control system.
I'm ready for follow-up questions or requests for adjustments to the summaries or extracted specs.
Option 1: Concise Summary (Around 150-200 words)
The M2PHS2 is a versatile process transmitter designed for isolating and transmitting sensor signals. It offers various input and output configurations, including options for current loops. A key feature is its "hold" modes (Peak, Valley, Peak-to-Peak), allowing the transmitter to maintain or track specific signal values regardless of ongoing input changes. These hold modes are crucial for applications where capturing maximum, minimum, or peak-to-peak values is essential. The transmitter provides signal isolation for protection and signal integrity. It's designed to be easily integrated, with DIN rail mounting possible. The document highlights the presence of an input shunt resistor for current input applications. The user can configure various settings and functions, which are controlled via DIP switches. Overall, the M2PHS2 is intended for industrial applications requiring reliable signal transmission, isolation, and specialized data capture/holding capabilities. The user manual details DIP switch configuration options and includes diagrams of signal flow and hold modes.
Option 2: More Detailed Summary (Around 250-300 words)
The M2PHS2 is a robust and flexible process transmitter created for isolating and conditioning signals from various sensors. It excels in transmitting these signals to control systems and monitoring equipment, offering broad compatibility through various input/output configurations, including current loop options. The transmitter's defining characteristic is its suite of "hold" modes: Peak Hold (retains the maximum value), Valley Hold (retains the minimum value), and Peak-to-Peak Hold (tracks the difference between maximum and minimum values). These modes provide valuable functionality for processes requiring dynamic data capture and monitoring, such as peak demand calculations or tracking minimum temperatures.
The M2PHS2 incorporates signal isolation to safeguard both the sensor and the control system. The DIN rail mounting option facilitates easy installation within industrial environments. The inclusion of an input shunt resistor demonstrates adaptability for handling current input signals. A user-friendly interface, utilizing DIP switches, allows for configuration of various parameters and functions. The documentation details these DIP switch settings and includes clear visual representations of signal flow and the operation of the different hold modes. This is vital for correct setup and efficient utilization of the transmitter’s capabilities. The documentation suggests the device is intended for integration into complex systems and relies on DIP switch settings to tailor it to specific process needs.
Key Technical Specs (Extracted from the Document)
️· Functionality: Signal Isolation, Signal Transmission, Data Holding (Peak, Valley, Peak-to-Peak)
️· Input: Current Loop (with shunt resistor included)
️· Output: Current Loop (configurable)
️· Mounting: DIN Rail
️· Configuration: DIP Switches
️· Hold Modes: Peak, Valley, Peak-to-Peak – Designed for capturing specific data values.
️· Signal Isolation: Protects both sensor and control system.
| Part No. | M2PHS2W-163-M2/N |
| Manufacturer | MSYSTEM |
| Size | 128 Kbytes |
| Pages | 5 pages |
| Description | Super-mini Signal Conditioners Mini-M Series |