Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W5PA-A14BA2-R2/Q Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about W5PA-A14BA2-R2/Q Datasheet

  • # Example questions: ➢ What are the power consumption specifications for both ac and dc operation of the w5pa?
    ➢ What are the available options for terminal screw material, as indicated by the option codes?
    ➢ What are the frequency range limitations for mechanical contact inputs?

  • Part No.W5PA-A14BA2-R2/Q
    ManufacturerMSYSTEM
    Size114 Kbytes
    Pages3 pages
    DescriptionTerminal Block Dual Output Signal Conditioners W5-UNIT
    Datasheet Summary with AI

    1. Overview & Ordering Information

    ️· Product: M-System W5PA Signal Conditioner
    ️· Model Number Format: `W5PA-[1][2][3][4]-[5][6]` - Each bracket represents a configurable option.
    ️· Ordering Instructions: Specify a code from the listed options for each bracket (e.g., `W5PA-A144W4W-R/Q`).
    ️· Additional Ordering Notes: You can specify a frequency range (e.g., 0-1 kHz), a special output range (using codes 'Z' and '0'), and any options selected under the `/Q` code (e.g., /C01/S01).

    2. Configurable Options (Code Breakdown)

    Let's detail what each bracketed code represents:

    ️· [1] Input Type:
    - `A1`: Open Collector
    - `A2`: Mechanical Contact
    - `C`: 5V Pulse (sensitivity 2V)
    - `D`: 12V/24V Pulse (sensitivity 5V)
    ️· [2] Excitation Voltage:
    - `4`: 12V DC / 30mA
    - `7`: 24V DC / 12mA
    ️· [3] Output 1 Type (Current):
    - `A`: 4–20 mA DC (load resistance 550 Ω max)
    - `B`: 2–10 mA DC (load resistance 1100 Ω max)
    - `C`: 1–5 mA DC (load resistance 2200 Ω max)
    - `D`: 0–20 mA DC (load resistance 550 Ω max)
    - `E`: 0–16 mA DC (load resistance 685 Ω max)
    - `F`: 0–10 mA DC (load resistance 1100 Ω max)
    - `G`: 0–1 mA DC (load resistance 11 kΩ max)
    - `Z`: Specify current (see output specifications)
    ️· [4] Output 1 Type (Voltage):
    - '4': Specify voltage (See output specifications)
    ️· [5] Options:
    - `blank`: No options
    - `/Q`: With options (requires specification of additional codes)
    ■ `/C01`: Silicone coating
    ■ `/C02`: Polyurethane coating
    ■ `/C03`: Rubber coating
    ■ `/S01`: Stainless steel terminal screws
    ️· [6] Special Options:
    - '0': Special output ranges
    - `R`: Frequency range (e.g., 0 – 1 kHz)

    3. Technical Specifications

    ️· General:
    - Construction: Terminal block
    - Input Terminals: M3.5 screw terminals (0.8 N·m torque)
    - Output/Power Terminals: M3 screw terminals (0.8 N·m torque)
    - Terminal Material: Nickel-plated steel (standard) or stainless steel (option)
    - Housing: Flame-resistant resin (black)
    - Isolation: Input to output 1, output 2, and power
    ️· Performance:
    - Overrange Output: -10 to +120% at 1-5 V
    - Zero Adjustment: -2 to +2% (or ±1% with code 4W/5W)
    - Span Adjustment: 98 to 102% (or 99 to 101% with code 4W/5W)
    ️· Input Specifications:
    - Open Collector: Frequency range 0-100 kHz
    - Mechanical Contact: Frequency range 0-30 Hz
    - Voltage Pulse: Frequency range 0-100 kHz; waveform: square or sine; input impedance ≥ 10 kΩ; voltage sensitivity: 2V (5V pulse), 5V (12V/24V pulse)
    - Short-circuit protection for 12V/24V excitation.
    ️· Output Specifications:
    - DC Current Output: 0-20 mA; minimum span: 1 mA; load resistance up to 11 kΩ.
    - DC Voltage Output: -10 - +12V; minimum span: 5 mV; load resistance up to 11 kΩ
    ️· Power Consumption:
    - AC: 6–8 VA
    - DC: 3 W
    ️· Environmental:
    - Operating Temperature: -5 to +55°C
    - Operating Humidity: 0 to 90% RH
    ️· Standards: RoHS Directive, EMC Directive.

    4. Connections & Schematic

    ️· The device has a schematic diagram showing the signal flow: Sensor Excitation → Input → Waveform Shaper → Digital Computation → Voltage Amplifier → Output 1 & Output 2.
    ️· Important Notes:
    - The schematic illustrates the 2nd output option.
    - Do not connect to terminals 1 & 2.

    5. Important Cautions

    ️· Input Frequency Limit: The W5PA is designed to handle frequencies up to 100 kHz, but excessive chattering can occur above certain frequencies. A filter circuit is built in to reduce chatter with mechanical contacts, but an external filter might be needed in some situations.
    ️· Mounting: Allow sufficient space around the unit.

    1. Overview & Ordering Information

    ️· Product: M-System W5PA Signal Conditioner
    ️· Model Number Format: `W5PA-[1][2][3][4]-[5][6]` - Each bracket represents a configurable option.
    ️· Ordering Instructions: Specify a code from the listed options for each bracket (e.g., `W5PA-A144W4W-R/Q`).
    ️· Additional Ordering Notes: You can specify a frequency range (e.g., 0-1 kHz), a special output range (using codes 'Z' and '0'), and any options selected under the `/Q` code (e.g., /C01/S01).

    2. Configurable Options (Code Breakdown)

    Let's detail what each bracketed code represents:

    ️· [1] Input Type:
    - `A1`: Open Collector
    - `A2`: Mechanical Contact
    - `C`: 5V Pulse (sensitivity 2V)
    - `D`: 12V/24V Pulse (sensitivity 5V)
    ️· [2] Excitation Voltage:
    - `4`: 12V DC / 30mA
    - `7`: 24V DC / 12mA
    ️· [3] Output 1 Type (Current):
    - `A`: 4–20 mA DC (load resistance 550 Ω max)
    - `B`: 2–10 mA DC (load resistance 1100 Ω max)
    - `C`: 1–5 mA DC (load resistance 2200 Ω max)
    - `D`: 0–20 mA DC (load resistance 550 Ω max)
    - `E`: 0–16 mA DC (load resistance 685 Ω max)
    - `F`: 0–10 mA DC (load resistance 1100 Ω max)
    - `G`: 0–1 mA DC (load resistance 11 kΩ max)
    - `Z`: Specify current (see output specifications)
    ️· [4] Output 1 Type (Voltage):
    - '4': Specify voltage (See output specifications)
    ️· [5] Options:
    - `blank`: No options
    - `/Q`: With options (requires specification of additional codes)
    ■ `/C01`: Silicone coating
    ■ `/C02`: Polyurethane coating
    ■ `/C03`: Rubber coating
    ■ `/S01`: Stainless steel terminal screws
    ️· [6] Special Options:
    - '0': Special output ranges
    - `R`: Frequency range (e.g., 0 – 1 kHz)

    3. Technical Specifications

    ️· General:
    - Construction: Terminal block
    - Input Terminals: M3.5 screw terminals (0.8 N·m torque)
    - Output/Power Terminals: M3 screw terminals (0.8 N·m torque)
    - Terminal Material: Nickel-plated steel (standard) or stainless steel (option)
    - Housing: Flame-resistant resin (black)
    - Isolation: Input to output 1, output 2, and power
    ️· Performance:
    - Overrange Output: -10 to +120% at 1-5 V
    - Zero Adjustment: -2 to +2% (or ±1% with code 4W/5W)
    - Span Adjustment: 98 to 102% (or 99 to 101% with code 4W/5W)
    ️· Input Specifications:
    - Open Collector: Frequency range 0-100 kHz
    - Mechanical Contact: Frequency range 0-30 Hz
    - Voltage Pulse: Frequency range 0-100 kHz; waveform: square or sine; input impedance ≥ 10 kΩ; voltage sensitivity: 2V (5V pulse), 5V (12V/24V pulse)
    - Short-circuit protection for 12V/24V excitation.
    ️· Output Specifications:
    - DC Current Output: 0-20 mA; minimum span: 1 mA; load resistance up to 11 kΩ.
    - DC Voltage Output: -10 - +12V; minimum span: 5 mV; load resistance up to 11 kΩ
    ️· Power Consumption:
    - AC: 6–8 VA
    - DC: 3 W
    ️· Environmental:
    - Operating Temperature: -5 to +55°C
    - Operating Humidity: 0 to 90% RH
    ️· Standards: RoHS Directive, EMC Directive.

    4. Connections & Schematic

    ️· The device has a schematic diagram showing the signal flow: Sensor Excitation → Input → Waveform Shaper → Digital Computation → Voltage Amplifier → Output 1 & Output 2.
    ️· Important Notes:
    - The schematic illustrates the 2nd output option.
    - Do not connect to terminals 1 & 2.

    5. Important Cautions

    ️· Input Frequency Limit: The W5PA is designed to handle frequencies up to 100 kHz, but excessive chattering can occur above certain frequencies. A filter circuit is built in to reduce chatter with mechanical contacts, but an external filter might be needed in some situations.
    ️· Mounting: Allow sufficient space around the unit.

    Part No.W5PA-A14BA2-R2/Q
    ManufacturerMSYSTEM
    Size114 Kbytes
    Pages3 pages
    DescriptionTerminal Block Dual Output Signal Conditioners W5-UNIT