Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M2AC-A83-M2/Q Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about M2AC-A83-M2/Q Datasheet

  • # Example questions: ➢ What type of mounting options are available for the m2ac, and what is the significance of the din rail width?
    ➢ What is the purpose of this resistor in the circuit, and how does it affect the measurement process?
    ➢ What are the key certifications and safety standards that the m2ac model meets, and what does this indicate about its reliability?

  • Part No.M2AC-A83-M2/Q
    ManufacturerMSYSTEM
    Size102 Kbytes
    Pages3 pages
    DescriptionSuper-mini Signal Conditioners Mini-M Series
    Datasheet Summary with AI

    1. Product Identification:

    ️· Product: M2AC (likely a signal conditioner/converter)
    ️· Manufacturer: M-System (based on the website URL)
    ️· Document: M2AC Specifications ES-5036 Rev. 16 (a technical datasheet)

    2. Key Features & Specifications:

    ️· Input: Accepts current or voltage signals. An input shunt resistor is incorporated.
    ️· Output: Provides conditioned signals.
    ️· Power:
    - DC Power: Approx. 3W
    - Operating Temperature: -5 to +55°C (23 to 131°F)
    - Operating Humidity: 30 to 90 %RH (non-condensing)
    ️· Performance:
    - Accuracy: ±0.4%
    - Temp. Coefficient: ±0.05 %/°C
    - Response Time: ≤ 0.7 sec.
    - Ripple: 0.5% p-p max.
    - Line Voltage Effect: ±0.1%
    - Insulation Resistance: ≥ 100 MΩ
    - Dielectric Strength: 2000 V AC
    ️· Standards & Approvals:
    - EU Conformity (EMC, Low Voltage Directives)
    - RoHS Compliant
    - UL/C-UL nonincendive Class I, Division 2 (for hazardous locations)
    - UL/C-UL general safety requirements
    ️· Dimensions & Mounting:
    - Mounting: Surface or DIN rail
    - Weight: 150 g (0.33 lb)
    - External dimensions mentioned in the text are for components like: 21.5mm, 84mm, 10mm, 15mm, 114mm. There are also references to the DIN rail 35mm wide and a 4mm Screw(8-M3)
    ️· Wiring: 13 U(+) V(–)

    3. Visual Elements (Important to Note):

    ️· External Dimensions Diagram: A table containing dimensions in both metric and imperial units. (The textual representation of the table is complex and visually less clear). The image's layout is crucial for accurate interpretation.
    ️· Schematic Diagram: A block diagram showing the flow of signals (Input -> Output), with Power connections labeled.
    ️· Image of external dimensions is complex in text.

    4. Important Notes:

    ️· "When mounting, no extra space is needed between units." (Refers to DIN Rail mounting)
    *The external dimensions diagram is critical for physical installation and understanding of the product's size and layout.

    1. Product Identification:

    ️· Product: M2AC (likely a signal conditioner/converter)
    ️· Manufacturer: M-System (based on the website URL)
    ️· Document: M2AC Specifications ES-5036 Rev. 16 (a technical datasheet)

    2. Key Features & Specifications:

    ️· Input: Accepts current or voltage signals. An input shunt resistor is incorporated.
    ️· Output: Provides conditioned signals.
    ️· Power:
    - DC Power: Approx. 3W
    - Operating Temperature: -5 to +55°C (23 to 131°F)
    - Operating Humidity: 30 to 90 %RH (non-condensing)
    ️· Performance:
    - Accuracy: ±0.4%
    - Temp. Coefficient: ±0.05 %/°C
    - Response Time: ≤ 0.7 sec.
    - Ripple: 0.5% p-p max.
    - Line Voltage Effect: ±0.1%
    - Insulation Resistance: ≥ 100 MΩ
    - Dielectric Strength: 2000 V AC
    ️· Standards & Approvals:
    - EU Conformity (EMC, Low Voltage Directives)
    - RoHS Compliant
    - UL/C-UL nonincendive Class I, Division 2 (for hazardous locations)
    - UL/C-UL general safety requirements
    ️· Dimensions & Mounting:
    - Mounting: Surface or DIN rail
    - Weight: 150 g (0.33 lb)
    - External dimensions mentioned in the text are for components like: 21.5mm, 84mm, 10mm, 15mm, 114mm. There are also references to the DIN rail 35mm wide and a 4mm Screw(8-M3)
    ️· Wiring: 13 U(+) V(–)

    3. Visual Elements (Important to Note):

    ️· External Dimensions Diagram: A table containing dimensions in both metric and imperial units. (The textual representation of the table is complex and visually less clear). The image's layout is crucial for accurate interpretation.
    ️· Schematic Diagram: A block diagram showing the flow of signals (Input -> Output), with Power connections labeled.
    ️· Image of external dimensions is complex in text.

    4. Important Notes:

    ️· "When mounting, no extra space is needed between units." (Refers to DIN Rail mounting)
    *The external dimensions diagram is critical for physical installation and understanding of the product's size and layout.

    Part No.M2AC-A83-M2/Q
    ManufacturerMSYSTEM
    Size102 Kbytes
    Pages3 pages
    DescriptionSuper-mini Signal Conditioners Mini-M Series