Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST06-33CE Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ST06-33CE Datasheet

  • # Example questions: ➢ What package type and jeita code are used for the st06-33ce?
    ➢ How does the thermal resistance, rth(j-a), differ when the device is mounted on a glass-epoxy substrate compared to when it is not?
    ➢ What is the maximum allowable surge reverse current this tvs device can withstand for a non-repetitive pulse?

  • Part No.ST06-33CE
    ManufacturerSHINDENGEN
    Size1Mb
    Pages6 pages
    DescriptionTVS 14A, 600W
    Datasheet Summary with AI

    # ST06-33CE TVS Diode

    ## Features
    ️· Peak Pulse Power: 600W
    ️· Small SMD Package
    ️· AEC-Q101 Compliant
    ️· Pb-Free Terminal
    ️· RoHS Compliant

    ## Electrical Characteristics
    ️· Breakdown Voltage (VBR): 31-35V (IR=1mA)
    ️· Reverse Current (IR): 5µA (VR=25V)
    ️· Electrostatic Discharge (VESD): 30kV (Aerial discharge)

    ## Absolute Maximum Ratings
    ️· Storage Temperature (Tstg): -55 to 175°C
    ️· Operating Junction Temperature (Tj): -55 to 175°C
    ️· Maximum Surge Reverse Current (I<br>RSM): 14A (10/1000µs, Non-repetitive)
    ️· Continuous Reverse Voltage (VR(DC)): 25V

    ## Thermal Resistance
    ️· Rth(j-l): 15°C/W (Junction to lead)
    ️· Rth(j-a): 115/172°C/W (Junction to ambient)

    ## Package Information
    ️· Package (House Name): CE
    ️· Package (JEITA Code): SC-110B

    # ST06-33CE TVS Diode

    ## Features
    ️· Peak Pulse Power: 600W
    ️· Small SMD Package
    ️· AEC-Q101 Compliant
    ️· Pb-Free Terminal
    ️· RoHS Compliant

    ## Electrical Characteristics
    ️· Breakdown Voltage (VBR): 31-35V (IR=1mA)
    ️· Reverse Current (IR): 5µA (VR=25V)
    ️· Electrostatic Discharge (VESD): 30kV (Aerial discharge)

    ## Absolute Maximum Ratings
    ️· Storage Temperature (Tstg): -55 to 175°C
    ️· Operating Junction Temperature (Tj): -55 to 175°C
    ️· Maximum Surge Reverse Current (I<br>RSM): 14A (10/1000µs, Non-repetitive)
    ️· Continuous Reverse Voltage (VR(DC)): 25V

    ## Thermal Resistance
    ️· Rth(j-l): 15°C/W (Junction to lead)
    ️· Rth(j-a): 115/172°C/W (Junction to ambient)

    ## Package Information
    ️· Package (House Name): CE
    ️· Package (JEITA Code): SC-110B

    Part No.ST06-33CE
    ManufacturerSHINDENGEN
    Size1Mb
    Pages6 pages
    DescriptionTVS 14A, 600W