Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRB Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MRB Datasheet

  • # Example questions: ➢ What are the key differences in performance criteria (delta r values) between the 'characteristic u' and 'characteristic v' versions of these resistors under high temperature exposure testing?
    ➢ What types of applications are vishay resistors specifically *not* designed for, and what is the risk associated with using them in such applications?
    ➢ What responsibility does the customer have regarding validating the suitability of the resistor for their specific application?

  • Part No.MRB
    ManufacturerVISHAY
    Size86 Kbytes
    Pages3 pages
    DescriptionWirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
    Datasheet Summary with AI

    # MRB Wirewound Resistors

    ## Features
    · High temperature coating (> 350 °C)
    · Welded construction
    · Non-inductive styles available ("NI" designation)
    · High power to size ratio

    ## Electrical Specifications (per model)
    Model Power Rating (25°C) - U Power Rating (25°C) - V Tolerance (%) Resistance Range (Ω) Weight (g)
    MRB01 1.0 1.5 0.5, 1, 5 0.085 to 5.0K 0.30
    MRB02 1.5 2.2 0.5, 1, 5 0.05 to 6.85K 0.32
    MRB03 2.25 3.0 0.5, 1, 5 0.05 to 10.4K 0.34
    MRB05 4.0 5.0 0.5, 1, 5 0.015 to 24.5K 0.70
    MRB06 5.0 6.0 0.5, 1, 5 0.02 to 32.3K 1.60
    MRB10 7.0 10.0 0.5, 1, 5 0.03 to 90.9K 4.20
    MRB12 10.0 12.0 0.5, 1, 5 0.04 to 144.9K 4.70

    ## Technical Specifications
    · Temperature Coefficient: ±30 ppm/°C (≥ 10 Ω), ±50 ppm/°C (1.0 - 9.9 Ω), ±90 ppm/°C (0.5 - 0.99 Ω)
    · Terminal Strength: 5 lb min (MRB01-03), 10 lb min (MRB05+)
    · Dielectric Withstanding Voltage: 500 VAC (≤ 3W), 1000 VAC (>4W)
    · Operating Temperature: U: -65 to +250°C, V: -65 to +350°C

    ## Dimensions (inches [mm])
    Model L L1 Max. D LD
    MRB01 0.285 [7.24] 0.375 [9.52] 0.110 [2.79] 0.020 [0.508]
    MRB02 0.310 [7.87] 0.420 [10.67] 0.094 [2.39] 0.020 [0.508]
    MRB03 0.406 [10.31] 0.500 [12.70] 0.110 [2.79] 0.020 [0.508]
    MRB05 0.562 [14.27] 0.650 [16.51] 0.187 [4.75] 0.032 [0.813]
    MRB06 0.500 [12.70] 0.600 [15.24] 0.218 [5.54] 0.032 [0.813]
    MRB10 0.875 [22.22] 0.975 [24.76] 0.312 [7.92] 0.032 [0.813]
    MRB12 1.188 [30.18] 1.280 [32.51] 0.312 [7.92] 0.032 [0.813]

    ## Material Specifications
    · Element: Copper-nickel alloy or nickel-chrome alloy
    · Core: Alumina Ceramic
    · Coating: High-temperature silicone
    · Terminals: Tinned copper clad steel
    · End Caps: Stainless steel

    ## Part Numbering
    Global Part Number: MRB02250R0FE08
    · MRB02: Global Model
    · 250R0: Value (250 Ohms)
    · F: Tolerance (±1%)
    · E08: Packaging Code (Tape/reel)

    ## Disclaimer
    · Products are subject to change without notice.
    · Vishay disclaims all liability for errors, inaccuracies, or incompleteness in datasheets.
    · Not designed for use in medical or life-saving applications without specific authorization.

    # MRB Wirewound Resistors

    ## Features
    · High temperature coating (> 350 °C)
    · Welded construction
    · Non-inductive styles available ("NI" designation)
    · High power to size ratio

    ## Electrical Specifications (per model)
    Model Power Rating (25°C) - U Power Rating (25°C) - V Tolerance (%) Resistance Range (Ω) Weight (g)
    MRB01 1.0 1.5 0.5, 1, 5 0.085 to 5.0K 0.30
    MRB02 1.5 2.2 0.5, 1, 5 0.05 to 6.85K 0.32
    MRB03 2.25 3.0 0.5, 1, 5 0.05 to 10.4K 0.34
    MRB05 4.0 5.0 0.5, 1, 5 0.015 to 24.5K 0.70
    MRB06 5.0 6.0 0.5, 1, 5 0.02 to 32.3K 1.60
    MRB10 7.0 10.0 0.5, 1, 5 0.03 to 90.9K 4.20
    MRB12 10.0 12.0 0.5, 1, 5 0.04 to 144.9K 4.70

    ## Technical Specifications
    · Temperature Coefficient: ±30 ppm/°C (≥ 10 Ω), ±50 ppm/°C (1.0 - 9.9 Ω), ±90 ppm/°C (0.5 - 0.99 Ω)
    · Terminal Strength: 5 lb min (MRB01-03), 10 lb min (MRB05+)
    · Dielectric Withstanding Voltage: 500 VAC (≤ 3W), 1000 VAC (>4W)
    · Operating Temperature: U: -65 to +250°C, V: -65 to +350°C

    ## Dimensions (inches [mm])
    Model L L1 Max. D LD
    MRB01 0.285 [7.24] 0.375 [9.52] 0.110 [2.79] 0.020 [0.508]
    MRB02 0.310 [7.87] 0.420 [10.67] 0.094 [2.39] 0.020 [0.508]
    MRB03 0.406 [10.31] 0.500 [12.70] 0.110 [2.79] 0.020 [0.508]
    MRB05 0.562 [14.27] 0.650 [16.51] 0.187 [4.75] 0.032 [0.813]
    MRB06 0.500 [12.70] 0.600 [15.24] 0.218 [5.54] 0.032 [0.813]
    MRB10 0.875 [22.22] 0.975 [24.76] 0.312 [7.92] 0.032 [0.813]
    MRB12 1.188 [30.18] 1.280 [32.51] 0.312 [7.92] 0.032 [0.813]

    ## Material Specifications
    · Element: Copper-nickel alloy or nickel-chrome alloy
    · Core: Alumina Ceramic
    · Coating: High-temperature silicone
    · Terminals: Tinned copper clad steel
    · End Caps: Stainless steel

    ## Part Numbering
    Global Part Number: MRB02250R0FE08
    · MRB02: Global Model
    · 250R0: Value (250 Ohms)
    · F: Tolerance (±1%)
    · E08: Packaging Code (Tape/reel)

    ## Disclaimer
    · Products are subject to change without notice.
    · Vishay disclaims all liability for errors, inaccuracies, or incompleteness in datasheets.
    · Not designed for use in medical or life-saving applications without specific authorization.

    Part No.MRB
    ManufacturerVISHAY
    Size86 Kbytes
    Pages3 pages
    DescriptionWirewound Resistors, Commercial Power, Silicone Coated, Axial Lead