Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRP003 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MRP003 Datasheet

  • # Example questions: ➢ What is the difference in maximum allowable resistance change (δr) for a 'high temperature exposure' test between characteristic u and characteristic v resistors?
    ➢ What are the pull test force requirements for mrp1/4 through mrp01a resistors compared to other models?
    ➢ What disclaimer does vishay provide regarding the use of their products in medical, life-saving, or life-sustaining applications?

  • Part No.MRP003
    ManufacturerVISHAY
    Size87 Kbytes
    Pages3 pages
    DescriptionWirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
    Datasheet Summary with AI

    # MRP Wirewound Resistors

    ## Features
    ️· High temperature coating (> 350 °C)
    ️· Complete welded construction
    ️· Non-inductive styles available (Ayrton-Perry winding - “NI” designation)

    ## Electrical Specifications
    ️· Power Rating: Varies by model (0.25W to 20.0W) and temperature characteristic (U = +250°C, V = +350°C) - see table for specifics.
    ️· Resistance Range: 0.1 Ω to 285.0 kΩ
    ️· Tolerance: ± 0.25 %, ± 0.5 %, ± 1 %, ± 5 %
    ️· Temperature Coefficient: ± 30 ppm/°C (for 10 Ω and above), ± 50 ppm/°C (1.0 to 9.9 Ω), ± 90 ppm/°C (0.5 to 0.99 Ω)

    ## Dimensions
    ️· Dimensions vary by model (see table for Length, L1, Diameter, LD)

    ## Material Specifications
    ️· Element: Copper-nickel alloy or nickel-chrome alloy
    ️· Core: Steatite or alumina ceramic
    ️· Coating: High temperature silicone
    ️· Terminals: Tinned copper clad steel
    ️· End Caps: Stainless steel
    ️· Marking: MILLS, model, value, tolerance, date code

    ## Packaging
    ️· Tape/reel options (E07, E08, E29, E48)
    ️· Bulk options (E12 - up to 100 pieces)

    ## Part Numbering
    ️· Global: MRP[6 digits][5 digits][1 digit][3 digits][up to 2 digits] (Value: R=decimal, K=thousand)
    ️· Historical: MRP[model][resistance][tolerance]

    ## Testing Specifications
    ️· Dielectric Withstanding Voltage: 500 VAC (≤1.2W), 1000 VAC (>1.2W)
    ️· Operating Temperature: -65 to +250°C (Characteristic U), -65 to +350°C (Characteristic V)
    ️· Refer to the datasheet for detailed test limits on vibration, temperature exposure, load life, moisture resistance, shock, and overload.

    ## Disclaimer
    ️· Product specifications are subject to change.
    ️· Vishay disclaims liability for errors, inaccuracies, or incomplete information.
    ️· Products are not intended for use in life-saving or life-sustaining applications without specific authorization.

    # MRP Wirewound Resistors

    ## Features
    ️· High temperature coating (> 350 °C)
    ️· Complete welded construction
    ️· Non-inductive styles available (Ayrton-Perry winding - “NI” designation)

    ## Electrical Specifications
    ️· Power Rating: Varies by model (0.25W to 20.0W) and temperature characteristic (U = +250°C, V = +350°C) - see table for specifics.
    ️· Resistance Range: 0.1 Ω to 285.0 kΩ
    ️· Tolerance: ± 0.25 %, ± 0.5 %, ± 1 %, ± 5 %
    ️· Temperature Coefficient: ± 30 ppm/°C (for 10 Ω and above), ± 50 ppm/°C (1.0 to 9.9 Ω), ± 90 ppm/°C (0.5 to 0.99 Ω)

    ## Dimensions
    ️· Dimensions vary by model (see table for Length, L1, Diameter, LD)

    ## Material Specifications
    ️· Element: Copper-nickel alloy or nickel-chrome alloy
    ️· Core: Steatite or alumina ceramic
    ️· Coating: High temperature silicone
    ️· Terminals: Tinned copper clad steel
    ️· End Caps: Stainless steel
    ️· Marking: MILLS, model, value, tolerance, date code

    ## Packaging
    ️· Tape/reel options (E07, E08, E29, E48)
    ️· Bulk options (E12 - up to 100 pieces)

    ## Part Numbering
    ️· Global: MRP[6 digits][5 digits][1 digit][3 digits][up to 2 digits] (Value: R=decimal, K=thousand)
    ️· Historical: MRP[model][resistance][tolerance]

    ## Testing Specifications
    ️· Dielectric Withstanding Voltage: 500 VAC (≤1.2W), 1000 VAC (>1.2W)
    ️· Operating Temperature: -65 to +250°C (Characteristic U), -65 to +350°C (Characteristic V)
    ️· Refer to the datasheet for detailed test limits on vibration, temperature exposure, load life, moisture resistance, shock, and overload.

    ## Disclaimer
    ️· Product specifications are subject to change.
    ️· Vishay disclaims liability for errors, inaccuracies, or incomplete information.
    ️· Products are not intended for use in life-saving or life-sustaining applications without specific authorization.

    Part No.MRP003
    ManufacturerVISHAY
    Size87 Kbytes
    Pages3 pages
    DescriptionWirewound Resistor, Commercial Power, Silicone Coated, Axial Lead