Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ANT-418-CW-HWR Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ANT-418-CW-HWR Datasheet

  • # Example questions: ➢ What physical dimensions are specified for the ant-418-cw-hwr-ccc antenna?
    ➢ What is the recommended frequency range for optimal performance with this antenna?
    ➢ How does the size of the ground plane affect the antenna’s center frequency and bandwidth?

  • Part No.ANT-418-CW-HWR
    ManufacturerLINX
    Size403 Kbytes
    Pages2 pages
    DescriptionHWR Series antennas deliver outstanding performance in a rugged and cosmetically attractive package.
    Datasheet Summary with AI

    # ANT-418-CW-HWR-ccc

    ## Product Description
    HWR Series antennas offer outstanding performance in a rugged, aesthetically pleasing package. The articulating base allows for 90-degree tilting and 360-degree rotation. Antennas connect via SMA or Part 15 compliant RP-SMA connectors. Custom colors and connectors are available for high-volume OEM customers.

    ## Features
    · Low cost
    · Tilts and rotates
    · Omni-directional pattern
    · Outstanding VSWR
    · Rugged & damage-resistant
    · Standard SMA or Part 15 compliant RP-SMA connector
    · Custom colors and terminations for volume OEMs
    · Compatible with plastic or metal enclosures (requires proximity ground plane)
    · Internal O-ring seal on connector

    ## Electrical Specifications
    · Center Frequency: 418MHz
    · Recommended Frequency Range: 398–438MHz
    · Bandwidth: 40MHz

    · Wavelength: ¼-wave
    · VSWR: ≤ 2.0 (typical)
    · Peak Gain: 0.7dBi
    · Impedance: 50-ohms
    · Connection: RP-SMA or SMA
    · Operating Temperature Range: –30°C to +80°C
    · Measured with a 10.16 cm x 10.16 cm (4.00” x 4.00”) reference ground plane

    ## Ordering Information
    · ANT-418-CW-HWR-RPS (with RP-SMA connector)
    · ANT-418-CW-HWR-SMA (with SMA connector)

    ## VSWR & Counterpoise
    · VSWR: A measure of antenna matching to a 50-ohm source; a perfect match is 1:1, typically a benchmark of 2:1 is used.
    · Counterpoise: Quarter-wave or monopole antennas require a ground plane. Size and location affect performance; smaller ground planes shift center frequency higher and reduce bandwidth.

    # ANT-418-CW-HWR-ccc

    ## Product Description
    HWR Series antennas offer outstanding performance in a rugged, aesthetically pleasing package. The articulating base allows for 90-degree tilting and 360-degree rotation. Antennas connect via SMA or Part 15 compliant RP-SMA connectors. Custom colors and connectors are available for high-volume OEM customers.

    ## Features
    · Low cost
    · Tilts and rotates
    · Omni-directional pattern
    · Outstanding VSWR
    · Rugged & damage-resistant
    · Standard SMA or Part 15 compliant RP-SMA connector
    · Custom colors and terminations for volume OEMs
    · Compatible with plastic or metal enclosures (requires proximity ground plane)
    · Internal O-ring seal on connector

    ## Electrical Specifications
    · Center Frequency: 418MHz
    · Recommended Frequency Range: 398–438MHz
    · Bandwidth: 40MHz
    · Wavelength: ¼-wave
    · VSWR: ≤ 2.0 (typical)
    · Peak Gain: 0.7dBi
    · Impedance: 50-ohms
    · Connection: RP-SMA or SMA
    · Operating Temperature Range: –30°C to +80°C
    · Measured with a 10.16 cm x 10.16 cm (4.00” x 4.00”) reference ground plane

    ## Ordering Information
    · ANT-418-CW-HWR-RPS (with RP-SMA connector)
    · ANT-418-CW-HWR-SMA (with SMA connector)

    ## VSWR & Counterpoise
    · VSWR: A measure of antenna matching to a 50-ohm source; a perfect match is 1:1, typically a benchmark of 2:1 is used.
    · Counterpoise: Quarter-wave or monopole antennas require a ground plane. Size and location affect performance; smaller ground planes shift center frequency higher and reduce bandwidth.

    Part No.ANT-418-CW-HWR
    ManufacturerLINX
    Size403 Kbytes
    Pages2 pages
    DescriptionHWR Series antennas deliver outstanding performance in a rugged and cosmetically attractive package.
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com