Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ANT-868-CW-QW Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ANT-868-CW-QW Datasheet

  • # Example questions: ➢ What is the typical vswr value at the center frequency of 868mhz for this antenna?
    ➢ What is the recommended frequency range for optimal performance with the ant-868-cw-qw antenna?
    ➢ How does the size of the ground plane affect the antenna's center frequency and bandwidth?

  • Part No.ANT-868-CW-QW
    ManufacturerLINX
    Size342 Kbytes
    Pages2 pages
    DescriptionCW Series 쩌-wave antennas deliver outstanding performance
    Datasheet Summary with AI

    # ANT-868-CW-QW Antenna

    ## Product Description
    CW Series ¼-wave antennas offer outstanding performance in a rugged and attractive package. Available with SMA or FCC Part 15 compliant RP-SMA connectors for easy replacement.

    ## Features
    · Low cost
    · Excellent performance
    · Omni-directional pattern
    · Wide bandwidth
    · Very low VSWR
    · Fully weatherized
    · Flexible main shaft
    · Rugged & damage-resistant
    · Compatible with plastic or metal enclosures (requires proximity ground plane)

    ## Electrical Specifications
    · Center Frequency: 868MHz
    · Recommended Frequency Range: 750–950MHz
    · Wavelength: ¼-wave

    · Peak Gain: 1.6dBi
    · VSWR: <1.9 typ. at center
    · Impedance: 50-ohms
    · Connector Options: RP-SMA or SMA
    · Operating Temperature Range: –40°C to +90°C

    ## Ordering Information
    · ANT-868-CW-QW (with RP-SMA connector)
    · ANT-868-CW-QW-SMA (with SMA connector)

    ## VSWR and Performance
    · VSWR is a measurement of antenna matching to a 50-ohm source. A VSWR of 1:1 is a perfect match.
    · Linx specifies a recommended VSWR bandwidth where the typical VSWR is less than 2:1.
    · VSWR graph displays antenna performance versus frequency; lowest point indicates operational center frequency.

    # ANT-868-CW-QW Antenna

    ## Product Description
    CW Series ¼-wave antennas offer outstanding performance in a rugged and attractive package. Available with SMA or FCC Part 15 compliant RP-SMA connectors for easy replacement.

    ## Features
    · Low cost
    · Excellent performance
    · Omni-directional pattern
    · Wide bandwidth
    · Very low VSWR
    · Fully weatherized
    · Flexible main shaft
    · Rugged & damage-resistant
    · Compatible with plastic or metal enclosures (requires proximity ground plane)

    ## Electrical Specifications
    · Center Frequency: 868MHz
    · Recommended Frequency Range: 750–950MHz
    · Wavelength: ¼-wave
    · Peak Gain: 1.6dBi
    · VSWR: <1.9 typ. at center
    · Impedance: 50-ohms
    · Connector Options: RP-SMA or SMA
    · Operating Temperature Range: –40°C to +90°C

    ## Ordering Information
    · ANT-868-CW-QW (with RP-SMA connector)
    · ANT-868-CW-QW-SMA (with SMA connector)

    ## VSWR and Performance
    · VSWR is a measurement of antenna matching to a 50-ohm source. A VSWR of 1:1 is a perfect match.
    · Linx specifies a recommended VSWR bandwidth where the typical VSWR is less than 2:1.
    · VSWR graph displays antenna performance versus frequency; lowest point indicates operational center frequency.

    Part No.ANT-868-CW-QW
    ManufacturerLINX
    Size342 Kbytes
    Pages2 pages
    DescriptionCW Series 쩌-wave antennas deliver outstanding performance