Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E3JK-R2M1 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about E3JK-R2M1 Datasheet

  • # Example questions: ➢ What materials are used for the case, lens, and cover of the e3jm/e3jk sensors?
    ➢ What is the degree of protection offered by the e3jm and e3jk series sensors according to iec 60529?
    ➢ What is the maximum switching frequency for the relay output on the e3jm series sensors, and what is the minimum switching frequency for electrical life expectancy?

  • Part No.E3JK-R2M1
    ManufacturerOMRON
    Size920 Kbytes
    Pages13 pages
    DescriptionBuilt-in Power Supply Photoelectric Sensor
    Datasheet Summary with AI

    1. Overview:

    ️· Two Sensor Series: The document covers two product lines: the E3JM and the E3JK. They appear to be quite similar in many aspects but have differences in their features and application.
    ️· Sensor Types: The sensors are designed for various applications, including:
    - Through-beam: (E3JM-@@M4(T) - for long distances)
    - Retro-reflective: (E3JM-@@M4(T) model, with included reflector)
    - Diffuse (Background Suppression): (E3JM-@@S4(T) Model)

    2. Common Features (E3JM and E3JK):

    ️· Protection: IP66 rated (dust-tight and protected against strong water jets).
    ️· Connection: Terminal block connections.
    ️· Case Material: ABS (Acrylonitrile Butadiene Styrene) for the case, Polycarbonate for the cover, Methacrylic resin for the lens.
    ️· Mounting Bracket: Iron (with screws).
    ️· Accessories: Each sensor comes with a mounting bracket, nuts, terminal protection cover, cable connection nuts, and an instruction manual. Retro-reflective sensors come with a reflector (E39-R1).
    ️· Weight: Roughly 270g (E3JM) and 160g (E3JK).
    ️· Operating Temperature: -25°C to 55°C, Storage: -30°C to 70°C.
    ️· Vibration and Shock Resistance: Specifications are detailed for both destruction and malfunction scenarios.
    ️· Insulation Resistance: 20 MΩ min. at 500 VDC.
    ️· Dielectric Strength: 2,000 VAC, 50/60 Hz for 1 min.

    3. E3JM Specifics:

    ️· Longer Range (Through-beam): Primarily intended for longer detection distances when used in a through-beam configuration.
    ️· Control Outputs:
    - Relay Output (E3JM-@@M4 (T)): SPDT, 250 VAC, 3A, 5 VDC, 10 mA.
    - DC SSR Output (E3JM-@@S4 (T)): 48 VDC, 100 mA (residual voltage 2V max).
    - Light-ON/Dark-ON selectable.
    ️· Timer Function (E3JM-@@@4T): On-delay/Off-delay/One-shot delay switch selectable. Delay time adjustable from 0.1 to 5 seconds. *Timer cannot be disabled*.
    ️· Ambient Illumination: Can tolerate up to 3000 lx (incandescent lamp) on the receiver side.
    ️· Sensitivity Adjustment: One-turn adjuster.

    4. E3JK Specifics:

    ️· Diffuse Mode Sensor: Intended primarily for diffuse (background suppression) sensing.
    ️· Control Outputs:
    - Relay Output (E3JK-@@M4 (T)): Same as E3JM.
    - DC SSR Output (E3JK-@@S4 (T)): Same as E3JM.
    - Light-ON/Dark-ON selectable.
    ️· Timer Function (E3JK-@@@4T): Same as E3JM. *Timer cannot be disabled*.
    ️· Sensitivity Adjustment: One-turn adjuster.

    Key Differences Summary Table:

    Feature E3JM E3JK
    Primary Application Through-beam, Retro-reflective Diffuse/Background Suppression
    Range Longer range (Through-beam) Shorter range (Diffuse)
    Specific Features Timer functionality

    1. Overview:

    ️· Two Sensor Series: The document covers two product lines: the E3JM and the E3JK. They appear to be quite similar in many aspects but have differences in their features and application.
    ️· Sensor Types: The sensors are designed for various applications, including:
    - Through-beam: (E3JM-@@M4(T) - for long distances)
    - Retro-reflective: (E3JM-@@M4(T) model, with included reflector)
    - Diffuse (Background Suppression): (E3JM-@@S4(T) Model)

    2. Common Features (E3JM and E3JK):

    ️· Protection: IP66 rated (dust-tight and protected against strong water jets).
    ️· Connection: Terminal block connections.
    ️· Case Material: ABS (Acrylonitrile Butadiene Styrene) for the case, Polycarbonate for the cover, Methacrylic resin for the lens.
    ️· Mounting Bracket: Iron (with screws).
    ️· Accessories: Each sensor comes with a mounting bracket, nuts, terminal protection cover, cable connection nuts, and an instruction manual. Retro-reflective sensors come with a reflector (E39-R1).
    ️· Weight: Roughly 270g (E3JM) and 160g (E3JK).
    ️· Operating Temperature: -25°C to 55°C, Storage: -30°C to 70°C.
    ️· Vibration and Shock Resistance: Specifications are detailed for both destruction and malfunction scenarios.
    ️· Insulation Resistance: 20 MΩ min. at 500 VDC.
    ️· Dielectric Strength: 2,000 VAC, 50/60 Hz for 1 min.

    3. E3JM Specifics:

    ️· Longer Range (Through-beam): Primarily intended for longer detection distances when used in a through-beam configuration.
    ️· Control Outputs:
    - Relay Output (E3JM-@@M4 (T)): SPDT, 250 VAC, 3A, 5 VDC, 10 mA.
    - DC SSR Output (E3JM-@@S4 (T)): 48 VDC, 100 mA (residual voltage 2V max).
    - Light-ON/Dark-ON selectable.
    ️· Timer Function (E3JM-@@@4T): On-delay/Off-delay/One-shot delay switch selectable. Delay time adjustable from 0.1 to 5 seconds. *Timer cannot be disabled*.
    ️· Ambient Illumination: Can tolerate up to 3000 lx (incandescent lamp) on the receiver side.
    ️· Sensitivity Adjustment: One-turn adjuster.

    4. E3JK Specifics:

    ️· Diffuse Mode Sensor: Intended primarily for diffuse (background suppression) sensing.
    ️· Control Outputs:
    - Relay Output (E3JK-@@M4 (T)): Same as E3JM.
    - DC SSR Output (E3JK-@@S4 (T)): Same as E3JM.
    - Light-ON/Dark-ON selectable.
    ️· Timer Function (E3JK-@@@4T): Same as E3JM. *Timer cannot be disabled*.
    ️· Sensitivity Adjustment: One-turn adjuster.

    Key Differences Summary Table:

    Feature E3JM E3JK
    Primary Application Through-beam, Retro-reflective Diffuse/Background Suppression
    Range Longer range (Through-beam) Shorter range (Diffuse)
    Specific Features Timer functionality

    Part No.E3JK-R2M1
    ManufacturerOMRON
    Size920 Kbytes
    Pages13 pages
    DescriptionBuilt-in Power Supply Photoelectric Sensor