Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B360 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about B360 Datasheet

  • # Example questions: ➢ What is the typical junction capacitance for all models (b320 through b360), and at what conditions is this capacitance measured?
    ➢ What is the maximum average forward rectified current for the b320, b330, b340, b350, and b360 models when the case temperature is 100°c?
    ➢ What are the minimum and maximum values for dimension 'h' of the smc outline, and what unit of measurement is used?

  • Part No.B360
    ManufacturerWEITRON
    Size181 Kbytes
    Pages3 pages
    DescriptionSurface Mount Schottky Barrier Rectifiers
    Datasheet Summary with AI

    # SMC Surface Mount Schottky Barrier Rectifiers
    ## Features
    ️· Surface Mount Application
    ️· Metal-Semiconductor Junction with Guardring
    ️· Epitaxial Construction
    ️· Very Low Forward Voltage Drop
    ️· High Current Capability
    ️· UL 94V-0 Flammability Classification
    ️· For Low & Polarity Protection Applications

    ## Mechanical Data
    ️· Case: Molded Plastic
    ️· Polarity: Cathode Band
    ️· Weight: 0.007 Ounce (0.21 grams)

    ## Dimensions (mm)
    ️· A: 5.59 - 6.22
    ️· B: 6.60 - 7.11
    ️· C: 2.75 - 3.18
    ️· D: 0.15 - 0.31

    ️· E: 7.75 - 8.13
    ️· G: 0.10 - 0.20
    ️· H: 0.76 - 1.52
    ️· J: 2.00 - 2.62

    ## Electrical Characteristics (B320 - B360)
    Ratings (25°C Ambient)
    ️· VRRM (Max Recurrent Peak Reverse Voltage): 20V - 60V
    ️· VRMS (Max RMS Voltage): 14V - 42V
    ️· VDC (Max DC Blocking Voltage): 20V - 60V
    ️· IF(AV) (Max Avg Forward Current @ TC=100°C): 3.0A
    ️· IFSM (Peak Forward Surge Current): 100A
    ️· VF (Forward Voltage @ 3.0A DC): 0.5V - 0.7V
    ️· IR (Max DC Reverse Current): 0.5mA @ 20V, 20mA @ 100V
    ️· CJ (Typical Junction Capacitance @ 1MHz, 4V): 250pF
    ️· RθJL (Typical Thermal Resistance): 10 °C/W
    ️· TJ (Operating Junction Temperature): -55°C to +125°C
    ️· TSTG (Storage Temperature): -55°C to +150°C

    # SMC Surface Mount Schottky Barrier Rectifiers
    ## Features
    ️· Surface Mount Application
    ️· Metal-Semiconductor Junction with Guardring
    ️· Epitaxial Construction
    ️· Very Low Forward Voltage Drop
    ️· High Current Capability
    ️· UL 94V-0 Flammability Classification
    ️· For Low & Polarity Protection Applications

    ## Mechanical Data
    ️· Case: Molded Plastic
    ️· Polarity: Cathode Band
    ️· Weight: 0.007 Ounce (0.21 grams)

    ## Dimensions (mm)
    ️· A: 5.59 - 6.22
    ️· B: 6.60 - 7.11
    ️· C: 2.75 - 3.18
    ️· D: 0.15 - 0.31
    ️· E: 7.75 - 8.13
    ️· G: 0.10 - 0.20
    ️· H: 0.76 - 1.52
    ️· J: 2.00 - 2.62

    ## Electrical Characteristics (B320 - B360)
    Ratings (25°C Ambient)
    ️· VRRM (Max Recurrent Peak Reverse Voltage): 20V - 60V
    ️· VRMS (Max RMS Voltage): 14V - 42V
    ️· VDC (Max DC Blocking Voltage): 20V - 60V
    ️· IF(AV) (Max Avg Forward Current @ TC=100°C): 3.0A
    ️· IFSM (Peak Forward Surge Current): 100A
    ️· VF (Forward Voltage @ 3.0A DC): 0.5V - 0.7V
    ️· IR (Max DC Reverse Current): 0.5mA @ 20V, 20mA @ 100V
    ️· CJ (Typical Junction Capacitance @ 1MHz, 4V): 250pF
    ️· RθJL (Typical Thermal Resistance): 10 °C/W
    ️· TJ (Operating Junction Temperature): -55°C to +125°C
    ️· TSTG (Storage Temperature): -55°C to +150°C

    Part No.B360
    ManufacturerWEITRON
    Size181 Kbytes
    Pages3 pages
    DescriptionSurface Mount Schottky Barrier Rectifiers