Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VIM82PU-S1V16-2AE-I422K28 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about VIM82PU-S1V16-2AE-I422K28 Datasheet

  • # Example questions: ➢ What is the safety integrity level (sil) and performance level (pl) of this vibration sensor?
    ➢ What are the dimensions of the sensor housing (length, width, height), and what degree of protection does it offer?
    ➢ What type of output does the sensor provide for vibration variable measurement (e.g., voltage, current)? what is the expected load resistance?

  • Part No.VIM82PU-S1V16-2AE-I422K28
    ManufacturerPF
    Size937 Kbytes
    Pages4 pages
    DescriptionVibration sensor
    Datasheet Summary with AI

    ## Vibration Sensor: Pepperl+Fuchs VIM82PU-S1V16-2AE-I422K28 - Technical Specifications & Details

    This document details the Pepperl+Fuchs VIM82PU-S1V16-2AE-I422K28 vibration sensor, outlining its features, technical specifications, installation, and programming details.

    Key Features & Highlights:

    ️· Purpose: Measures vibration in the 0-16 mm/s range with ±0.1 mm/s accuracy.
    ️· Functional Safety: Certified to SIL 2 / PL d / Category 2, making it suitable for safety-critical applications.
    ️· Outputs: Provides relay outputs (2x NO), and a 4-20mA analog output for vibration variable.
    ️· Robust Design: Stainless steel housing (IP66/IP67) for industrial environments.
    ️· Programmability: Adjustable switching thresholds for the relay outputs.

    Technical Specifications (Key Parameters):

    ️· Measurement Range: 0 - 16 mm/s (RMS)
    ️· Frequency Range: 10 - 1000 Hz
    ️· Operating Voltage: 24 V DC (±10%)
    ️· Current Consumption: Max. 100 mA
    ️· Ambient Temperature: -35 to +60 °C (-31 to +140 °F)
    ️· Housing Material: Stainless Steel 1.4305 / AISI 303
    ️· Degree of Protection: IP66/IP67
    ️· Certifications: SIL 2, PL d, Category 2. UL Listed

    Installation & Programming:

    ️· Connection: 8-core cable with specific wiring for power, analog output, and relay contacts.
    ️· Mounting: The sensor should be securely mounted to minimize external influences.
    ️· Programming: Switching thresholds for the relay outputs are adjustable via rotary switches and a push button.
    ️· Documentation: Detailed installation, grounding, and mounting instructions are available in the sensor manual (accessible on the Pepperl+Fuchs website).

    Accessories:

    ️· Flexible metal conduit (MEC-VIM6-V4A-1.5)
    ️· Mounting adapters (MONAD-M08-1,25-M08-1,25K/368 and MONAD-M08-1,25-M30-3,5/368)

    Safety Information:

    ️· An external fuse (3A, semi-time-lag, 30V DC) is required.
    ️· Correct electrical connections and grounding are crucial for safe operation.

    ## Vibration Sensor: Pepperl+Fuchs VIM82PU-S1V16-2AE-I422K28 - Technical Specifications & Details

    This document details the Pepperl+Fuchs VIM82PU-S1V16-2AE-I422K28 vibration sensor, outlining its features, technical specifications, installation, and programming details.

    Key Features & Highlights:

    ️· Purpose: Measures vibration in the 0-16 mm/s range with ±0.1 mm/s accuracy.
    ️· Functional Safety: Certified to SIL 2 / PL d / Category 2, making it suitable for safety-critical applications.
    ️· Outputs: Provides relay outputs (2x NO), and a 4-20mA analog output for vibration variable.
    ️· Robust Design: Stainless steel housing (IP66/IP67) for industrial environments.
    ️· Programmability: Adjustable switching thresholds for the relay outputs.

    Technical Specifications (Key Parameters):

    ️· Measurement Range: 0 - 16 mm/s (RMS)
    ️· Frequency Range: 10 - 1000 Hz
    ️· Operating Voltage: 24 V DC (±10%)
    ️· Current Consumption: Max. 100 mA
    ️· Ambient Temperature: -35 to +60 °C (-31 to +140 °F)
    ️· Housing Material: Stainless Steel 1.4305 / AISI 303
    ️· Degree of Protection: IP66/IP67
    ️· Certifications: SIL 2, PL d, Category 2. UL Listed

    Installation & Programming:

    ️· Connection: 8-core cable with specific wiring for power, analog output, and relay contacts.
    ️· Mounting: The sensor should be securely mounted to minimize external influences.
    ️· Programming: Switching thresholds for the relay outputs are adjustable via rotary switches and a push button.
    ️· Documentation: Detailed installation, grounding, and mounting instructions are available in the sensor manual (accessible on the Pepperl+Fuchs website).

    Accessories:

    ️· Flexible metal conduit (MEC-VIM6-V4A-1.5)
    ️· Mounting adapters (MONAD-M08-1,25-M08-1,25K/368 and MONAD-M08-1,25-M30-3,5/368)

    Safety Information:

    ️· An external fuse (3A, semi-time-lag, 30V DC) is required.
    ️· Correct electrical connections and grounding are crucial for safe operation.

    Part No.VIM82PU-S1V16-2AE-I422K28
    ManufacturerPF
    Size937 Kbytes
    Pages4 pages
    DescriptionVibration sensor