Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Datasheet with Chat AI
Datasheet Details
Part No.M24C32-RMB6/P
MfrSTMICROELECTRONICS
Size289 Kbytes
Pages34 pages
Description128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
Datasheet SummaryAI
1. Device Overview:

️· Type: This is a serial EEPROM (Electrically Erasable Programmable Read-Only Memory). It's non-volatile, meaning it retains data even when power is off.
️· Interface: Uses the I²C (Inter-Integrated Circuit) two-wire serial protocol (SDA and SCL).
️· Packages: Available in lead-free and RoHS compliant ECOPACK® packages.
️· Sizes: Available in different memory sizes (M24128, M24C64, and M24C32).

2. Key Signals & Functionality:

️· SCL (Serial Clock): Used to synchronize data transfers. The datasheet discusses pull-up resistor requirements for SCL.
️· SDA (Serial Data): Bidirectional line for data transfer. Requires a pull-up resistor.
️· E0, E1, E2 (Chip Enable): These pins determine the Device Select Code (DSC). They need to be tied to VCC or VSS to define the DSC.
️· WC (Write Control): Used to disable write operations to the entire memory for protection.
️· VCC (Supply Voltage): Requires a stable supply with decoupling capacitors. The device has internal power-on reset (POR) circuitry.

3. Memory Organization & Addressing:

️· I²C Addressing: Uses a 7-bit Device Select Code (DSC) which includes a fixed device type identifier (1010) and the chip enable settings (E0, E1, E2).
️· Addressing: Uses a 2-byte address (most significant byte and least significant byte).

4. Important Features / Considerations:

️· Write Protection: The WC pin offers protection against accidental writes.
️· Power-Up Reset: The device includes a POR circuit to prevent unexpected operation during power-up.
️· I²C Bus: Requires pull-up resistors on both SDA and SCL lines for proper operation. The datasheet gives guidance on calculating resistor values based on bus capacitance.



In essence: This datasheet section provides essential information for interfacing with and operating this I²C EEPROM. It outlines the key signals, addressing scheme, and important features related to write protection and power-up behavior.
M24C32-RMB6/P Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about M24C32-RMB6/P Datasheet.
    Example questions: ➤ What is the purpose of the write control (wc) input signal, and what happens when it's driven high?➤ What voltage condition must be met *before* initiating communication with the memory, and what is recommended to ensure a stable supply?➤ Describe the function of the device select code and explain how the chip enable pins (e0, e1, e2) contribute to its value.
  • Datasheet Details
    Part No.M24C32-RMB6/P
    ManufacturerSTMICROELECTRONICS
    Size289 Kbytes
    Pages34 pages
    Description128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
    Datasheet Summary AI Expand summary
    1. Device Overview:

    ️· Type: This is a serial EEPROM (Electrically Erasable Programmable Read-Only Memory). It's non-volatile, meaning it retains data even when power is off.
    ️· Interface: Uses the I²C (Inter-Integrated Circuit) two-wire serial protocol (SDA and SCL).
    ️· Packages: Available in lead-free and RoHS compliant ECOPACK® packages.
    ️· Sizes: Available in different memory sizes (M24128, M24C64, and M24C32).

    2. Key Signals & Functionality:

    ️· SCL (Serial Clock): Used to synchronize data transfers. The datasheet discusses pull-up resistor requirements for SCL.
    ️· SDA (Serial Data): Bidirectional line for data transfer. Requires a pull-up resistor.
    ️· E0, E1, E2 (Chip Enable): These pins determine the Device Select Code (DSC). They need to be tied to VCC or VSS to define the DSC.
    ️· WC (Write Control): Used to disable write operations to the entire memory for protection.
    ️· VCC (Supply Voltage): Requires a stable supply with decoupling capacitors. The device has internal power-on reset (POR) circuitry.

    3. Memory Organization & Addressing:

    ️· I²C Addressing: Uses a 7-bit Device Select Code (DSC) which includes a fixed device type identifier (1010) and the chip enable settings (E0, E1, E2).
    ️· Addressing: Uses a 2-byte address (most significant byte and least significant byte).

    4. Important Features / Considerations:

    ️· Write Protection: The WC pin offers protection against accidental writes.
    ️· Power-Up Reset: The device includes a POR circuit to prevent unexpected operation during power-up.
    ️· I²C Bus: Requires pull-up resistors on both SDA and SCL lines for proper operation. The datasheet gives guidance on calculating resistor values based on bus capacitance.



    In essence: This datasheet section provides essential information for interfacing with and operating this I²C EEPROM. It outlines the key signals, addressing scheme, and important features related to write protection and power-up behavior.