| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PBPC1002 Datasheet
# Example questions:
➢ What is the maximum average rectified current (io) that the pbpc1001 can handle when mounted on a metal chassis?
➢ What is the typical total capacitance (ct) of all the listed bridge rectifier models?
➢ What precaution does diodes incorporated state regarding the use of their products in life support applications?
1. Product Description:
️· Type: Bridge Rectifier
️· Series: PBPC1001-PBPC1007 (covering a range of voltage/current ratings - see below).
2. Key Specifications (per model - see table for specifics)
| Feature | PBPC1001 | PBPC1002 | PBPC1003 | PBPC1004 | PBPC1005 | PBPC1006 | PBPC1007 |
|---|---|---|---|---|---|---|---|
| VRRM (Peak Reverse Voltage) V | 50 | 100 | 200 | 400 | 600 | 800 | 1000 |
| VR(RMS) (RMS Reverse Voltage) V | 35 | 70 | 140 | 280 | 420 | 560 | 700 |
| IO (Average Rectified Output Current) A | 10 | 10 | 10 | 10 | 10 | 10 | 10 |
| IFSM (Non-Repetitive Peak Forward Surge Current) A | 150 | 150 | 150 | 150 | 150 | 150 | 150 |
| VFM (Forward Voltage) V | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 |
| IR (Peak Reverse Current) @ 25°C/100°C (µA) | 10/1.0 | 10/1.0 | 10/1.0 | 10/1.0 | 10/1.0 | 10/1.0 | 10/1.0 |
| I2t (Fusing) (A²s) | 64 | 64 | 64 | 64 | 64 | 64 | 64 |
| CT (Capacitance) (pF) | 110 | 110 | 110 | 110 | 110 | 110 | 110 |
| RqJC (Thermal Resistance) (°C/W) | 7.5 | 7.5 | 7.5 | 7.5 | 7.5 | 7.5 | 7.5 |
1. Product Description:
️· Type: Bridge Rectifier
️· Series: PBPC1001-PBPC1007 (covering a range of voltage/current ratings - see below).
2. Key Specifications (per model - see table for specifics)
| Feature | PBPC1001 | PBPC1002 | PBPC1003 | PBPC1004 | PBPC1005 | PBPC1006 | PBPC1007 |
|---|---|---|---|---|---|---|---|
| VRRM (Peak Reverse Voltage) V | 50 | 100 | 200 | 400 | 600 | 800 | 1000 |
| VR(RMS) (RMS Reverse Voltage) V | 35 | 70 | 140 | 280 | 420 | 560 | 700 |
| IO (Average Rectified Output Current) A | 10 | 10 | 10 | 10 | 10 | 10 | 10 |
| IFSM (Non-Repetitive Peak Forward Surge Current) A | 150 | 150 | 150 | 150 | 150 | 150 | 150 |
| VFM (Forward Voltage) V | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 |
| IR (Peak Reverse Current) @ 25°C/100°C (µA) | 10/1.0 | 10/1.0 | 10/1.0 | 10/1.0 | 10/1.0 | 10/1.0 | 10/1.0 |
| I2t (Fusing) (A²s) | 64 | 64 | 64 | 64 | 64 | 64 | 64 |
| CT (Capacitance) (pF) | 110 | 110 | 110 | 110 | 110 | 110 | 110 |
| RqJC (Thermal Resistance) (°C/W) | 7.5 | 7.5 | 7.5 | 7.5 | 7.5 | 7.5 | 7.5 |
| Part No. | PBPC1002 |
| Manufacturer | DIODES |
| Size | 333 Kbytes |
| Pages | 3 pages |
| Description | 10A BRIDGE RECTIFIER |