Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBPC1003 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PBPC1003 Datasheet

  • # Example questions: ➢ What is the maximum average rectified current (io) that the pbpc1001 can handle when mounted on a metal chassis?
    ➢ What is the typical total capacitance (ct) of all the listed bridge rectifier models?
    ➢ What precaution does diodes incorporated state regarding the use of their products in life support applications?

  • Part No.PBPC1003
    ManufacturerDIODES
    Size333 Kbytes
    Pages3 pages
    Description10A BRIDGE RECTIFIER
    Datasheet Summary with AI

    1. Product Description:

    ️· Type: Bridge Rectifier
    ️· Series: PBPC1001-PBPC1007 (covering a range of voltage/current ratings - see below).

    2. Key Specifications (per model - see table for specifics)

    Feature PBPC1001 PBPC1002 PBPC1003 PBPC1004 PBPC1005 PBPC1006 PBPC1007
    VRRM (Peak Reverse Voltage) V 50 100 200 400 600 800 1000
    VR(RMS) (RMS Reverse Voltage) V 35 70 140 280 420 560 700
    IO (Average Rectified Output Current) A 10 10 10 10 10 10 10
    IFSM (Non-Repetitive Peak Forward Surge Current) A 150 150 150 150 150 150 150
    VFM (Forward Voltage) V 1.1 1.1 1.1 1.1 1.1 1.1 1.1
    IR (Peak Reverse Current) @ 25°C/100°C (µA) 10/1.0 10/1.0 10/1.0 10/1.0 10/1.0 10/1.0 10/1.0
    I2t (Fusing) (A²s) 64 64 64 64 64 64 64
    CT (Capacitance) (pF) 110 110 110 110 110 110 110
    RqJC (Thermal Resistance) (°C/W) 7.5 7.5 7.5 7.5 7.5 7.5 7.5

    3. Operating Conditions:

    ️· Ambient Temperature Range: -65°C to +125°C
    ️· Mounting: Can be mounted on a PC board or on a metal chassis.
    ️· Notes:
    - Average rectified current is specified for both a PC board and metal chassis mounting.
    - Non-repetitive surge current is a single half-wave.

    4. Ordering Information:

    ️· Packaging: The PBPC1001-PBPC1007 are available in PBPC-8 packages.
    ️· Shipping: 150 units per box.

    5. Important Notes:

    ️· Life Support Applications: These components are *not* approved for use in life support systems without explicit written approval from Diodes Incorporated.
    ️· Website: For detailed packaging information, refer to [www.diodes.com/datasheets/ap02008.pdf](http://www.diodes.com/datasheets/ap02008.pdf)

    In essence, this document details a series of bridge rectifiers with varying voltage and current ratings, suitable for various AC-to-DC power conversion applications. It emphasizes safety considerations and provides ordering details.

    1. Product Description:

    ️· Type: Bridge Rectifier
    ️· Series: PBPC1001-PBPC1007 (covering a range of voltage/current ratings - see below).

    2. Key Specifications (per model - see table for specifics)

    Feature PBPC1001 PBPC1002 PBPC1003 PBPC1004 PBPC1005 PBPC1006 PBPC1007
    VRRM (Peak Reverse Voltage) V 50 100 200 400 600 800 1000
    VR(RMS) (RMS Reverse Voltage) V 35 70 140 280 420 560 700
    IO (Average Rectified Output Current) A 10 10 10 10 10 10 10
    IFSM (Non-Repetitive Peak Forward Surge Current) A 150 150 150 150 150 150 150
    VFM (Forward Voltage) V 1.1 1.1 1.1 1.1 1.1 1.1 1.1
    IR (Peak Reverse Current) @ 25°C/100°C (µA) 10/1.0 10/1.0 10/1.0 10/1.0 10/1.0 10/1.0 10/1.0
    I2t (Fusing) (A²s) 64 64 64 64 64 64 64
    CT (Capacitance) (pF) 110 110 110 110 110 110 110
    RqJC (Thermal Resistance) (°C/W) 7.5 7.5 7.5 7.5 7.5 7.5 7.5

    3. Operating Conditions:

    ️· Ambient Temperature Range: -65°C to +125°C
    ️· Mounting: Can be mounted on a PC board or on a metal chassis.
    ️· Notes:
    - Average rectified current is specified for both a PC board and metal chassis mounting.
    - Non-repetitive surge current is a single half-wave.

    4. Ordering Information:

    ️· Packaging: The PBPC1001-PBPC1007 are available in PBPC-8 packages.
    ️· Shipping: 150 units per box.

    5. Important Notes:

    ️· Life Support Applications: These components are *not* approved for use in life support systems without explicit written approval from Diodes Incorporated.
    ️· Website: For detailed packaging information, refer to [www.diodes.com/datasheets/ap02008.pdf](http://www.diodes.com/datasheets/ap02008.pdf)

    In essence, this document details a series of bridge rectifiers with varying voltage and current ratings, suitable for various AC-to-DC power conversion applications. It emphasizes safety considerations and provides ordering details.

    Part No.PBPC1003
    ManufacturerDIODES
    Size333 Kbytes
    Pages3 pages
    Description10A BRIDGE RECTIFIER
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com