Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OBE2000-R3-E1-Y302636 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about OBE2000-R3-E1-Y302636 Datasheet

  • # Example questions: ➢ Within what ambient temperature range can this sensor operate reliably?
    ➢ What is the maximum detectable distance for this thru-beam sensor?
    ➢ What type of output signal does this sensor provide, and what is the maximum switching current it can handle?

  • Part No.OBE2000-R3-E1-Y302636
    ManufacturerPF
    Size868 Kbytes
    Pages3 pages
    DescriptionThru-beam sensor (receiver)
    Datasheet Summary with AI

    # Thru-beam Sensor OBE2000-R3-E1-Y302636

    ## Overview
    ️· Compact thru-beam sensor for diverse applications.
    ️· Features abrasion-resistant glass and a 45° cable outlet for tight spaces.

    ## Technical Specifications
    ️· Effective Detection Range: 0 - 2 m
    ️· Threshold Detection Range: 2.5 m
    ️· Operating Voltage: 10 - 30 V DC
    ️· Output: NPN, short-circuit & reverse polarity protected.
    ️· Switching Current: Max. 50 mA (resistive load)
    ️· Response Time: 5 ms
    ️· Ambient Light: EN 60947-5-2 : 30000 Lux
    ️· Degree of Protection: IP67
    ️· MTTFd: 806 a
    ️· Mission Time (TM): 20 a

    ## Dimensions
    ️· Housing Width: 7.5 mm
    ️· Housing Height: 26 mm
    ️· Housing Depth: 13.8 mm

    ## Electrical Connection
    ️· BN: L+
    ️· BK: L-
    ️· BU: Q

    ## Features
    ️· Ultra-small housing design
    ️· Abrasion-resistant, antistatic glass front
    ️· 45° cable outlet for tight spaces
    ️· Factory setting: High gain

    ## Conformity & Approvals
    ️· Product Standard: EN 60947-5-2
    ️· EAC: TR CU 020/2011
    ️· UL: cULus Recognized, Class 2 Power Source
    ️· CCC: Approval / marking not required for products ≤36 V

    ## Environmental Conditions
    ️· Ambient Temperature: -25 ... 60 °C (-13 ... 140 °F)
    ️· Storage Temperature: -30 ... 70 °C (-22 ... 158 °F)

    # Thru-beam Sensor OBE2000-R3-E1-Y302636

    ## Overview
    ️· Compact thru-beam sensor for diverse applications.
    ️· Features abrasion-resistant glass and a 45° cable outlet for tight spaces.

    ## Technical Specifications
    ️· Effective Detection Range: 0 - 2 m
    ️· Threshold Detection Range: 2.5 m
    ️· Operating Voltage: 10 - 30 V DC
    ️· Output: NPN, short-circuit & reverse polarity protected.
    ️· Switching Current: Max. 50 mA (resistive load)
    ️· Response Time: 5 ms
    ️· Ambient Light: EN 60947-5-2 : 30000 Lux
    ️· Degree of Protection: IP67
    ️· MTTFd: 806 a
    ️· Mission Time (TM): 20 a

    ## Dimensions
    ️· Housing Width: 7.5 mm
    ️· Housing Height: 26 mm
    ️· Housing Depth: 13.8 mm

    ## Electrical Connection
    ️· BN: L+
    ️· BK: L-
    ️· BU: Q

    ## Features
    ️· Ultra-small housing design
    ️· Abrasion-resistant, antistatic glass front
    ️· 45° cable outlet for tight spaces
    ️· Factory setting: High gain

    ## Conformity & Approvals
    ️· Product Standard: EN 60947-5-2
    ️· EAC: TR CU 020/2011
    ️· UL: cULus Recognized, Class 2 Power Source
    ️· CCC: Approval / marking not required for products ≤36 V

    ## Environmental Conditions
    ️· Ambient Temperature: -25 ... 60 °C (-13 ... 140 °F)
    ️· Storage Temperature: -30 ... 70 °C (-22 ... 158 °F)

    Part No.OBE2000-R3-E1-Y302636
    ManufacturerPF
    Size868 Kbytes
    Pages3 pages
    DescriptionThru-beam sensor (receiver)