Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD2500G Datasheet with Chat AI
Part No.LD2500G
ManufacturerWTE
Size40 Kbytes
Pages2 pages
Description25A GLASS PASSIVATED LUCAS TYPE PRESS-FIT DIODE
Datasheet Summary with AI

# LD2500G – LD2506G Diode

## Features
· Glass Passivated Die Construction
· Low Leakage
· Low Cost
· High Surge Current Capability
· Typical IR less than 5.0µA

## Mechanical Data
· Case: 10mm Lucas Type Press-Fit
· Polarity: Cathode to Case (Reverse polarity units available with "R" suffix - e.g., LD2502GR)
· Color: Red = Standard, Black = Reverse Polarity
· Mounting: Any
· Lead Free: Add "-LF" suffix for RoHS compliant version.
· Dimensions (mm):
- A: 10.07 - 10.16
- B: 8.15 - 8.60
- C: 1.25 - 1.31
- D: 26.00

- E: 9.40 - 9.60

## Maximum Ratings & Electrical Characteristics (@TA = 25°C)
· VRRM (Peak Repetitive Reverse Voltage): 50 - 600V (depending on model: LD2500G - LD2506G)
· VRWM (Working Peak Reverse Voltage): 35 - 420V (depending on model)
· IO (Average Rectified Output Current @TC = 150°C): 25A
· IFSM (Non-Repetitive Peak Forward Surge Current): 300A
· VFM (Forward Voltage @IF = 25A): 1.0V
· IRM (Peak Reverse Current): 5.0µA @ 25°C / 500µA @ 100°C
· CJ (Typical Junction Capacitance): 300pF
· RθJC (Typical Thermal Resistance): 1.2 °C/W
· TJ, TSTG (Operating/Storage Temperature): -65 to +175°C

## Ordering Information
· Package: 10mm Lucas Press-Fit
· Shipping: 200 Units/Tray
· Lead-Free Option: Add "-LF" suffix to part number (e.g., LD2500G-LF)

# LD2500G – LD2506G Diode

## Features
· Glass Passivated Die Construction
· Low Leakage
· Low Cost
· High Surge Current Capability
· Typical IR less than 5.0µA

## Mechanical Data
· Case: 10mm Lucas Type Press-Fit
· Polarity: Cathode to Case (Reverse polarity units available with "R" suffix - e.g., LD2502GR)
· Color: Red = Standard, Black = Reverse Polarity
· Mounting: Any
· Lead Free: Add "-LF" suffix for RoHS compliant version.
· Dimensions (mm):
- A: 10.07 - 10.16
- B: 8.15 - 8.60
- C: 1.25 - 1.31
- D: 26.00
- E: 9.40 - 9.60

## Maximum Ratings & Electrical Characteristics (@TA = 25°C)
· VRRM (Peak Repetitive Reverse Voltage): 50 - 600V (depending on model: LD2500G - LD2506G)
· VRWM (Working Peak Reverse Voltage): 35 - 420V (depending on model)
· IO (Average Rectified Output Current @TC = 150°C): 25A
· IFSM (Non-Repetitive Peak Forward Surge Current): 300A
· VFM (Forward Voltage @IF = 25A): 1.0V
· IRM (Peak Reverse Current): 5.0µA @ 25°C / 500µA @ 100°C
· CJ (Typical Junction Capacitance): 300pF
· RθJC (Typical Thermal Resistance): 1.2 °C/W
· TJ, TSTG (Operating/Storage Temperature): -65 to +175°C

## Ordering Information
· Package: 10mm Lucas Press-Fit
· Shipping: 200 Units/Tray
· Lead-Free Option: Add "-LF" suffix to part number (e.g., LD2500G-LF)

Part No.LD2500G
ManufacturerWTE
Size40 Kbytes
Pages2 pages
Description25A GLASS PASSIVATED LUCAS TYPE PRESS-FIT DIODE