Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3607 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about B3607 Datasheet

  • # Example questions: ➢ What is the typical value for the center frequency of this filter?
    ➢ Which pins are designated for input and output connections?
    ➢ What is the operable temperature range for this saw component?

  • Part No.B3607
    ManufacturerEPCOS
    Size71 Kbytes
    Pages6 pages
    DescriptionSAW Components Low-loss Filter 140,00 MHz
    Datasheet Summary with AI

    # SAW Components B3607 - 140.00 MHz Low-Loss Filter

    ## Overview

    ️· Ceramic package: QCC12
    ️· Weight: 0.4g
    ️· Features: High-performance IF bandpass filter, constant group delay, hermetically sealed.
    ️· Electrostatic Sensitive Device (ESD)

    ## Pin Configuration

    ️· 11: Input
    ️· 1: Input - ground
    ️· 5: Output
    ️· 7: Output - ground
    ️· 2, 6, 8, 12: Case - ground
    ️· 3, 9: Shield - ground
    ️· 4, 10: To be grounded

    ## Maximum Ratings

    ️· Operable temperature: -40°C to +85°C
    ️· Storage temperature: -40°C to +85°C
    ️· DC voltage: 0V
    ️· Source power: 10 dBm (50Ω)

    ## Characteristics

    ️· Operating temperature: 25°C
    ️· Terminating impedance: 50Ω
    ️· Group delay aperture: 200 kHz

    Parameter Minimum Typical Maximum Units
    Center Frequency (fC) 139.75 140.00 140.25 MHz
    Insertion Attenuation (αC) 6.0 7.5 dB
    Amplitude Ripple (Δα) (137.50-142.50 MHz) 0.7 1.0 dB
    Phase Ripple (Δϕ) (137.50-142.50 MHz) 5 10 °
    Pass Bandwidth (B1dB) 5.8 6.1 MHz
    Pass Bandwidth (B3dB) 6.9 7.1 MHz
    Pass Bandwidth (B40dB) 10.5 11.1 MHz
    Relative Attenuation (αrel) (100-134 MHz) 40 47 dB
    Relative Attenuation (αrel) (146-180 MHz) 40 46 dB
    Group Delay (τC) 1.35 µs
    Group Delay Ripple (Δτ) (137.50-142.50 MHz) 80 150 ns
    Temperature Coefficient of Frequency (TCf) -87 ppm/K

    ️· Matching circuit required.
    ️· Component values depend on PCB layout.

    ## Components

    ️· LP1: 47 nH
    ️· LS2: 27 nH
    ️· LS3: 39 nH
    ️· LP4: 68 nH

    ## Attachment

    ️· Pyroelectric pulse amplitude < 50 mV.

    # SAW Components B3607 - 140.00 MHz Low-Loss Filter

    ## Overview

    ️· Ceramic package: QCC12
    ️· Weight: 0.4g
    ️· Features: High-performance IF bandpass filter, constant group delay, hermetically sealed.
    ️· Electrostatic Sensitive Device (ESD)

    ## Pin Configuration

    ️· 11: Input
    ️· 1: Input - ground
    ️· 5: Output
    ️· 7: Output - ground
    ️· 2, 6, 8, 12: Case - ground
    ️· 3, 9: Shield - ground
    ️· 4, 10: To be grounded

    ## Maximum Ratings

    ️· Operable temperature: -40°C to +85°C
    ️· Storage temperature: -40°C to +85°C
    ️· DC voltage: 0V
    ️· Source power: 10 dBm (50Ω)

    ## Characteristics

    ️· Operating temperature: 25°C
    ️· Terminating impedance: 50Ω
    ️· Group delay aperture: 200 kHz

    Parameter Minimum Typical Maximum Units
    Center Frequency (fC) 139.75 140.00 140.25 MHz
    Insertion Attenuation (αC) 6.0 7.5 dB
    Amplitude Ripple (Δα) (137.50-142.50 MHz) 0.7 1.0 dB
    Phase Ripple (Δϕ) (137.50-142.50 MHz) 5 10 °
    Pass Bandwidth (B1dB) 5.8 6.1 MHz
    Pass Bandwidth (B3dB) 6.9 7.1 MHz
    Pass Bandwidth (B40dB) 10.5 11.1 MHz
    Relative Attenuation (αrel) (100-134 MHz) 40 47 dB
    Relative Attenuation (αrel) (146-180 MHz) 40 46 dB
    Group Delay (τC) 1.35 µs
    Group Delay Ripple (Δτ) (137.50-142.50 MHz) 80 150 ns
    Temperature Coefficient of Frequency (TCf) -87 ppm/K

    ️· Matching circuit required.
    ️· Component values depend on PCB layout.

    ## Components

    ️· LP1: 47 nH
    ️· LS2: 27 nH
    ️· LS3: 39 nH
    ️· LP4: 68 nH

    ## Attachment

    ️· Pyroelectric pulse amplitude < 50 mV.

    Part No.B3607
    ManufacturerEPCOS
    Size71 Kbytes
    Pages6 pages
    DescriptionSAW Components Low-loss Filter 140,00 MHz