Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD2500 Datasheet with Chat AI
Part No.LD2500
ManufacturerWTE
Size29 Kbytes
Pages2 pages
Description25A LUCAS TYPE PRESS-FIT DIODE
Datasheet Summary with AI

# LD2500 – LD2506 25A Lucas Type Press-Fit Diode

## Features
· Diffused Junction
· Low Leakage
· Low Cost
· High Surge Current Capability
· Typical IR less than 5.0µA

## Mechanical Data
· Case: 10mm Lucas Type Press-Fit
· Terminals: Readily Solderable
· Polarity: Cathode to Case (Reverse polarity available with “R” suffix – e.g., LD2502R)
· Polarity: Red = Standard, Black = Reverse
· Mounting Position: Any

## Maximum Ratings & Electrical Characteristics (@TA=25°C)

Characteristic Symbol LD2500 LD2501 LD2502 LD2503 LD2504 LD2505 LD2506 Unit
Peak Repetitive Reverse Voltage VRRM 50 100 200 300 400 500 600 V
Working Peak Reverse Voltage VRWM 35 70 140 210 280 350 420 V
DC Blocking Voltage VR - - - - - - - V
RMS Reverse Voltage VR(RMS) 35 70 140 210 280 350 420 V
Average Rectified Output Current IO 25 25 25 25 25 25 25 A
Non-Repetitive Peak Forward Surge IFSM 300 300 300 300 300 300 300 A
Forward Voltage VFM 1.0 1.0 1.0 1.0 1.0 1.0 1.0 V
Peak Reverse Current IRM 5.0/500 5.0/500 5.0/500 5.0/500 5.0/500 5.0/500 5.0/500 µA
Typical Junction Capacitance Cj 300 300 300 300 300 300 300 pF
Typical Thermal Resistance RθJC 1.2 1.2 1.2 1.2 1.2 1.2 1.2 °C/W
Operating/Storage Temperature TJ, TSTG -65 to +175 -65 to +175 -65 to +175 -65 to +175 -65 to +175 -65 to +175 -65 to +175 °C

## Dimensions (mm)
· A: 10.07 - 10.16
· B: 8.20 - 8.60
· C: 1.25 - 1.31
· D: 26.00
· E: 9.40 - 9.60

## Ordering Information
· Package Type: 10mm Lucas Press-Fit
· Shipping Quantity: 200 Units/Box
· Lead-Free Option: Add "-LF" suffix to part number (e.g., LD2500-LF)

# LD2500 – LD2506 25A Lucas Type Press-Fit Diode

## Features
· Diffused Junction
· Low Leakage
· Low Cost
· High Surge Current Capability
· Typical IR less than 5.0µA

## Mechanical Data
· Case: 10mm Lucas Type Press-Fit
· Terminals: Readily Solderable
· Polarity: Cathode to Case (Reverse polarity available with “R” suffix – e.g., LD2502R)
· Polarity: Red = Standard, Black = Reverse
· Mounting Position: Any

## Maximum Ratings & Electrical Characteristics (@TA=25°C)

Characteristic Symbol LD2500 LD2501 LD2502 LD2503 LD2504 LD2505 LD2506 Unit
Peak Repetitive Reverse Voltage VRRM 50 100 200 300 400 500 600 V
Working Peak Reverse Voltage VRWM 35 70 140 210 280 350 420 V
DC Blocking Voltage VR - - - - - - - V
RMS Reverse Voltage VR(RMS) 35 70 140 210 280 350 420 V
Average Rectified Output Current IO 25 25 25 25 25 25 25 A
Non-Repetitive Peak Forward Surge IFSM 300 300 300 300 300 300 300 A
Forward Voltage VFM 1.0 1.0 1.0 1.0 1.0 1.0 1.0 V
Peak Reverse Current IRM 5.0/500 5.0/500 5.0/500 5.0/500 5.0/500 5.0/500 5.0/500 µA
Typical Junction Capacitance Cj 300 300 300 300 300 300 300 pF
Typical Thermal Resistance RθJC 1.2 1.2 1.2 1.2 1.2 1.2 1.2 °C/W
Operating/Storage Temperature TJ, TSTG -65 to +175 -65 to +175 -65 to +175 -65 to +175 -65 to +175 -65 to +175 -65 to +175 °C

## Dimensions (mm)
· A: 10.07 - 10.16
· B: 8.20 - 8.60
· C: 1.25 - 1.31
· D: 26.00
· E: 9.40 - 9.60

## Ordering Information
· Package Type: 10mm Lucas Press-Fit
· Shipping Quantity: 200 Units/Box
· Lead-Free Option: Add "-LF" suffix to part number (e.g., LD2500-LF)

Part No.LD2500
ManufacturerWTE
Size29 Kbytes
Pages2 pages
Description25A LUCAS TYPE PRESS-FIT DIODE