Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA30 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SA30 Datasheet

  • # Example questions: ➢ What is the typical maximum surge current (in amps) for the device with a breakdown voltage of 24.0v?
    ➢ What is the typical test current (in ma) used to determine the breakdown voltage for all the listed devices?
    ➢ What is the maximum power dissipation (in mw) for the device with a breakdown voltage of 10.0v?

  • Part No.SA30
    ManufacturerTSC
    Size105 Kbytes
    Pages5 pages
    DescriptionTransient Voltage Suppressor Diodes
    Datasheet Summary with AI

    # SA Series Transient Voltage Suppressor Diodes

    ## Features
    ️· Plastic package with UL 94V-0 flammability rating
    ️· 500W surge capability at 10x10us waveform (duty cycle 0.01%)
    ️· Excellent clamping capability
    ️· Low zener impedance
    ️· Fast response time: <1.0ps (unidirectional), <5.0ns (bidirectional)
    ️· Typical IR <1μA above 10V
    ️· High temperature soldering guaranteed: 260°C / 10 seconds

    ## Mechanical Data
    ️· Case: Molded plastic
    ️· Lead: Axial leads, solderable per MIL-STD-202, Method 208
    ️· Polarity: Color band denotes cathode (except bipolar)
    ️· Weight: 0.34 gram
    ️· DO-15 package

    ## Electrical Characteristics
    ️· Voltage Range: 5.0 to 170 Volts

    ️· Peak Power Dissipation: Minimum 500 Watts (1ms pulse)
    ️· Steady State Power Dissipation: 1.0 Watts
    ️· Peak Forward Surge Current: 70 Amps (8.3ms half sine-wave)
    ️· Maximum Instantaneous Forward Voltage: 3.5 Volts (at 35A, unidirectional)
    ️· Operating/Storage Temperature: -55 to +175 °C

    ## Ratings Table (Examples)
    | Device | VBR (Min) | VBR (Max) | IR @ 10V (µA) | VC @ IPPM (V) | Temperature Coefficient (mV/°C) |
    |---|---|---|---|---|---|
    | SA5.0 | 6.40 | 7.30 | 600 | 54.0 | 9.60 |
    | SA10.0 | 11.1 | 13.6 | 1.0 | 27.0 | 18.8 |
    | SA20.0 | 22.2 | 27.1 | 1.0 | 14.0 | 16.0 |
    | SA43.0 | 47.8 | 58.4 | 1.0 | 7.3 | 6.8 |

    Note: Many other voltage options are available. Refer to datasheet for complete table.

    ## Application Notes
    ️· Can be used at various points in a circuit to provide protection.
    * Consider series impedance (fuse, transformer) and its effect on protection.

    # SA Series Transient Voltage Suppressor Diodes

    ## Features
    ️· Plastic package with UL 94V-0 flammability rating
    ️· 500W surge capability at 10x10us waveform (duty cycle 0.01%)
    ️· Excellent clamping capability
    ️· Low zener impedance
    ️· Fast response time: <1.0ps (unidirectional), <5.0ns (bidirectional)
    ️· Typical IR <1μA above 10V
    ️· High temperature soldering guaranteed: 260°C / 10 seconds

    ## Mechanical Data
    ️· Case: Molded plastic
    ️· Lead: Axial leads, solderable per MIL-STD-202, Method 208
    ️· Polarity: Color band denotes cathode (except bipolar)
    ️· Weight: 0.34 gram
    ️· DO-15 package

    ## Electrical Characteristics
    ️· Voltage Range: 5.0 to 170 Volts
    ️· Peak Power Dissipation: Minimum 500 Watts (1ms pulse)
    ️· Steady State Power Dissipation: 1.0 Watts
    ️· Peak Forward Surge Current: 70 Amps (8.3ms half sine-wave)
    ️· Maximum Instantaneous Forward Voltage: 3.5 Volts (at 35A, unidirectional)
    ️· Operating/Storage Temperature: -55 to +175 °C

    ## Ratings Table (Examples)
    Device VBR (Min) VBR (Max) IR @ 10V (µA) VC @ IPPM (V) Temperature Coefficient (mV/°C)
    SA5.0 6.40 7.30 600 54.0 9.60
    SA10.0 11.1 13.6 1.0 27.0 18.8
    SA20.0 22.2 27.1 1.0 14.0 16.0
    SA43.0 47.8 58.4 1.0 7.3 6.8

    Note: Many other voltage options are available. Refer to datasheet for complete table.

    ## Application Notes

    Part No.SA30
    ManufacturerTSC
    Size105 Kbytes
    Pages5 pages
    DescriptionTransient Voltage Suppressor Diodes