Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B360 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about B360 Datasheet

  • # Example questions: ➢ What is the recommended copper pad area for pcb mounting to ensure optimal thermal performance?
    ➢ What is the typical thermal resistance (rθja) for both the b320 and b360 diodes?
    ➢ What is the maximum average forward rectified current (i(av)) for the b320, b330, b340, b350, and b360 diodes?

  • Part No.B360
    ManufacturerBILIN
    Size92 Kbytes
    Pages2 pages
    DescriptionSURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
    Datasheet Summary with AI

    1. General Information:

    ️· Product: Schottky Diode Series (B320 to B360)
    ️· Manufacturer: GALAXY ELECTRICAL
    ️· Document Number: 0281019
    ️· Website: www.galaxycn.com

    2. Key Features:

    ️· Low Forward Voltage: This is a characteristic of Schottky diodes, allowing for more efficient operation.
    ️· Fast Switching Speed: Suitable for high-frequency applications.
    ️· Various Voltage and Current Ratings: The series offers a range of options to match different circuit requirements.

    3. Electrical Characteristics (Table Summary - Very Important):

    Parameter B320 B330 B340 B350 B360 Units
    Maximum Recurrent Peak Reverse Voltage (VRRM) 20 30 40 50 60 V
    Maximum RMS Voltage (VRWS) 14 21 28 35 42 V
    Maximum DC Blocking Voltage (VDC) 20 30 40 50 60 V
    Maximum Average Forward Rectified Current (I(AV)) 3.0 3.0 3.0 3.0 3.0 A
    Peak Forward Surge Current (IFSM) 100.0 100.0 100.0 100.0 100.0 A
    Max. Instantaneous Forward Voltage (VF) at 3.0A 0.50 0.50 0.50 0.70 0.70 V
    Max. DC Reverse Current @ 25°C & Rated Voltage 0.5 0.5 0.5 0.5 0.5 mA
    Max. DC Reverse Current @ 100°C & Rated Voltage 20 20 20 20 20 mA
    Typical Thermal Resistance (RθJA) 50.0 50.0 50.0 50.0 50.0 °C/W
    Typical Thermal Resistance (RθJL) 10.0 10.0 10.0 10.0 10.0 °C/W
    Operating/Storage Junction Temp. Range -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 °C

    4. Mechanical/Mounting Information:

    ️· Recommended PCB Layout: The diodes are designed to be mounted on a PCB with 0.55" x 0.55" (14.0 x 14.0 mm) copper pad areas for optimal heat dissipation.

    5. Other Notes:

    ️· Pulse Testing: The surge current rating (IFSM) is determined using a 300 µs pulse width, 1% duty cycle test.
    ️· Operating Conditions: Ratings are typically given at 25°C ambient temperature unless otherwise specified.



    Overall, this datasheet provides technical specifications and performance characteristics for a series of Schottky diodes, making it a valuable resource for engineers and technicians designing circuits that require efficient and fast switching diodes.

    1. General Information:

    ️· Product: Schottky Diode Series (B320 to B360)
    ️· Manufacturer: GALAXY ELECTRICAL
    ️· Document Number: 0281019
    ️· Website: www.galaxycn.com

    2. Key Features:

    ️· Low Forward Voltage: This is a characteristic of Schottky diodes, allowing for more efficient operation.
    ️· Fast Switching Speed: Suitable for high-frequency applications.
    ️· Various Voltage and Current Ratings: The series offers a range of options to match different circuit requirements.

    3. Electrical Characteristics (Table Summary - Very Important):

    Parameter B320 B330 B340 B350 B360 Units
    Maximum Recurrent Peak Reverse Voltage (VRRM) 20 30 40 50 60 V
    Maximum RMS Voltage (VRWS) 14 21 28 35 42 V
    Maximum DC Blocking Voltage (VDC) 20 30 40 50 60 V
    Maximum Average Forward Rectified Current (I(AV)) 3.0 3.0 3.0 3.0 3.0 A
    Peak Forward Surge Current (IFSM) 100.0 100.0 100.0 100.0 100.0 A
    Max. Instantaneous Forward Voltage (VF) at 3.0A 0.50 0.50 0.50 0.70 0.70 V
    Max. DC Reverse Current @ 25°C & Rated Voltage 0.5 0.5 0.5 0.5 0.5 mA
    Max. DC Reverse Current @ 100°C & Rated Voltage 20 20 20 20 20 mA
    Typical Thermal Resistance (RθJA) 50.0 50.0 50.0 50.0 50.0 °C/W
    Typical Thermal Resistance (RθJL) 10.0 10.0 10.0 10.0 10.0 °C/W
    Operating/Storage Junction Temp. Range -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 °C

    4. Mechanical/Mounting Information:

    ️· Recommended PCB Layout: The diodes are designed to be mounted on a PCB with 0.55" x 0.55" (14.0 x 14.0 mm) copper pad areas for optimal heat dissipation.

    5. Other Notes:

    ️· Pulse Testing: The surge current rating (IFSM) is determined using a 300 µs pulse width, 1% duty cycle test.
    ️· Operating Conditions: Ratings are typically given at 25°C ambient temperature unless otherwise specified.



    Overall, this datasheet provides technical specifications and performance characteristics for a series of Schottky diodes, making it a valuable resource for engineers and technicians designing circuits that require efficient and fast switching diodes.

    Part No.B360
    ManufacturerBILIN
    Size92 Kbytes
    Pages2 pages
    DescriptionSURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS