Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACTQ963 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ACTQ963 Datasheet

  • # Example questions: ➢ What are the dimensions, in millimeters, of 'a' and 'g' of the qcc8c package?
    ➢ What is the maximum permissible dc voltage that can be applied between any two terminals of this resonator?
    ➢ What is the typical value for the frequency temperature coefficient (ftc) of this resonator?

  • Part No.ACTQ963
    ManufacturerACT
    Size70 Kbytes
    Pages3 pages
    Descriptionsurface-acoustic-wave (SAW) resonator
    Datasheet Summary with AI

    # ACTQ963/868.0/QCC8C SAW Resonator

    ## Product Description
    ️· Two-port, 180° surface-acoustic-wave (SAW) resonator
    ️· Surface-mount ceramic QCC8C case
    ️· Provides quartz frequency stabilization at 868.000 MHz
    ️· Intended for transmitters or local oscillators

    ## Pin Configuration
    ️· Pin 2: Input / Output
    ️· Pin 6: Output / Input
    ️· Pin 4 & 8: Case Ground
    ️· Pins 1, 3, 5, 7: N/C (No Connection)

    ## Dimensions
    ️· Refer to provided table for Sign Data dimensions (A-H) in mm.

    ## Electrical Characteristics
    * **Frequency:**
    * Absolute Frequency (fC): 867.850 - 868.150 MHz

    * Frequency Tolerance: ±150 kHz from 868.000 MHz
    * **Performance:**
    * CW RF Power Dissipation: 10 dBm
    * DC Voltage: ±30 V
    * Operating Temperature Range: -10 to +60 °C
    * Storage Temperature Range: -40 to +85 °C
    * **Temperature Stability:**
    * Turnover Temperature (T0): 25 - 55 °C
    * Frequency Temperature Coefficient (FTC): 0.032 ppm/°C²
    * Frequency Aging: ≤10 ppm/year (first year)
    * **RF Equivalent (RLC Model):** Provided for reference. Includes Motional Resistance, Inductance, Capacitance, and Static Capacitance.

    ## Important Notes
    * Electrostatic Sensitive Device - handle with precautions.
    * Specifications are subject to change without notice.
    * Equipment utilizing this device may require emissions testing.
    * Liability is limited to the SAW component itself.

    # ACTQ963/868.0/QCC8C SAW Resonator

    ## Product Description
    ️· Two-port, 180° surface-acoustic-wave (SAW) resonator
    ️· Surface-mount ceramic QCC8C case
    ️· Provides quartz frequency stabilization at 868.000 MHz
    ️· Intended for transmitters or local oscillators

    ## Pin Configuration
    ️· Pin 2: Input / Output
    ️· Pin 6: Output / Input
    ️· Pin 4 & 8: Case Ground
    ️· Pins 1, 3, 5, 7: N/C (No Connection)

    ## Dimensions

    Part No.ACTQ963
    ManufacturerACT
    Size70 Kbytes
    Pages3 pages
    Descriptionsurface-acoustic-wave (SAW) resonator