Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Datasheet with Chat AI
Datasheet Details
Part No.M95256-RMW3/V
MfrSTMICROELECTRONICS
Size345 Kbytes
Pages39 pages
Description256 Kbit Serial SPI bus EEPROM with high speed clock
Datasheet SummaryAI
Core Functionality:

️· EEPROM: Electrically Erasable Programmable Read-Only Memory. Data is stored non-volatilely (retained when power is off).
️· Capacity: Two versions:
- M95256: 32768 x 8 bits (256 Kilobits)
- M95128: 16384 x 8 bits (128 Kilobits)
️· Interface: SPI (Serial Peripheral Interface) - a standard, high-speed serial communication protocol.

Key Signals & Their Functions:

️· C (Serial Clock): Provides the timing for data transfer.
️· D (Serial Data Input): Data is sent *to* the EEPROM on this line.
️· Q (Serial Data Output): Data is sent *from* the EEPROM on this line.
️· S (Chip Select): Selects/deselects the EEPROM for communication. Must be pulled low to activate the device.
️· HOLD (Hold): Pauses communication without deselecting the chip.
️· W (Write Protect): Controls the size of the memory region protected from writing.
️· VCC (Supply Voltage): Power supply.
️· VSS (Ground): Ground.

Important Features & Considerations:

️· SPI Compatibility: Makes it easy to interface with a wide variety of microcontrollers and systems.
️· Non-Volatile Memory: Data is retained even without power.
️· Write Protection: A mechanism to prevent accidental overwriting of memory. (controlled via the `W` pin and BP1/BP0 bits in a Status Register).
️· Power-Up Requirement: A falling edge on the Chip Select (S) pin is required after power-up to start communication.
️· Hold Function: Allows pausing communication mid-operation without needing to deselect the chip.

Package Options:

️· PDIP8 (Plastic Dual In-line Package, 8 pins)
️· SO8 (Small Outline, 8 pins – both narrow and wide versions)
️· TSSOP8 (Thin Shrink Small Outline, 8 pins)



In essence, this document provides a high-level overview of the M95256/M95128 EEPROMs, focusing on their functionality, signal descriptions, and key features. It's likely part of a larger datasheet that would provide more detailed specifications (timing diagrams, electrical characteristics, etc.).
M95256-RMW3/V Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about M95256-RMW3/V Datasheet.
    Example questions: ➤ What must happen *after* power-up before any instruction can be executed?➤ How is the size of the memory area protected against write instructions determined, and which bits within the device control this function?➤ What are the primary functions of the write protect (w) and hold (hold) pins in this eeprom device?
  • Datasheet Details
    Part No.M95256-RMW3/V
    ManufacturerSTMICROELECTRONICS
    Size345 Kbytes
    Pages39 pages
    Description256 Kbit Serial SPI bus EEPROM with high speed clock
    Datasheet Summary AI Expand summary
    Core Functionality:

    ️· EEPROM: Electrically Erasable Programmable Read-Only Memory. Data is stored non-volatilely (retained when power is off).
    ️· Capacity: Two versions:
    - M95256: 32768 x 8 bits (256 Kilobits)
    - M95128: 16384 x 8 bits (128 Kilobits)
    ️· Interface: SPI (Serial Peripheral Interface) - a standard, high-speed serial communication protocol.

    Key Signals & Their Functions:

    ️· C (Serial Clock): Provides the timing for data transfer.
    ️· D (Serial Data Input): Data is sent *to* the EEPROM on this line.
    ️· Q (Serial Data Output): Data is sent *from* the EEPROM on this line.
    ️· S (Chip Select): Selects/deselects the EEPROM for communication. Must be pulled low to activate the device.
    ️· HOLD (Hold): Pauses communication without deselecting the chip.
    ️· W (Write Protect): Controls the size of the memory region protected from writing.
    ️· VCC (Supply Voltage): Power supply.
    ️· VSS (Ground): Ground.

    Important Features & Considerations:

    ️· SPI Compatibility: Makes it easy to interface with a wide variety of microcontrollers and systems.
    ️· Non-Volatile Memory: Data is retained even without power.
    ️· Write Protection: A mechanism to prevent accidental overwriting of memory. (controlled via the `W` pin and BP1/BP0 bits in a Status Register).
    ️· Power-Up Requirement: A falling edge on the Chip Select (S) pin is required after power-up to start communication.
    ️· Hold Function: Allows pausing communication mid-operation without needing to deselect the chip.

    Package Options:

    ️· PDIP8 (Plastic Dual In-line Package, 8 pins)
    ️· SO8 (Small Outline, 8 pins – both narrow and wide versions)
    ️· TSSOP8 (Thin Shrink Small Outline, 8 pins)



    In essence, this document provides a high-level overview of the M95256/M95128 EEPROMs, focusing on their functionality, signal descriptions, and key features. It's likely part of a larger datasheet that would provide more detailed specifications (timing diagrams, electrical characteristics, etc.).