Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS3USB30 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TS3USB30_08 Datasheet

  • # Example questions: ➢ What does 'lifebuy' signify regarding the marketing status of a ti product?
    ➢ ). what parameter is specifically measured in figure 13?
    ➢ What is the typical turn-on time (ton) specification for the ts3usb30rswr, and what are the test conditions (rl, cl, vin) used to measure it?

  • Part No.TS3USB30_08
    ManufacturerTI
    Size770 Kbytes
    Pages18 pages
    DescriptionHIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
    Datasheet Summary with AI

    # TS3USB30

    ## HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH

    FEATURES
    · VCC Operation at 3 V and 4.3 V
    · 1.8-V Compatible Control-Pin Inputs
    · Supports Partial Power-Down-Mode Operation
    · ron = 10 Ω Max
    · Δron <0.35 Ω Typ
    · Cio(ON) = 7 pF Typ
    · Low Power Consumption (1 µA Max)
    · ESD Performance Tested Per JESD 22
    · –3-dB Bandwidth = 955 MHz Typ
    · Packaged in 10-pin TQFN (1.4 mm × 1.8 mm)

    APPLICATIONS
    · Routes Signals for USB 1.0, 1.1, and 2.0
    · Mobile Industry Processor Interface (MIPI) Signal Routing

    DESCRIPTION
    The TS3USB30 is a high-bandwidth switch designed for high-speed USB 2.0 signals. It multiplexes differential outputs from a USB host to one of two outputs, offering little attenuation and low bit-to-bit skew.

    TRUTH TABLE
    · Disconnect (OE = H)
    · D = D1 (S = L, OE = L)
    · D = D2 (S = H, OE = L)

    ABSOLUTE MAXIMUM RATINGS
    · VCC: -0.5 to 7 V
    · Input Voltage (VIN): -0.5 to 7 V
    · Switch I/O Voltage: -0.5 to VCC + 0.3 V
    · Current (IIK): -50 mA
    · Current (II/OK): -50 mA
    · Continuous current through VCC/GND: ±100 mA

    RECOMMENDED OPERATING CONDITIONS
    · VCC: 3 to 4.3 V
    · Operating temperature: -40 to 85 °C

    ELECTRICAL CHARACTERISTICS
    · ON-State Resistance (ron): 10 Ω Max
    · OFF-State Leakage: ±2 µA

    DYNAMIC CHARACTERISTICS
    · Propagation Delay: 0.25 ns
    · Bandwidth (-3dB): 955 MHz

    PACKAGING
    · Package Type: QFN
    · Pin Count: 10
    · Tape and Reel Quantity: 3000
    · Reel Diameter: 179 mm

    # TS3USB30

    ## HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH

    FEATURES
    · VCC Operation at 3 V and 4.3 V
    · 1.8-V Compatible Control-Pin Inputs
    · Supports Partial Power-Down-Mode Operation
    · ron = 10 Ω Max
    · Δron <0.35 Ω Typ
    · Cio(ON) = 7 pF Typ
    · Low Power Consumption (1 µA Max)
    · ESD Performance Tested Per JESD 22
    · –3-dB Bandwidth = 955 MHz Typ
    · Packaged in 10-pin TQFN (1.4 mm × 1.8 mm)

    APPLICATIONS
    · Routes Signals for USB 1.0, 1.1, and 2.0
    · Mobile Industry Processor Interface (MIPI) Signal Routing

    DESCRIPTION
    The TS3USB30 is a high-bandwidth switch designed for high-speed USB 2.0 signals. It multiplexes differential outputs from a USB host to one of two outputs, offering little attenuation and low bit-to-bit skew.

    TRUTH TABLE
    · Disconnect (OE = H)
    · D = D1 (S = L, OE = L)
    · D = D2 (S = H, OE = L)

    ABSOLUTE MAXIMUM RATINGS
    · VCC: -0.5 to 7 V
    · Input Voltage (VIN): -0.5 to 7 V
    · Switch I/O Voltage: -0.5 to VCC + 0.3 V
    · Current (IIK): -50 mA
    · Current (II/OK): -50 mA
    · Continuous current through VCC/GND: ±100 mA

    RECOMMENDED OPERATING CONDITIONS
    · VCC: 3 to 4.3 V
    · Operating temperature: -40 to 85 °C

    ELECTRICAL CHARACTERISTICS
    · ON-State Resistance (ron): 10 Ω Max
    · OFF-State Leakage: ±2 µA

    DYNAMIC CHARACTERISTICS
    · Propagation Delay: 0.25 ns
    · Bandwidth (-3dB): 955 MHz

    PACKAGING
    · Package Type: QFN
    · Pin Count: 10
    · Tape and Reel Quantity: 3000
    · Reel Diameter: 179 mm

    Part No.TS3USB30_08
    ManufacturerTI
    Size770 Kbytes
    Pages18 pages
    DescriptionHIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE