Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.LP404R-R36M
MfrAPI
Size281 Kbytes
Pages1 page
DescriptionCommercial Low Profile Surface Mount Power Inductors
Datasheet SummaryAI
# LP4040R Series: Metal Dust Core Power Inductors

## General Description

️· Type: Commercial, Low Profile, Surface Mount Power Inductors
️· Series: LP4040R
️· Core Material: Metal Dust Core
️· Website: www.delevan.com
️· Email: apisales@delevan.com
️· Contact: Phone: 716-652-3600, Fax: 716-652-4814

## Specifications

Available Variants

Series Inductance (mH) DC Resistance (Max. mOhms) Current Rating (A DC)
-R36M 0.36 1.20 30.0
-R45M 0.45 1.50 29.0
-R56M 0.56 1.80 25.0
-R88M 0.88 1.20 20.0
-1R0M 1.0 3.30 18.0
-1R5M 1.5 4.20 16.0

Physical Dimensions (Inches / Millimeters)

️· A: 0.453 / 11.5 (Max.)
️· B: 0.406 / 10.3 (Max.)
️· C: 0.157 / 4.0 (Max.)
️· D: 0.098 - 4.0 / 2.5 - 3.5
️· E: 0.075 - 2.5 / 1.9 - 2.5
️· F: 0.283 / 7.2 (Reference Only)

Dimensions "A" and "C" are measured over terminals.

Operating Conditions

️· Operating Temperature Range: -20°C to +125°C
️· Current Rating: Based on a 40°C rise at 25°C ambient
️· Inductance Measurement: 0.25VAC with no DC current
️· Application Frequency Range: To 1.0 MHz

Incremental Current

️· The current at which inductance decreases by a maximum of 20% from its initial 0 DC value.

Packaging

️· Tape & Reel: 13" reel, 500 pieces max.
LP404R-R36M Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about LP404R-R36M Datasheet.
    Example questions: ➤ What is the maximum dc resistance for the -1r5m series?➤ What is the maximum quantity of pieces available per reel for packaging?➤ What is the operating temperature range for these inductors?
  • Datasheet Details
    Part No.LP404R-R36M
    ManufacturerAPI
    Size281 Kbytes
    Pages1 page
    DescriptionCommercial Low Profile Surface Mount Power Inductors
    Datasheet Summary AI Expand summary
    # LP4040R Series: Metal Dust Core Power Inductors

    ## General Description

    ️· Type: Commercial, Low Profile, Surface Mount Power Inductors
    ️· Series: LP4040R
    ️· Core Material: Metal Dust Core
    ️· Website: www.delevan.com
    ️· Email: apisales@delevan.com
    ️· Contact: Phone: 716-652-3600, Fax: 716-652-4814

    ## Specifications

    Available Variants

    Series Inductance (mH) DC Resistance (Max. mOhms) Current Rating (A DC)
    -R36M 0.36 1.20 30.0
    -R45M 0.45 1.50 29.0
    -R56M 0.56 1.80 25.0
    -R88M 0.88 1.20 20.0
    -1R0M 1.0 3.30 18.0
    -1R5M 1.5 4.20 16.0

    Physical Dimensions (Inches / Millimeters)

    ️· A: 0.453 / 11.5 (Max.)
    ️· B: 0.406 / 10.3 (Max.)
    ️· C: 0.157 / 4.0 (Max.)
    ️· D: 0.098 - 4.0 / 2.5 - 3.5
    ️· E: 0.075 - 2.5 / 1.9 - 2.5
    ️· F: 0.283 / 7.2 (Reference Only)

    Dimensions "A" and "C" are measured over terminals.

    Operating Conditions

    ️· Operating Temperature Range: -20°C to +125°C
    ️· Current Rating: Based on a 40°C rise at 25°C ambient
    ️· Inductance Measurement: 0.25VAC with no DC current
    ️· Application Frequency Range: To 1.0 MHz

    Incremental Current

    ️· The current at which inductance decreases by a maximum of 20% from its initial 0 DC value.

    Packaging

    ️· Tape & Reel: 13" reel, 500 pieces max.