| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TS12S-S Datasheet
# Example questions:
➢ Which part number has a capacitance of 0f and a rated working voltage of 5.5v?
➢ How does the internal resistance of a capacitor change at low temperatures according to the specifications?
➢ What is the maximum surge voltage that the ts12ss2r7605 capacitor can withstand?
# TS12S-S Electric Double Layer Capacitor (Gold Capacitor)
## Features
️· Small size, large capacity
️· Low leakage, high reliability
## Specifications
️· Rated Capacity: 0.15F - 8.0F
️· Operating Temperature: -25 to +70°C
️· Rated Working Voltage: 2.7V - 5.5VDC
️· Surge Voltage: 3.0 - 6.0V
️· Capacitance Tolerance: -20% to +80%
️· Internal Resistance: <3Ω - <100Ω
️· Charging Voltage: ≤2.7V - ≤5.5V
️· Low Temp Performance: Capacity change ≤50%, Resistance change ≤3x
️· Endurance (1000h): Capacity change ≤30%, Resistance change ≤4x
️· Storage Temperature: -20 to +45°C
## Part Number & Dimensions (Example - See full list in original document)
The following shows the format of the table with relevant information. A full list is available in the original document.
| Part Number | Voltage (V) | Capacity (F) | ESR (Ω) Max | Dimensions (ΦD x H x P) (mm) |
|---|---|---|---|---|
| TS12SS2R7474 | 2.7 | 0.47 | 30 | 9.7 x 11.4 x 2.2 |
| TS12SS5R5155 | 5.5 | 1.5 | 24 | 20.2 x 20.5 x 5.0 |
Note: Specifications are subject to change. Visit [www.suntan.com.hk](http://www.suntan.com.hk) for detailed and updated information.
# TS12S-S Electric Double Layer Capacitor (Gold Capacitor)
## Features
️· Small size, large capacity
️· Low leakage, high reliability
## Specifications
️· Rated Capacity: 0.15F - 8.0F
️· Operating Temperature: -25 to +70°C
️· Rated Working Voltage: 2.7V - 5.5VDC
️· Surge Voltage: 3.0 - 6.0V
️· Capacitance Tolerance: -20% to +80%
️· Internal Resistance: <3Ω - <100Ω
️· Charging Voltage: ≤2.7V - ≤5.5V
️· Low Temp Performance: Capacity change ≤50%, Resistance change ≤3x
️· Endurance (1000h): Capacity change ≤30%, Resistance change ≤4x
️· Storage Temperature: -20 to +45°C
## Part Number & Dimensions (Example - See full list in original document)
The following shows the format of the table with relevant information. A full list is available in the original document.
| Part Number | Voltage (V) | Capacity (F) | ESR (Ω) Max | Dimensions (ΦD x H x P) (mm) |
|---|---|---|---|---|
| TS12SS2R7474 | 2.7 | 0.47 | 30 | 9.7 x 11.4 x 2.2 |
| TS12SS5R5155 | 5.5 | 1.5 | 24 | 20.2 x 20.5 x 5.0 |
| Part No. | TS12S-S |
| Manufacturer | SUNTAN |
| Size | 566 Kbytes |
| Pages | 1 page |
| Description | ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR |