Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS12S-V Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TS12S-V Datasheet

  • # Example questions: ➢ How does the esr (equivalent series resistance) change at -40℃ compared to its value at 25℃?
    ➢ Which part number provides a capacitance of 0f and what is its corresponding esr value at 1khz?
    ➢ What is the operating temperature range for these electric double layer capacitors?

  • Part No.TS12S-V
    ManufacturerSUNTAN
    Size367 Kbytes
    Pages1 page
    DescriptionELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
    Datasheet Summary with AI

    # TS12S-V Electric Double Layer Capacitor (Gold Capacitor)

    ## Features
    · Serial structure with two cells of same characteristics.
    · Suitable for backing up CMOS, microcomputers, RAM, VCRs, tuners, TVs, and telephones.
    · Low ESR, high energy density.

    ## Specifications
    · Operating Temperature: -25 to +70℃
    · Rated Voltage: 5.0VDC, 5.5VDC
    · Surge Voltage: 6.3VDC
    · Capacitance Tolerance: -20% to +80%
    · Temperature Characteristics: (at 25℃)
    - +70℃: ΔC/C ≤30%, ESR ≤100%
    - -40℃: ΔC/C ≤50%, ESR ≤400%
    · High Temperature Load (1000 hours @ 70℃): ΔC/C ≤30%, ESR ≤400%
    · High Temperature No Load (1000 hours @ 70℃): ΔC/C ≤30%, ESR ≤200%
    · Humidity Resistance (40℃, 90-95% RH, 240 hours): ΔC/C ≤30%, IL ≤200%, ESR ≤4x initial value

    ## Part Numbers & Dimensions


    | Part Number | Rated Capacitance | Operating Voltage | ESR 1kHz (MΩ) | Size (HxLxW mm) | P (mm) | Ø d (mm) |
    |--------------------|-------------------|-------------------|---------------|-----------------|--------|---------|
    | TS12S-V-5R0-334 | 0.33F | 5.0V | 1200 | 15x16x8 | 11.5 | 0.6 |
    | TS12S-V-5R0-474 | 0.47F | 5.0V | 1200 | 15x16x8 | 11.5 | 0.6 |
    | TS12S-V-5R5-105 | 1.0F | 5.5V | 500 | 22x21x11 | 14.5 | 0.6 |
    | TS12S-V-5R5-205 | 2.0F | 5.5V | 220 | 26x24x13 | 18 | 0.6 |
    | TS12S-V-5R5-405 | 4.0F | 5.5V | 200 | 26x24x13 | 18 | 0.6 |

    ## Contact Information
    · Website: www.suntan.com.hk
    · Email: info@suntan.com.hk
    · Tel: (852) 8202 8782
    · Fax: (852) 8208 6246

    # TS12S-V Electric Double Layer Capacitor (Gold Capacitor)

    ## Features
    · Serial structure with two cells of same characteristics.
    · Suitable for backing up CMOS, microcomputers, RAM, VCRs, tuners, TVs, and telephones.
    · Low ESR, high energy density.

    ## Specifications
    · Operating Temperature: -25 to +70℃
    · Rated Voltage: 5.0VDC, 5.5VDC
    · Surge Voltage: 6.3VDC
    · Capacitance Tolerance: -20% to +80%
    · Temperature Characteristics: (at 25℃)
    - +70℃: ΔC/C ≤30%, ESR ≤100%
    - -40℃: ΔC/C ≤50%, ESR ≤400%
    · High Temperature Load (1000 hours @ 70℃): ΔC/C ≤30%, ESR ≤400%
    · High Temperature No Load (1000 hours @ 70℃): ΔC/C ≤30%, ESR ≤200%
    · Humidity Resistance (40℃, 90-95% RH, 240 hours): ΔC/C ≤30%, IL ≤200%, ESR ≤4x initial value

    ## Part Numbers & Dimensions

    Part Number Rated Capacitance Operating Voltage ESR 1kHz (MΩ) Size (HxLxW mm) P (mm) Ø d (mm)
    TS12S-V-5R0-334 0.33F 5.0V 1200 15x16x8 11.5 0.6
    TS12S-V-5R0-474 0.47F 5.0V 1200 15x16x8 11.5 0.6
    TS12S-V-5R5-105 1.0F 5.5V 500 22x21x11 14.5 0.6
    TS12S-V-5R5-205 2.0F 5.5V 220 26x24x13 18 0.6
    TS12S-V-5R5-405 4.0F 5.5V 200 26x24x13 18 0.6

    ## Contact Information
    · Website: www.suntan.com.hk
    · Email: info@suntan.com.hk
    · Tel: (852) 8202 8782
    · Fax: (852) 8208 6246

    Part No.TS12S-V
    ManufacturerSUNTAN
    Size367 Kbytes
    Pages1 page
    DescriptionELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR