Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FST20200 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about FST20200 Datasheet

  • # Example questions: ➢ How does the maximum instantaneous forward voltage change for both models when the junction temperature increases from 25°c to 175°c?
    ➢ What is the typical thermal resistance, junction to case, in °c/w, for both the fst20180 and fst20200?
    ➢ What is the maximum average forward rectified current for both the fst20180 and fst20200 when the case temperature is 155°c?

  • Part No.FST20200
    ManufacturerEIC
    Size96 Kbytes
    Pages2 pages
    DescriptionDual Schottky Barrier Rectifiers
    Datasheet Summary with AI

    # FST20180 to FST20200 Dual Schottky Barrier Rectifiers

    ## General Information

    · PRV: 180 - 200 Volts
    · Io: 20 Ampere

    ## Features

    · Guard ring for reverse protection
    · Low power loss
    · High efficiency
    · High surge capacity
    · Pb / RoHS Free

    ## Mechanical Data

    · Case: JEDEC TO-220AB molded plastic body
    · Terminals: Plated leads, solderable per MIL-STD-750 Method 2026
    · Polarity: As marked
    · Mounting Position: Any
    · Weight: 2.24 grams (Approximately)

    ## Electrical Characteristics (Ta = 25°C unless otherwise noted)

    · Maximum Ratings:
    - VRRM (Maximum Repetitive Peak Reverse Voltage): FST20180 (180V), FST20200 (200V)
    - IF(AV) (Maximum Average Forward Rectified Current): 20 A
    - IFSM (Maximum Peak Forward Surge Current): 225 A
    - VF (Maximum Instantaneous Forward Voltage): 0.88 V
    - IR (Maximum Reverse Current): 100 μA (at TJ = 25°C)
    · Typical Values:
    - CJ (Typical Junction Capacitance): 190 pF
    - RθJC (Typical Thermal Resistance): 2.4 °C/W
    · Operating and Storage Temperatures: -55 to +175 °C

    ## Notes

    · Pulse Test: Pulse Width 200 µs, Duty Cycle 2%.
    · Certificates: TH97/10561QM, TW00/17276EM

    # FST20180 to FST20200 Dual Schottky Barrier Rectifiers

    ## General Information

    · PRV: 180 - 200 Volts
    · Io: 20 Ampere

    ## Features

    · Guard ring for reverse protection
    · Low power loss
    · High efficiency
    · High surge capacity
    · Pb / RoHS Free

    ## Mechanical Data

    · Case: JEDEC TO-220AB molded plastic body
    · Terminals: Plated leads, solderable per MIL-STD-750 Method 2026
    · Polarity: As marked
    · Mounting Position: Any
    · Weight: 2.24 grams (Approximately)

    ## Electrical Characteristics (Ta = 25°C unless otherwise noted)

    · Maximum Ratings:
    - VRRM (Maximum Repetitive Peak Reverse Voltage): FST20180 (180V), FST20200 (200V)
    - IF(AV) (Maximum Average Forward Rectified Current): 20 A
    - IFSM (Maximum Peak Forward Surge Current): 225 A
    - VF (Maximum Instantaneous Forward Voltage): 0.88 V
    - IR (Maximum Reverse Current): 100 μA (at TJ = 25°C)
    · Typical Values:
    - CJ (Typical Junction Capacitance): 190 pF
    - RθJC (Typical Thermal Resistance): 2.4 °C/W
    · Operating and Storage Temperatures: -55 to +175 °C

    ## Notes

    · Pulse Test: Pulse Width 200 µs, Duty Cycle 2%.
    · Certificates: TH97/10561QM, TW00/17276EM

    Part No.FST20200
    ManufacturerEIC
    Size96 Kbytes
    Pages2 pages
    DescriptionDual Schottky Barrier Rectifiers
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com