Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP2 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TP2 Datasheet

  • # Example questions: ➢ What is the recommended maximum solder temperature and duration for wave soldering these tactile switches?
    ➢ What is the electrical life, in cycles, for a stainless steel dome tactile switch with an operating force of 260gf?
    ➢ What are the available dimension 'h' options for the tp2t series tactile switches with a round stem?

  • Part No.TP2
    ManufacturerGREATECS
    Size159 Kbytes
    Pages1 page
    Description6 x 6 mm THT Tactile Switches with Ground Terminal
    Datasheet Summary with AI

    # Tactile Switches - TP2 Series

    ## Product Overview

    ️· Type: 6 x 6 mm THT Tactile Switches with Ground Terminal
    ️· Series: TP2 Series
    - TP2R: Right Angle Type with Ground Terminal
    - TP2T: Top Type with Ground Terminal

    ## Dimensions & Materials

    ️· Contact Disc: Stainless Steel
    ️· Terminal: Brass with silver plated
    ️· Dome Material: Phosphor Bronze or Stainless Steel
    ️· General Tolerance: ± 0.2 mm
    ️· Stem Height: Individual stem heights available by request

    ## Electrical Specifications

    ️· Rating: 50mA, 12VDC
    ️· Contact Arrangement: 1 pole 1 throw
    ️· Stroke: 0.25 (+0.2/-0.1) mm
    ️· Electrical Life:
    - Phosphor Bronze Dome: 50,000 - 200,000 cycles (depending on operating force)
    - Stainless Steel Dome: 300,000 - 1,000,000 cycles (depending on operating force)

    ## Mechanical & Environmental

    ️· Operation Temperature: -25°C to +70°C
    ️· Storage Temperature: -30°C to +80°C
    ️· Soldering: Wave Soldering (260°C max, 5 seconds)

    ## Stem & Cap Options

    ️· Stem Heights (TP2R): 3.15mm, 3.85mm, 5.85mm, 6.15mm, 8.35mm, 11.85mm (Round Stem)
    - 6.15mm (Square Stem 2.4mm)
    - 6.15mm (Square Stem 2.8mm)
    ️· Stem Heights (TP2T): 4.3mm, 5.0mm, 7.0mm, 7.3mm, 9.5mm, 13.0mm (Round Stem)
    - 7.3mm (Square Stem 2.4mm)
    - 7.3mm (Square Stem 2.8mm)
    ️· Cap Types (Square Stems Only): Square or Round Caps
    ️· Cap Colors: Black, Ivory, Red, Yellow, Green, Blue, Gray, Salmon
    ️· Operating Forces: 100±50gf (Black), 160±50gf (Brown), 260±50gf (Red), 320±80gf (Salmon), 520±130gf (Yellow)

    ## Ordering Information

    ️· Contact: sales@greatecs.com
    ️· Website: www.greatecs.com

    # Tactile Switches - TP2 Series

    ## Product Overview

    ️· Type: 6 x 6 mm THT Tactile Switches with Ground Terminal
    ️· Series: TP2 Series
    - TP2R: Right Angle Type with Ground Terminal
    - TP2T: Top Type with Ground Terminal

    ## Dimensions & Materials

    ️· Contact Disc: Stainless Steel
    ️· Terminal: Brass with silver plated
    ️· Dome Material: Phosphor Bronze or Stainless Steel
    ️· General Tolerance: ± 0.2 mm
    ️· Stem Height: Individual stem heights available by request

    ## Electrical Specifications

    ️· Rating: 50mA, 12VDC
    ️· Contact Arrangement: 1 pole 1 throw
    ️· Stroke: 0.25 (+0.2/-0.1) mm
    ️· Electrical Life:
    - Phosphor Bronze Dome: 50,000 - 200,000 cycles (depending on operating force)
    - Stainless Steel Dome: 300,000 - 1,000,000 cycles (depending on operating force)

    ## Mechanical & Environmental

    ️· Operation Temperature: -25°C to +70°C
    ️· Storage Temperature: -30°C to +80°C
    ️· Soldering: Wave Soldering (260°C max, 5 seconds)

    ## Stem & Cap Options

    ️· Stem Heights (TP2R): 3.15mm, 3.85mm, 5.85mm, 6.15mm, 8.35mm, 11.85mm (Round Stem)
    - 6.15mm (Square Stem 2.4mm)
    - 6.15mm (Square Stem 2.8mm)
    ️· Stem Heights (TP2T): 4.3mm, 5.0mm, 7.0mm, 7.3mm, 9.5mm, 13.0mm (Round Stem)
    - 7.3mm (Square Stem 2.4mm)
    - 7.3mm (Square Stem 2.8mm)
    ️· Cap Types (Square Stems Only): Square or Round Caps
    ️· Cap Colors: Black, Ivory, Red, Yellow, Green, Blue, Gray, Salmon
    ️· Operating Forces: 100±50gf (Black), 160±50gf (Brown), 260±50gf (Red), 320±80gf (Salmon), 520±130gf (Yellow)

    ## Ordering Information

    ️· Contact: sales@greatecs.com
    ️· Website: www.greatecs.com

    Part No.TP2
    ManufacturerGREATECS
    Size159 Kbytes
    Pages1 page
    Description6 x 6 mm THT Tactile Switches with Ground Terminal