Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2CL75 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2CL75 Datasheet

  • # Example questions: ➢ How does the maximum reverse current change between 25°c and 100°c?
    ➢ What is the maximum surge current this diode can withstand?
    ➢ What is the typical junction capacitance of the 2cl75 at 1 mhz?

  • Part No.2CL75
    ManufacturerGETEDZ
    Size78 Kbytes
    Pages1 page
    Description5mA 16kV HIGH VOLTAGE DIODES
    Datasheet Summary with AI

    # 2CL75 HVCA TM - High Voltage Diodes

    ## General Description

    ️· 2CL75 is a high reliability, resin molded high voltage diode in a small package.
    ️· It features a multilayer mesa type silicon chip sealed by epoxy resin.

    ## Features

    ️· High speed switching
    ️· High Current capability
    ️· High surge resistance for CRT discharge
    ️· High reliability design
    ️· High Voltage operation

    ## Applications

    ️· X-light Power supply
    ️· Laser circuits
    ️· Voltage doubler circuits
    ️· Microwave emission power

    ## Maximum Ratings

    Parameter Symbol Condition Value Unit
    Repetitive Peak Reverse Voltage VRRM 16 kV
    Average Output Current IO Ta=25°C, Resistive Load 5 mA
    Surge Current IFSM Peak 0.5 A
    Junction Temperature Tj 125 °C
    Case Temperature Tc 120 °C
    Storage Temperature Tstg -40 to +125 °C

    ## Electrical Characteristics

    Parameter Symbol Condition Value Unit
    Max. Forward Voltage Drop VF at 25°C, IF = IF(AV) 43 V
    Max. Reverse Current (IR1) IR1 at 25°C, VR = VRRM 2.0 μA
    Max. Reverse Current (IR2) IR2 at 100°C, VR = VRRM 5.0 μA
    Max. Reverse Recovery Time Trr at 25°C 100 ns
    Junction Capacitance Cj at 25°C, VR = 0V, f = 1MHz 1.0 pF

    ## Physical Characteristics

    ️· Cathode marked with "2CL75"
    ️· GETE ELECTRONICS CO.,LTD
    ️· Http://www.getedz.com
    ️· E-mail:sales@getedz.com

    # 2CL75 HVCA TM - High Voltage Diodes

    ## General Description

    ️· 2CL75 is a high reliability, resin molded high voltage diode in a small package.
    ️· It features a multilayer mesa type silicon chip sealed by epoxy resin.

    ## Features

    ️· High speed switching
    ️· High Current capability
    ️· High surge resistance for CRT discharge
    ️· High reliability design
    ️· High Voltage operation

    ## Applications

    ️· X-light Power supply
    ️· Laser circuits
    ️· Voltage doubler circuits
    ️· Microwave emission power

    ## Maximum Ratings

    Parameter Symbol Condition Value Unit
    Repetitive Peak Reverse Voltage VRRM 16 kV
    Average Output Current IO Ta=25°C, Resistive Load 5 mA
    Surge Current IFSM Peak 0.5 A
    Junction Temperature Tj 125 °C
    Case Temperature Tc 120 °C
    Storage Temperature Tstg -40 to +125 °C

    ## Electrical Characteristics

    Parameter Symbol Condition Value Unit
    Max. Forward Voltage Drop VF at 25°C, IF = IF(AV) 43 V
    Max. Reverse Current (IR1) IR1 at 25°C, VR = VRRM 2.0 μA
    Max. Reverse Current (IR2) IR2 at 100°C, VR = VRRM 5.0 μA
    Max. Reverse Recovery Time Trr at 25°C 100 ns
    Junction Capacitance Cj at 25°C, VR = 0V, f = 1MHz 1.0 pF

    ## Physical Characteristics

    ️· Cathode marked with "2CL75"
    ️· GETE ELECTRONICS CO.,LTD
    ️· Http://www.getedz.com
    ️· E-mail:sales@getedz.com

    Part No.2CL75
    ManufacturerGETEDZ
    Size78 Kbytes
    Pages1 page
    Description5mA 16kV HIGH VOLTAGE DIODES