| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE4132 Datasheet
# Example questions:
➢ What cable types is this n male connector specifically designed to be used with?
➢ What is the operating temperature range within which this connector will function reliably?
➢ How does the maximum vswr of 3:1 impact signal transmission?
# N Male Connector PE4132
## Overview
️· Connector Type: N Male
️· Cable Compatibility: RG213, RG214, RG8, RG9, RG11, RG225, RG393
️· Attachment Method: Clamp/Solder (Captive Contact)
## Electrical Specifications
️· Frequency Range: DC to 11 GHz
️· Impedance: 50 Ohms
️· Maximum VSWR: 1.3:1
️· Maximum Operating Voltage: 1,000 Volts
️· Dielectric Withstanding Voltage: 2,500 Vrms
## Mechanical Specifications
️· Body Style: Straight
️· Length: 1.51 in [38.35 mm]
️· Width/Diameter: 0.827 in [21 mm]
️· Weight: 0.123 lbs [55.79 g]
️· Operating Temperature: -65 to +165 °C
## Materials & Plating
️· Contact Material: Brass, Gold Plated (30µ in. minimum)
️· Body Material: Brass, Nickel Plated (100µ in. minimum)
️· Dielectric: Teflon
## Compliance
️· RoHS Compliant: Yes
## Additional Information
️· Part Number: PE4132
️· Datasheet/Further Info: [http://www.pasternack.com/n-male-standard-rg213-rg214-rg8-rg9-rg11-rg225-rg393-connector-pe4132-p.aspx](http://www.pasternack.com/n-male-standard-rg213-rg214-rg8-rg9-rg11-rg225-rg393-connector-pe4132-p.aspx)
# N Male Connector PE4132
## Overview
️· Connector Type: N Male
️· Cable Compatibility: RG213, RG214, RG8, RG9, RG11, RG225, RG393
️· Attachment Method: Clamp/Solder (Captive Contact)
## Electrical Specifications
️· Frequency Range: DC to 11 GHz
️· Impedance: 50 Ohms
️· Maximum VSWR: 1.3:1
️· Maximum Operating Voltage: 1,000 Volts
️· Dielectric Withstanding Voltage: 2,500 Vrms
## Mechanical Specifications
️· Body Style: Straight
️· Length: 1.51 in [38.35 mm]
️· Width/Diameter: 0.827 in [21 mm]
️· Weight: 0.123 lbs [55.79 g]
️· Operating Temperature: -65 to +165 °C
## Materials & Plating
️· Contact Material: Brass, Gold Plated (30µ in. minimum)
️· Body Material: Brass, Nickel Plated (100µ in. minimum)
️· Dielectric: Teflon
## Compliance
️· RoHS Compliant: Yes
## Additional Information
️· Part Number: PE4132
️· Datasheet/Further Info: [http://www.pasternack.com/n-male-standard-rg213-rg214-rg8-rg9-rg11-rg225-rg393-connector-pe4132-p.aspx](http://www.pasternack.com/n-male-standard-rg213-rg214-rg8-rg9-rg11-rg225-rg393-connector-pe4132-p.aspx)
| Part No. | PE4132 |
| Manufacturer | PASTERNACK |
| Size | 325 Kbytes |
| Pages | 3 pages |
| Description | N Male Connector Clamp/Solder (Captive Contact) Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393 |