Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE4186 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE4186 Datasheet

  • # Example questions: ➢ What is the maximum vswr of this sma female connector?
    ➢ What type of material is used for the connector body, and what is its plating specification?
    ➢ What are the dimensions of this connector in inches and millimeters for length, width, and height?

  • Part No.PE4186
    ManufacturerPASTERNACK
    Size228 Kbytes
    Pages3 pages
    DescriptionSMA Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
    Datasheet Summary with AI

    # SMA Female Connector - PE4186

    ## General Information
    ️· Part Number: PE4186
    ️· Connector Type: SMA Female
    ️· Attachment: Solder
    ️· Mounting: 4 Hole Flange

    ## Electrical Specifications
    ️· Frequency Range: DC to 18 GHz
    ️· Impedance: 50 Ohms
    ️· VSWR: 1.25:1

    ## Mechanical Specifications
    ️· Length: 0.475 in [12.07 mm]
    ️· Width/Diameter: 0.5 in [13 mm]
    ️· Height: 0.5 in [12.7 mm]
    ️· Weight: 0.008 lbs [3.63 g]
    ️· Hole Spacing: .340 inch

    ## Materials & Plating
    ️· Contact Material: Beryllium Copper
    ️· Contact Plating: Gold (MIL-G-45204, Type II, Class 2)
    ️· Body Material: Stainless Steel
    ️· Body Plating: Gold (MIL-G-45204)
    ️· Dielectric: Teflon

    ## Compliance
    ️· RoHS Compliant: Yes

    ## Additional Information
    ️· Compatible with MIL-C-17 and equivalent cables.
    ️· Dimensions are nominal.
    ️· Specifications subject to change.
    ️· CAD file: 2231FSCMNO53919.

    # SMA Female Connector - PE4186

    ## General Information
    ️· Part Number: PE4186
    ️· Connector Type: SMA Female
    ️· Attachment: Solder
    ️· Mounting: 4 Hole Flange

    ## Electrical Specifications
    ️· Frequency Range: DC to 18 GHz
    ️· Impedance: 50 Ohms
    ️· VSWR: 1.25:1

    ## Mechanical Specifications
    ️· Length: 0.475 in [12.07 mm]
    ️· Width/Diameter: 0.5 in [13 mm]
    ️· Height: 0.5 in [12.7 mm]
    ️· Weight: 0.008 lbs [3.63 g]
    ️· Hole Spacing: .340 inch

    ## Materials & Plating
    ️· Contact Material: Beryllium Copper
    ️· Contact Plating: Gold (MIL-G-45204, Type II, Class 2)
    ️· Body Material: Stainless Steel
    ️· Body Plating: Gold (MIL-G-45204)
    ️· Dielectric: Teflon

    ## Compliance
    ️· RoHS Compliant: Yes

    ## Additional Information
    ️· Compatible with MIL-C-17 and equivalent cables.
    ️· Dimensions are nominal.
    ️· Specifications subject to change.
    ️· CAD file: 2231FSCMNO53919.

    Part No.PE4186
    ManufacturerPASTERNACK
    Size228 Kbytes
    Pages3 pages
    DescriptionSMA Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing