Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.LR393D
MfrLRC
Size163 Kbytes
Pages6 pages
DescriptionDual Differential Comparators 5.0nA; Low input offset voltage: 5.0mV
Datasheet SummaryAI
1. Overview & Functionality

️· Device: LR393
️· Type: Dual Comparator
️· Purpose: The LR393 is a dual comparator integrated circuit (IC). Comparators are used to compare two voltages and output a high or low signal depending on which voltage is greater. The "dual" designation means there are two independent comparators within the same chip.
️· Applications: This comparator is suitable for a wide variety of applications, including:
- Zero-crossing detectors
- Waveform shaping
- Voltage comparators
- Fast response time for fast logic circuits
- Temperature detection

2. Pinout & Description (Refer to the diagram in the full document)

️· Dual supply voltages: Able to work with single or dual supply voltages
️· Common pins: Each comparator has an Inverting Input (–), a Non-inverting Input (+), an Output (Out), and a Ground (GND) pin. A VCC (Positive Supply) pin.

3. Absolute Maximum Ratings

️· Supply Voltage (Single): 18V to 36V
️· Supply Voltage (Dual): 36V
️· Differential Input Voltage: 36V
️· Input Common-Mode Voltage Range: 0V to 36V – 2.0V (relative to VCC)
️· Output Short-Circuit Current: 20mA
️· Input Current: 50mA
️· Junction Temperature: 125°C
️· Power Dissipation: 570mW
️· Operating Temperature Range: 0°C to 70°C
️· Storage Temperature Range: -65°C to 150°C

4. Electrical Characteristics (Key Values)

️· Input Offset Voltage: Typically 1.0mV to 5.0mV (can be up to 9.0 mV over temp)
️· Input Offset Current: Typically 5.0nA to 50nA (can be up to 150nA over temp)
️· Input Bias Current: Typically 25nA to 250nA (can be up to 400nA over temp)
️· Input Common-Mode Voltage Range: 0V to 36V – 2.0V
️· Supply Current (Dual Comparators): 0.4mA to 1.0mA
️· Voltage Gain: 50 to 200 V/mV
️· Response Times: Measured in nanoseconds (ns) - typically around 300ns to 1.3ns

5. Application Circuits (Examples)

️· Zero Crossing Detector: This circuit detects when a waveform crosses a specific voltage level. Can be used with a single or dual supply
️· Free-Running Square Wave Oscillator: This configuration uses the comparator to generate a square wave signal.
️· Time Delay Generator: The comparator is used in conjunction with a timing capacitor to create a time delay circuit.

6. Mechanical Dimensions

️· The datasheet includes detailed mechanical drawings for both DIP-8 (Dual Inline Package) and SOP-8 (Small Outline Package) versions of the IC. These drawings provide the physical dimensions of the chip.

Key takeaways:

️· Fast and Versatile: The LR393 is a relatively fast and versatile dual comparator suitable for a wide range of applications.
️· Wide Voltage Range: It can operate with a wide range of supply voltages.
️· Important Specs: Pay close attention to the offset voltage, bias current, and response times when designing circuits using this IC.
LR393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about LR393D Datasheet.
    Example questions: ➤ What is the significance of this relationship in maintaining accuracy for zero-crossing detection?➤ What is the typical input offset voltage (vio) for the lr393?➤ What is the primary function of d1 in the zero-crossing detector?
  • Datasheet Details
    Part No.LR393D
    ManufacturerLRC
    Size163 Kbytes
    Pages6 pages
    DescriptionDual Differential Comparators 5.0nA; Low input offset voltage: 5.0mV
    Datasheet Summary AI Expand summary
    1. Overview & Functionality

    ️· Device: LR393
    ️· Type: Dual Comparator
    ️· Purpose: The LR393 is a dual comparator integrated circuit (IC). Comparators are used to compare two voltages and output a high or low signal depending on which voltage is greater. The "dual" designation means there are two independent comparators within the same chip.
    ️· Applications: This comparator is suitable for a wide variety of applications, including:
    - Zero-crossing detectors
    - Waveform shaping
    - Voltage comparators
    - Fast response time for fast logic circuits
    - Temperature detection

    2. Pinout & Description (Refer to the diagram in the full document)

    ️· Dual supply voltages: Able to work with single or dual supply voltages
    ️· Common pins: Each comparator has an Inverting Input (–), a Non-inverting Input (+), an Output (Out), and a Ground (GND) pin. A VCC (Positive Supply) pin.

    3. Absolute Maximum Ratings

    ️· Supply Voltage (Single): 18V to 36V
    ️· Supply Voltage (Dual): 36V
    ️· Differential Input Voltage: 36V
    ️· Input Common-Mode Voltage Range: 0V to 36V – 2.0V (relative to VCC)
    ️· Output Short-Circuit Current: 20mA
    ️· Input Current: 50mA
    ️· Junction Temperature: 125°C
    ️· Power Dissipation: 570mW
    ️· Operating Temperature Range: 0°C to 70°C
    ️· Storage Temperature Range: -65°C to 150°C

    4. Electrical Characteristics (Key Values)

    ️· Input Offset Voltage: Typically 1.0mV to 5.0mV (can be up to 9.0 mV over temp)
    ️· Input Offset Current: Typically 5.0nA to 50nA (can be up to 150nA over temp)
    ️· Input Bias Current: Typically 25nA to 250nA (can be up to 400nA over temp)
    ️· Input Common-Mode Voltage Range: 0V to 36V – 2.0V
    ️· Supply Current (Dual Comparators): 0.4mA to 1.0mA
    ️· Voltage Gain: 50 to 200 V/mV
    ️· Response Times: Measured in nanoseconds (ns) - typically around 300ns to 1.3ns

    5. Application Circuits (Examples)

    ️· Zero Crossing Detector: This circuit detects when a waveform crosses a specific voltage level. Can be used with a single or dual supply
    ️· Free-Running Square Wave Oscillator: This configuration uses the comparator to generate a square wave signal.
    ️· Time Delay Generator: The comparator is used in conjunction with a timing capacitor to create a time delay circuit.

    6. Mechanical Dimensions

    ️· The datasheet includes detailed mechanical drawings for both DIP-8 (Dual Inline Package) and SOP-8 (Small Outline Package) versions of the IC. These drawings provide the physical dimensions of the chip.

    Key takeaways:

    ️· Fast and Versatile: The LR393 is a relatively fast and versatile dual comparator suitable for a wide range of applications.
    ️· Wide Voltage Range: It can operate with a wide range of supply voltages.
    ️· Important Specs: Pay close attention to the offset voltage, bias current, and response times when designing circuits using this IC.