Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE44346 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE44346 Datasheet

  • # Example questions: ➢ What is the operating temperature range for this 4mm female bulkhead connector?
    ➢ What cable types are compatible with this connector, besides pe-sr405al, pe-sr405fl, and rg405?
    ➢ How does the connector's maximum vswr of 3:1 affect signal transmission?

  • Part No.PE44346
    ManufacturerPASTERNACK
    Size228 Kbytes
    Pages3 pages
    Description2.4mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .252 inch D Hole
    Datasheet Summary with AI

    # 2.4mm Female Bulkhead Connector - PE44346

    ## Specifications
    ️· Connector Type: 2.4mm Female
    ️· Interface Type: PE-SR405AL, PE-SR405FL, RG405
    ️· Mounting: Bulkhead
    ️· Attachment Method: Clamp/Solder
    ️· Impedance: 50 Ohms
    ️· Frequency Range: DC to 50 GHz
    ️· VSWR: 1.3:1 (max)
    ️· Insertion Loss: 0.35 dB (max)
    ️· Operating Temperature: -55 to +100 °C
    ️· Body Material: Passivated Stainless Steel
    ️· Contact Material: Beryllium Copper, Gold Plated
    ️· Dielectric Type: PPO
    ️· Mating Cycles: 500

    ## Mechanical Dimensions
    ️· Length: 0.97 in [24.64 mm]
    ️· Diameter: 0.312 in [7.92 mm]

    ️· Weight: 0.013 lbs [5.9 g]

    ## Compliance
    ️· RoHS: Compliant

    ## Notes
    ️· Fits MIL-C-17 and equivalent cables.
    ️· Dimensions are nominal.
    ️· Specifications subject to change.

    # 2.4mm Female Bulkhead Connector - PE44346

    ## Specifications
    ️· Connector Type: 2.4mm Female
    ️· Interface Type: PE-SR405AL, PE-SR405FL, RG405
    ️· Mounting: Bulkhead
    ️· Attachment Method: Clamp/Solder
    ️· Impedance: 50 Ohms
    ️· Frequency Range: DC to 50 GHz
    ️· VSWR: 1.3:1 (max)
    ️· Insertion Loss: 0.35 dB (max)
    ️· Operating Temperature: -55 to +100 °C
    ️· Body Material: Passivated Stainless Steel
    ️· Contact Material: Beryllium Copper, Gold Plated
    ️· Dielectric Type: PPO
    ️· Mating Cycles: 500

    ## Mechanical Dimensions
    ️· Length: 0.97 in [24.64 mm]
    ️· Diameter: 0.312 in [7.92 mm]
    ️· Weight: 0.013 lbs [5.9 g]

    ## Compliance
    ️· RoHS: Compliant

    ## Notes
    ️· Fits MIL-C-17 and equivalent cables.
    ️· Dimensions are nominal.
    ️· Specifications subject to change.

    Part No.PE44346
    ManufacturerPASTERNACK
    Size228 Kbytes
    Pages3 pages
    Description2.4mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .252 inch D Hole